Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320LF2407PGE Datasheet(PDF) 9 Page - Texas Instruments

Part # TMS320LF2407PGE
Description  DSP CONTROLLERS
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320LF2407PGE Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMS320LF2407PGE Datasheet HTML 5Page - Texas Instruments TMS320LF2407PGE Datasheet HTML 6Page - Texas Instruments TMS320LF2407PGE Datasheet HTML 7Page - Texas Instruments TMS320LF2407PGE Datasheet HTML 8Page - Texas Instruments TMS320LF2407PGE Datasheet HTML 9Page - Texas Instruments TMS320LF2407PGE Datasheet HTML 10Page - Texas Instruments TMS320LF2407PGE Datasheet HTML 11Page - Texas Instruments TMS320LF2407PGE Datasheet HTML 12Page - Texas Instruments TMS320LF2407PGE Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 106 page
background image
TMS320LF2407, TMS320LF2406, TMS320LF2402
TMS320LC2406, TMS320LC2404, TMS320LC2402
DSP CONTROLLERS
SPRS094C – APRIL 1999 – REVISED OCTOBER 1999
9
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
pin functions (continued)
Table 2. ’LF240x and ’LC240x Pin List and Package Options†‡ (Continued)
PIN NAME
’LF2407
’2406
’LC2404
’2402
DESCRIPTION
ANALOG-TO-DIGITAL CONVERTER (ADC)
ADCIN00
112
79
79
18
Analog input #0 to the ADC
ADCIN01
110
77
77
17
Analog input #1 to the ADC
ADCIN02
107
74
74
16
Analog input #2 to the ADC
ADCIN03
105
72
72
15
Analog input #3 to the ADC
ADCIN04
103
70
70
14
Analog input #4 to the ADC
ADCIN05
102
69
69
13
Analog input #5 to the ADC
ADCIN06
100
67
67
12
Analog input #6 to the ADC
ADCIN07
99
66
66
11
Analog input #7 to the ADC
ADCIN08
113
80
80
Analog input #8 to the ADC
ADCIN09
111
78
78
Analog input #9 to the ADC
ADCIN10
109
76
76
Analog input #10 to the ADC
ADCIN11
108
75
75
Analog input #11 to the ADC
ADCIN12
106
73
73
Analog input #12 to the ADC
ADCIN13
104
71
71
Analog input #13 to the ADC
ADCIN14
101
68
68
Analog input #14 to the ADC
ADCIN15
98
65
65
Analog input #15 to the ADC
VREFHI
115
82
82
20
ADC analog high-voltage reference input
VREFLO
114
81
81
19
ADC analog low-voltage reference input
VCCA
116
83
83
21
Analog supply voltage for ADC (3.3 V). VCCA must
be isolated from digital supply voltage.
VSSA
117
84
84
22
Analog ground reference for ADC
CONTROLLER AREA NETWORK (CAN), SERIAL COMMUNICATIONS INTERFACE (SCI), SERIAL PERIPHERAL INTERFACE (SPI)
CANRX/
IOPC7
CANRX
70
49
CAN receive data or GPIO
(
↑)
CANRX/
IOPC7
IOPC7
70
49
49
63
CAN receive data or GPIO
(
↑)
CANTX/
IOPC6
CANTX
72
50
CAN transmit data or GPIO
(
↑)
CANTX/
IOPC6
IOPC6
72
50
50
64
CAN transmit data or GPIO
(
↑)
SCITXD/
IOPA0
25
17
17
43
SCI asynchronous serial port transmit data or
GPIO
(
↑)
SCIRXD/
IOPA1
26
18
18
44
SCI asynchronous serial port receive data or or
GPIO
(
↑)
SPICLK/
IOPC4
SPICLK
35
24
24
SPI clock or GPIO
(
↑)
SPICLK/
IOPC4
IOPC4
35
24
24
47
SPI clock or GPIO
(
↑)
SPISIMO/
IOPC2
SPISIMO
30
21
21
SPI slave in master out or GPIO
(
↑)
SPISIMO/
IOPC2
IOPC2
30
21
21
45
SPI slave in, master out or GPIO
(
↑)
SPISOMI/
IOPC3
SPISOMI
32
22
22
SPI slave out master in or GPIO
(
↑)
SPISOMI/
IOPC3
IOPC3
32
22
22
46
SPI slave out, master in or GPIO
(
↑)
SPISTE/
IOPC5
SPISTE
33
23
23
SPI slave transmit enable (optional) or GPIO
(
↑)
SPISTE/
IOPC5
IOPC5
33
23
23
SPI slave transmit enable (optional) or GPIO
(
↑)
† Bold, italicized pin names indicate pin function after reset.
‡ GPIO – General-purpose input/output pin. All GPIOs come up as input after reset.
LEGEND:
↑ – Internal pullup
↓ – Internal pulldown


Similar Part No. - TMS320LF2407PGE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320LF2407PGE TI-TMS320LF2407PGE Datasheet
1Mb / 106P
[Old version datasheet]   DSP CONTROLLERS
TMS320LF2407PGEA TI1-TMS320LF2407PGEA Datasheet
1Mb / 117P
[Old version datasheet]   DSP CONTROLLERS
TMS320LF2407PGES TI1-TMS320LF2407PGES Datasheet
1Mb / 117P
[Old version datasheet]   DSP CONTROLLERS
More results

Similar Description - TMS320LF2407PGE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320LC2401A TI-TMS320LC2401A Datasheet
1Mb / 88P
[Old version datasheet]   DSP CONTROLLERS
TMS320LC2406A TI-TMS320LC2406A Datasheet
1Mb / 133P
[Old version datasheet]   DSP CONTROLLERS
TMS320F243 TI-TMS320F243_07 Datasheet
1Mb / 121P
[Old version datasheet]   DSP CONTROLLERS
TMS320LF2401A TI-TMS320LF2401A_07 Datasheet
1Mb / 88P
[Old version datasheet]   DSP CONTROLLERS
SM320LF2407-EP TI1-SM320LF2407-EP Datasheet
1Mb / 112P
[Old version datasheet]   DSP CONTROLLERS
TMS320F241 TI1-TMS320F241_13 Datasheet
1Mb / 122P
[Old version datasheet]   DSP CONTROLLERS
TMS320LF2407 TI-TMS320LF2407_08 Datasheet
1Mb / 116P
[Old version datasheet]   DSP CONTROLLERS
TMS320LF2407 TI-TMS320LF2407 Datasheet
1Mb / 106P
[Old version datasheet]   DSP CONTROLLERS
SM320LF2407A-EP TI1-SM320LF2407A-EP Datasheet
1Mb / 112P
[Old version datasheet]   DSP CONTROLLERS
TMS320LF2407 TI1-TMS320LF2407_13 Datasheet
1Mb / 117P
[Old version datasheet]   DSP CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com