Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPCS8101 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TPCS8101
Description  TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS II)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCS8101 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TPCS8101 Datasheet HTML 1Page - Toshiba Semiconductor TPCS8101 Datasheet HTML 2Page - Toshiba Semiconductor TPCS8101 Datasheet HTML 3Page - Toshiba Semiconductor TPCS8101 Datasheet HTML 4Page - Toshiba Semiconductor TPCS8101 Datasheet HTML 5Page - Toshiba Semiconductor TPCS8101 Datasheet HTML 6Page - Toshiba Semiconductor TPCS8101 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TPCS8101
2003-02-20
2
Thermal Characteristics
Characteristics
Symbol
Max
Unit
Thermal resistance, channel to ambient
(t = 10 s)
(Note 2a)
Rth (ch-a)
83.3
°C/W
Thermal resistance, channel to ambient
(t = 10 s)
(Note 2b)
Rth (ch-a)
208
°C/W
Marking (Note 5)
Note 1: Please use devices on condition that the channel temperature is below 150°C.
Note 2:
a) Device mounted on a glass-epoxy board (a)
b)
Device mounted on a glass-epoxy board (b)
Note 3: VDD = −24 V, Tch = 25°C (initial), L = 1.0 mH, RG = 25 Ω, IAR = −6.0 A
Note 4: Repetitive rating: pulse width limited by maximum channel temperature
Note 5: ○ on lower right of the marking indicates Pin 1.
Type
S8101
FR-4
25.4 × 25.4 × 0.8
(unit: mm)
FR-4
25.4 × 25.4 × 0.8
(unit: mm)
Lot No.
Weekly code:
(Three digits)
Week of manufacture
(01 for first week of year, continues up to 52 or 53)
Year of manufacture
(One low-order digits of calendar year)


Similar Part No. - TPCS8101

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCS8102 TOSHIBA-TPCS8102 Datasheet
392Kb / 7P
   Lithium Ion Battery Applications Portable Equipment Applications Notebook PCs
TPCS8102 TOSHIBA-TPCS8102 Datasheet
783Kb / 7P
   Lithium-Ion Battery Applications Portable Equipment Applications Notebook PC Applications
TPCS8102 TOSHIBA-TPCS8102_06 Datasheet
783Kb / 7P
   Lithium-Ion Battery Applications Portable Equipment Applications Notebook PC Applications
TPCS8104 TOSHIBA-TPCS8104 Datasheet
378Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type
TPCS8104 TOSHIBA-TPCS8104 Datasheet
248Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
More results

Similar Description - TPCS8101

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM3J134TU TOSHIBA-SSM3J134TU Datasheet
209Kb / 6P
   TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
TPCP8302 TOSHIBA-TPCP8302 Datasheet
233Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
SSM3J135TU TOSHIBA-SSM3J135TU Datasheet
196Kb / 6P
   TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
SSM3J133TU TOSHIBA-SSM3J133TU Datasheet
193Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (U-MOS??
TPCP8102 TOSHIBA-TPCP8102 Datasheet
238Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (U-MOS ??
TPCP8301 TOSHIBA-TPCP8301 Datasheet
294Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
TPCF8104 TOSHIBA-TPCF8104_07 Datasheet
228Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
SSM3J325F TOSHIBA-SSM3J325F Datasheet
193Kb / 6P
   TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
TPC8209 TOSHIBA-TPC8209 Datasheet
312Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS II)
TPCS8205 TOSHIBA-TPCS8205 Datasheet
293Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS II)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com