Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320LF2402PGE Datasheet(PDF) 3 Page - Texas Instruments

Part # TMS320LF2402PGE
Description  DSP CONTROLLERS
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320LF2402PGE Datasheet(HTML) 3 Page - Texas Instruments

  TMS320LF2402PGE Datasheet HTML 1Page - Texas Instruments TMS320LF2402PGE Datasheet HTML 2Page - Texas Instruments TMS320LF2402PGE Datasheet HTML 3Page - Texas Instruments TMS320LF2402PGE Datasheet HTML 4Page - Texas Instruments TMS320LF2402PGE Datasheet HTML 5Page - Texas Instruments TMS320LF2402PGE Datasheet HTML 6Page - Texas Instruments TMS320LF2402PGE Datasheet HTML 7Page - Texas Instruments TMS320LF2402PGE Datasheet HTML 8Page - Texas Instruments TMS320LF2402PGE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 106 page
background image
TMS320LF2407, TMS320LF2406, TMS320LF2402
TMS320LC2406, TMS320LC2404, TMS320LC2402
DSP CONTROLLERS
SPRS094C – APRIL 1999 – REVISED OCTOBER 1999
3
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
TMS320x240x device summary
Note that throughout this data sheet, ’240x is used as a generic name for the ’LF240x/’LC240x family of devices.
Table 1. Hardware Features of ’240x Devices
FEATURE
’LF2407†
’LF2406
’LF2402
’LC2406
’LC2404
’LC2402
’C2xx DSP Core
Yes
Yes
Yes
Yes
Yes
Yes
Instruction Cycle
33 ns
33 ns
33 ns
33 ns
33 ns
33 ns
MIPS (30 MHz)
30 MIPS
30 MIPS
30 MIPS
30 MIPS
30 MIPS
30 MIPS
RAM (16 bit word)
DARAM
544
544
544
544
544
544
RAM (16-bit word)
SARAM
2K
2K
2K
1K
On-chip Flash (16-bit word)
(4 sectors: 4K, 12K, 12K, 4K)
32K
32K
8K
On-chip ROM (16-bit word)
32K
16K
4K
Boot ROM (16-bit word)
256
256
256
External Memory Interface
Yes
Event Managers A and B
(EVA and EVB)
EVA, EVB
EVA, EVB
EVA
EVA, EVB
EVA, EVB
EVA
S
General-Purpose (GP) Timers
4
4
2
4
4
2
S
Compare (CMP)/PWM
10/16
10/16
5/8
10/16
10/16
5/8
S
Capture (CAP)/QEP
6/4
6/4
3/2
6/4
6/4
3/2
Watchdog Timer
Yes
Yes
Yes
Yes
Yes
Yes
10-Bit ADC
Yes
Yes
Yes
Yes
Yes
Yes
S
Channels
16
16
8
16
16
8
S
Conversion Time (minimum)
500 ns
500 ns
500 ns
500 ns
500 ns
500 ns
SPI
Yes
Yes
Yes
Yes
SCI
Yes
Yes
Yes
Yes
Yes
Yes
CAN
Yes
Yes
Yes
Digital I/O Pins (Shared)
41
41
21
41
41
21
External Interrupts
5
5
3
5
5
3
Supply Voltage
3.3 V
3.3 V
3.3 V
3.3 V
3.3 V
3.3 V
Packaging
144 TQFP
100 TQFP
64 PQFP
100 TQFP
100 TQFP
64 PQFP
’LF2407, the full-featured device of the ’LF240x family of DSP controllers, is useful for emulation and code development.


Similar Part No. - TMS320LF2402PGE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320LF2402PGE TI-TMS320LF2402PGE Datasheet
1Mb / 106P
[Old version datasheet]   DSP CONTROLLERS
More results

Similar Description - TMS320LF2402PGE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320LC2401A TI-TMS320LC2401A Datasheet
1Mb / 88P
[Old version datasheet]   DSP CONTROLLERS
TMS320LC2406A TI-TMS320LC2406A Datasheet
1Mb / 133P
[Old version datasheet]   DSP CONTROLLERS
TMS320F243 TI-TMS320F243_07 Datasheet
1Mb / 121P
[Old version datasheet]   DSP CONTROLLERS
TMS320LF2401A TI-TMS320LF2401A_07 Datasheet
1Mb / 88P
[Old version datasheet]   DSP CONTROLLERS
SM320LF2407-EP TI1-SM320LF2407-EP Datasheet
1Mb / 112P
[Old version datasheet]   DSP CONTROLLERS
TMS320F241 TI1-TMS320F241_13 Datasheet
1Mb / 122P
[Old version datasheet]   DSP CONTROLLERS
TMS320LF2407 TI-TMS320LF2407_08 Datasheet
1Mb / 116P
[Old version datasheet]   DSP CONTROLLERS
TMS320LF2407 TI-TMS320LF2407 Datasheet
1Mb / 106P
[Old version datasheet]   DSP CONTROLLERS
SM320LF2407A-EP TI1-SM320LF2407A-EP Datasheet
1Mb / 112P
[Old version datasheet]   DSP CONTROLLERS
TMS320LF2407 TI1-TMS320LF2407_13 Datasheet
1Mb / 117P
[Old version datasheet]   DSP CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com