Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320LF2407PZA Datasheet(PDF) 10 Page - Texas Instruments

Part # TMS320LF2407PZA
Description  DSP CONTROLLERS
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320LF2407PZA Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMS320LF2407PZA Datasheet HTML 6Page - Texas Instruments TMS320LF2407PZA Datasheet HTML 7Page - Texas Instruments TMS320LF2407PZA Datasheet HTML 8Page - Texas Instruments TMS320LF2407PZA Datasheet HTML 9Page - Texas Instruments TMS320LF2407PZA Datasheet HTML 10Page - Texas Instruments TMS320LF2407PZA Datasheet HTML 11Page - Texas Instruments TMS320LF2407PZA Datasheet HTML 12Page - Texas Instruments TMS320LF2407PZA Datasheet HTML 13Page - Texas Instruments TMS320LF2407PZA Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 106 page
background image
TMS320LF2407, TMS320LF2406, TMS320LF2402
TMS320LC2406, TMS320LC2404, TMS320LC2402
DSP CONTROLLERS
SPRS094C – APRIL 1999 – REVISED OCTOBER 1999
10
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
pin functions (continued)
Table 2. ’LF240x and ’LC240x Pin List and Package Options†‡ (Continued)
PIN NAME
’LF2407
’2406
’LC2404
’2402
DESCRIPTION
EXTERNAL INTERRUPTS, CLOCK
RS
133
93
93
28
Device reset. RS causes the ’240x to terminate
execution and sets PC = 0. When RS is brought to a
high level, execution begins at location zero of
program memory. RS affects (or sets to zero) various
registers and status bits. When the watchdog timer
overflows, it initiates a system reset pulse that is
reflected on the RS pin.
(
↑)
PDPINTA
7
6
6
36
Power drive protection interrupt input. This interrupt,
when activated, puts the PWM output pins (EVA) in the
high-impedance state should motor drive/power
converter abnormalities, such as overvoltage or
overcurrent, etc., arise. PDPINTA is a
falling-edge-sensitive interrupt.
(
↑)
XINT1/
IOPA2
23
16
16
External user interrupt 1 or GPIO. Both XINT1 and
XINT2 are edge-sensitive. The edge polarity is
programmable.
(
↑)
XINT2/ADCSOC/
IOPD0
21
15
15
42
External user interrupt 2 and ADC start of conversion
or GPIO. External “start-of-conversion” input for
ADC/GPIO. Both XINT1 and XINT2 are
edge-sensitive. The edge polarity is
programmable.
(
↑)
CLKOUT/IOPE0
73
51
51
1
Clock output or GPIO. This pin outputs either the CPU
clock (CLKOUT) or the watchdog clock (WDCLK). The
selection is made by the CLKSRC bit (bit 14) of the
System Control and Status Register (SCSR). This pin
can be used as a GPIO if not used as a clock output
pin.
(
↑)
PDPINTB
137
95
95
Power drive protection interrupt input. This interrupt,
when activated, puts the PWM output pins (EVB) in
the high-impedance state should motor drive/power
converter abnormalities, such as overvoltage or
overcurrent, etc., arise. PDPINT is a
falling-edge-sensitive interrupt.
(
↑)
OSCILLATOR, PLL, FLASH, BOOT, AND MISCELLANEOUS
XTAL1/CLKIN
123
87
87
24
PLL oscillator input pin. Crystal input to PLL/clock
source input to PLL. XTAL1/CLKIN is tied to one side
of a reference crystal.
XTAL2
124
88
88
25
Crystal output. PLL oscillator output pin. XTAL2 is tied
to one side of a reference crystal. This pin goes in the
high-impedance state when EMU1/OFF is active low.
PLLF
11
9
9
38
Filter input 1
PLLVCCA
12
10
10
39
PLL supply (3.3 V)
PLLF2
10
8
8
37
Filter input 2
BOOT EN /XF
BOOT_EN
121
86
23
Boot ROM enable, GPO, XF. This pin will be sampled
as input (BOOT_EN) to update SCSR2.3 (BOOT_EN
bit) during reset and then driven as an output signal for
BOOT_EN / XF
XF
121
86
86
23
bit) during reset and then driven as an output signal for
XF. ROM devices do not have boot ROM, hence, no
BOOT_EN modes.
(
↑)
† Bold, italicized pin names indicate pin function after reset.
‡ GPIO – General-purpose input/output pin. All GPIOs come up as input after reset.
LEGEND:
↑ – Internal pullup
↓ – Internal pulldown


Similar Part No. - TMS320LF2407PZA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320LF2407PZ TI-TMS320LF2407PZ Datasheet
1Mb / 106P
[Old version datasheet]   DSP CONTROLLERS
More results

Similar Description - TMS320LF2407PZA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320LC2401A TI-TMS320LC2401A Datasheet
1Mb / 88P
[Old version datasheet]   DSP CONTROLLERS
TMS320LC2406A TI-TMS320LC2406A Datasheet
1Mb / 133P
[Old version datasheet]   DSP CONTROLLERS
TMS320F243 TI-TMS320F243_07 Datasheet
1Mb / 121P
[Old version datasheet]   DSP CONTROLLERS
TMS320LF2401A TI-TMS320LF2401A_07 Datasheet
1Mb / 88P
[Old version datasheet]   DSP CONTROLLERS
SM320LF2407-EP TI1-SM320LF2407-EP Datasheet
1Mb / 112P
[Old version datasheet]   DSP CONTROLLERS
TMS320F241 TI1-TMS320F241_13 Datasheet
1Mb / 122P
[Old version datasheet]   DSP CONTROLLERS
TMS320LF2407 TI-TMS320LF2407_08 Datasheet
1Mb / 116P
[Old version datasheet]   DSP CONTROLLERS
TMS320LF2407 TI-TMS320LF2407 Datasheet
1Mb / 106P
[Old version datasheet]   DSP CONTROLLERS
SM320LF2407A-EP TI1-SM320LF2407A-EP Datasheet
1Mb / 112P
[Old version datasheet]   DSP CONTROLLERS
TMS320LF2407 TI1-TMS320LF2407_13 Datasheet
1Mb / 117P
[Old version datasheet]   DSP CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com