Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2781IDR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2781IDR
Description  FAMILY OF 1.8V HIGH SPEED RAIL TO RAIL INPUT OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2781IDR Datasheet(HTML) 1 Page - Texas Instruments

  TLV2781IDR Datasheet HTML 1Page - Texas Instruments TLV2781IDR Datasheet HTML 2Page - Texas Instruments TLV2781IDR Datasheet HTML 3Page - Texas Instruments TLV2781IDR Datasheet HTML 4Page - Texas Instruments TLV2781IDR Datasheet HTML 5Page - Texas Instruments TLV2781IDR Datasheet HTML 6Page - Texas Instruments TLV2781IDR Datasheet HTML 7Page - Texas Instruments TLV2781IDR Datasheet HTML 8Page - Texas Instruments TLV2781IDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
TLV2780, TLV2781, TLV2782, TLV2783, TLV2784, TLV2785, TLV278xA
FAMILY OF 1.8 V HIGHSPEED RAILTORAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS245E − MARCH 2000 − REVISED JANUARY 2005
1
WWW.TI.COM
D Supply Voltage Range . . . 1.8 V to 3.6 V
D Rail-to-Rail Input/Output
D High Bandwidth ...8 MHz
D High Slew Rate . . . 4.8 V/µs
D VICR Exceeds Rails ...−0.2 V to VDD+ 0.2
D Supply Current . . . 650 µA/Channel
D Input Noise Voltage ...9 nV/√Hz at 10 kHz
D Specified Temperature Range:
0
°C to 70°C... Commercial Grade
−40
°C to 125°C... Industrial Grade
D Ultrasmall Packaging
D Universal Operational Amplifier EVM
description
The TLV278x single supply operational amplifiers
provide rail-to-rail input and output capability. The
TLV278x takes the minimum operating supply
voltage down to 1.8 V over the extended industrial
temperature range (−40
°C to 125°C) while adding
the rail-to-rail output swing feature. The TLV278x also provides 8 MHz bandwidth from only 650
µA of supply
current. The maximum recommended supply voltage is 3.6 V, which allows the devices to be operated from
(
±1.8 V supplies down to ±0.9 V) two rechargeable cells.
The combination of wide bandwidth, low noise, and low distortion makes it ideal for high speed and high
resolution data converter applications.
All members are available in PDIP, SOIC, and the newer, smaller SOT-23 (singles), MSOP (duals), and TSSOP
(quads).
FAMILY PACKAGE TABLE
DEVICE
VDD
[V]
VIO
[
µV]
IDD/ch
[
µA]
IIB
[pA]
GBW
[MHz]
SLEW RATE
[V/
µs]
Vn, 1 kHz
[nV/
√Hz]
IO
[mA]
SHUTDOWN
RAIL-TO-
RAIL
TLV278x(A)
1.8−3.6
250
650
2.5
8
5
18
10
Y
I/O
TLV276x(A)
1.8−3.6
550
20
3
0.5
0.23
95
5
Y
I/O
TLV246x(A)
2.7−6
150
550
1300
6.4
1.6
11
25
Y
I/O
TLV247x(A)
2.7−6
250
600
2.5
2.8
1.5
15
20
Y
I/O
TLV244x(A)
2.7−10
300
750
1
1.81
1.4
16
2
O
TLV277x(A)
2.5−5.5
360
1000
2
5.1
10.5
17
6
Y
O
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2000−2005, Texas Instruments Incorporated
240
210
180
150
120
90
60
30
0
−30
−60
−90
−120
0
20
40
70
80
1 k
10 k
100 k
DIFFERENTIAL VOLTAGE AMPLIFICATION AND PHASE
vs
FREQUENCY
f − Frequency − Hz
60
50
30
10
−10
−20
−30
−40
1 M
10 M
VDD = 1.8 V & 2.7 V
RL= 2 kΩ
CL = 10 pF
TA = 25° C
Gain
Phase
Operational Amplifier
+


Similar Part No. - TLV2781IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2781IDR TI1-TLV2781IDR Datasheet
1Mb / 44P
[Old version datasheet]   FAMILY OF 1.8V HIGHT-SPEED RAIL-TORAIL INPUT/OUTPUT
More results

Similar Description - TLV2781IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2764IPWG4 TI-TLV2764IPWG4 Datasheet
1Mb / 43P
[Old version datasheet]   FAMILY OF 1.8V MICROPOWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2780 TI-TLV2780 Datasheet
501Kb / 26P
[Old version datasheet]   FAMILY OF 1.8 V HIGH-SPEED RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460 TI-TLV2460_07 Datasheet
1Mb / 58P
[Old version datasheet]   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460 TI-TLV2460 Datasheet
1Mb / 54P
[Old version datasheet]   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460A-Q1 TI-TLV2460A-Q1 Datasheet
692Kb / 33P
[Old version datasheet]   FAMILY OF LOW POWER RAIL TO RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460 TI1-TLV2460_16 Datasheet
2Mb / 71P
[Old version datasheet]   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2470 TI1-TLV2470_16 Datasheet
2Mb / 64P
[Old version datasheet]   FAMILY OF 600muA/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2470 TI-TLV2470_07 Datasheet
2Mb / 53P
[Old version datasheet]   FAMILY OF 600mA/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2450 TI1-TLV2450_16 Datasheet
1Mb / 60P
[Old version datasheet]   FAMILY OF 23-muA 220-kHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2770 TI-TLV2770_07 Datasheet
1Mb / 65P
[Old version datasheet]   FAMILY OF 2.7-HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com