Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2097DR Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS2097DR
Description  QUAD POWER-DISTRIBUTION SWITCHES
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2097DR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS2097DR Datasheet HTML 2Page - Texas Instruments TPS2097DR Datasheet HTML 3Page - Texas Instruments TPS2097DR Datasheet HTML 4Page - Texas Instruments TPS2097DR Datasheet HTML 5Page - Texas Instruments TPS2097DR Datasheet HTML 6Page - Texas Instruments TPS2097DR Datasheet HTML 7Page - Texas Instruments TPS2097DR Datasheet HTML 8Page - Texas Instruments TPS2097DR Datasheet HTML 9Page - Texas Instruments TPS2097DR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
TPS2090, TPS2091, TPS2092 DUAL,
TPS2095, TPS2096, TPS2097 QUAD
POWER-DISTRIBUTION SWITCHES
SLVS245A – SEPTEMBER 2000 – REVISED MARCH 2001
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Input voltage range, VI(IN) (see Note 1)
–0.3 V to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO(OUTx) (see Note 1)
–0.3 V to VI(IN) + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI(ENx) or VI(ENx)
–0.3 V to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO(OUTx)
internally limited
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature range, TJ
0
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature soldering 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . .
Electrostatic discharge (ESD) protection: Human body model
2 kV
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Machine model
200 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Charged device model (CDM)
750 V
. . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltages are with respect to GND.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
D-8
725 mW
5.8 mW/
°C
464 mW
377 mW
D-16
1123 mW
9 mW/
°C
719 mW
584 mW
recommended operating conditions
MIN
MAX
UNIT
Input voltage, VI(IN)
2.7
5.5
V
Input voltage, VI(ENx) or VI(ENx)
0
5.5
V
Continuous output current, IO (per switch)
0
250
mA
Operating virtual junction temperature, TJ
0
125
°C
electrical characteristics over recommended operating junction temperature range, VI(IN)= 5.5 V,
IO = rated current, VI(ENx) = 0 V, VI(ENx) = VI(INx) (unless otherwise noted)
supply current
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply current, low-level
No Load on OUT
VI(ENx) = VI(IN),
TJ = 25°C
0.025
1
µA
y,
output
No Load on OUT
VI(ENx) = VI(IN),
VI(ENx) = 0 V
–40
°C ≤ TJ ≤ 125°C
10
µA
Supply current,
No Load on OUT
VI(ENx) = 0 V,
TJ = 25°C
85
110
µA
y,
high-level output
No Load on OUT
VI(ENx) 0 V,
VI(ENx) = VI(IN)
–40
°C ≤ TJ ≤ 125°C
100
µA
Leakage current
OUT connected to ground
VI(ENx) = VI(IN),
VI(ENx) = 0 V
–40
°C ≤ TJ ≤ 125°C
100
µA
Reverse leakage current
INx = high impedance
VI(ENx) = 0 V,
VI(ENx) = VI(IN)
TJ = 125°C
0.3
µA


Similar Part No. - TPS2097DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2097D TI1-TPS2097D Datasheet
1Mb / 26P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2097DG4 TI1-TPS2097DG4 Datasheet
1Mb / 26P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
More results

Similar Description - TPS2097DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2044 TI-TPS2044 Datasheet
440Kb / 25P
[Old version datasheet]   QUAD POWER-DISTRIBUTION SWITCHES
TPS2044 TI1-TPS2044_14 Datasheet
617Kb / 28P
[Old version datasheet]   QUAD POWER-DISTRIBUTION SWITCHES
TPS2048 TI-TPS2048 Datasheet
424Kb / 24P
[Old version datasheet]   QUAD CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
   POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2014 TI-TPS2014 Datasheet
430Kb / 22P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2080 TI-TPS2080 Datasheet
424Kb / 19P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
470Kb / 25P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com