Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS68332VA16 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # TS68332VA16
Description  High performance 32-bit integrated microcontroller
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68332VA16 Datasheet(HTML) 5 Page - ATMEL Corporation

  TS68332VA16 Datasheet HTML 1Page - ATMEL Corporation TS68332VA16 Datasheet HTML 2Page - ATMEL Corporation TS68332VA16 Datasheet HTML 3Page - ATMEL Corporation TS68332VA16 Datasheet HTML 4Page - ATMEL Corporation TS68332VA16 Datasheet HTML 5Page - ATMEL Corporation TS68332VA16 Datasheet HTML 6Page - ATMEL Corporation TS68332VA16 Datasheet HTML 7Page - ATMEL Corporation TS68332VA16 Datasheet HTML 8Page - ATMEL Corporation TS68332VA16 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
5
TS68332
2118A–HIREL–03/02
Development Serial In, Out,
Clock
DSI, DSO,
DSCLK
Serial I/O and clock for background debug mode
TPU Channels
TP15 - TP0
TPU channel input/output Serial I/O and clock for background debug mode
TPU Clock In
T2CLK
External clock source to the TPU
SCI Receive Data
RXD
Serial input to the SCI
SCI Transmit Data
TXD
Serial output from the SCI
Peripheral Chip Select
PCS3 - PCS0
QSPI peripheral chip selects
Slave Select
SS
Places the QSPI in slave mode
QSPI Serial Clock
SCK
Furnishes the clock from the QSPI in master mode or to the QSPI in slave mode
Master-in Slave-out
MISO
Furnishes serial input to the QSPI in master mode, and serial output from the QSPI in
slave mode
Master-out Slave-in
MOSI
Furnishes serial output from the QSPI in master mode, and serial input to the QSPI in
slave mode
Standby RAM
V
STBY
Power supply for RAM
Synchronizer Power
V
DDSYN
Power supply to VCO
System Power Supply and
Return
V
DD, VSS
Power supply and return to the MCU
Table 1. Signal Index (Continued)
Signal Name
Mnemonic
Function


Similar Part No. - TS68332VA16

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TS68332VA16 ATMEL-TS68332VA16 Datasheet
1Mb / 57P
   High Highperformance 32-bit Integrated Microcontroller
More results

Similar Description - TS68332VA16

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TS68332 ATMEL-TS68332_05 Datasheet
1Mb / 57P
   High Highperformance 32-bit Integrated Microcontroller
logo
Maxim Integrated Produc...
ZA9L0 MAXIM-ZA9L0 Datasheet
60Kb / 2P
   Zatara High-Performance, Secure, 32-Bit ARM Microcontroller
Rev 0; 3/09
ZA9L1 MAXIM-ZA9L1 Datasheet
61Kb / 2P
   Zatara High-Performance, Secure, 32-Bit ARM Microcontroller
Rev 0; 3/09
logo
ATMEL Corporation
AT32AP7000 ATMEL-AT32AP7000_14 Datasheet
707Kb / 63P
   High Performance, Low Power AVR32 32-Bit Microcontroller
AT32AP7002 ATMEL-AT32AP7002_14 Datasheet
863Kb / 52P
   High Performance, Low Power AVR32 32-Bit Microcontroller
AT32UC3C0512C ATMEL-AT32UC3C0512C_14 Datasheet
2Mb / 110P
   High Performance, Low Power 32-bit AVR Microcontroller
AT32UC3C0512C ATMEL-AT32UC3C0512C Datasheet
2Mb / 110P
   High Performance, Low Power 32-bit AVR Microcontroller
AT32AP7001 ATMEL-AT32AP7001_14 Datasheet
814Kb / 49P
   High Performance, Low Power AVR32 32-Bit Microcontroller
logo
Infineon Technologies A...
XC2336A INFINEON-XC2336A Datasheet
869Kb / 102P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V2.0 2009-03
XC2261N INFINEON-XC2261N Datasheet
1Mb / 130P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.3 2010-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com