Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U3761MB-TFN Datasheet(PDF) 4 Page - ATMEL Corporation

Part # U3761MB-TFN
Description  Universal Telephone IC - All Functions Integrated
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U3761MB-TFN Datasheet(HTML) 4 Page - ATMEL Corporation

  U3761MB-TFN Datasheet HTML 1Page - ATMEL Corporation U3761MB-TFN Datasheet HTML 2Page - ATMEL Corporation U3761MB-TFN Datasheet HTML 3Page - ATMEL Corporation U3761MB-TFN Datasheet HTML 4Page - ATMEL Corporation U3761MB-TFN Datasheet HTML 5Page - ATMEL Corporation U3761MB-TFN Datasheet HTML 6Page - ATMEL Corporation U3761MB-TFN Datasheet HTML 7Page - ATMEL Corporation U3761MB-TFN Datasheet HTML 8Page - ATMEL Corporation U3761MB-TFN Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
4
U3761MB-T
4744A–CORD–09/03
Pin Description
Pin
Symbol Function
Configuration
1C1
Keyboard input
2C2
3C3
4C4
5
Earth
Earth key (604 ms high pulse, 1 s pause)
6HFI
Toggle flipflop input
Input with 200 k
W pull-down resistor
HFI triggers HFO with each LOW/HIGH edge
7
HFO
Output will be toggled by each LOW/HIGH edge at HFI
C1
VDD
VDD
VDD
VDD
C2-C4
PD
PD = Protection Device
VDD
EARTH
PD
HFI
VDD
VDD
PD
HFO
VDD
PD


Similar Part No. - U3761MB-TFN

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U3761MB-AFN TEMIC-U3761MB-AFN Datasheet
407Kb / 23P
   Low Voltage Standard Telephone Circuit with 13 Memories
U3761MB-AFNG3 TEMIC-U3761MB-AFNG3 Datasheet
407Kb / 23P
   Low Voltage Standard Telephone Circuit with 13 Memories
U3761MB-ASD TEMIC-U3761MB-ASD Datasheet
407Kb / 23P
   Low Voltage Standard Telephone Circuit with 13 Memories
More results

Similar Description - U3761MB-TFN

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U3762MB TEMIC-U3762MB Datasheet
240Kb / 23P
   Universal Telephone IC - All Functions Integrated
logo
Motorola, Inc
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
   Universal Cordless Telephone Subsystem IC
MC13109A MOTOROLA-MC13109A Datasheet
741Kb / 28P
   UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
MC13110A MOTOROLA-MC13110A Datasheet
1Mb / 68P
   UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
logo
SHENZHEN FUMAN ELECTRON...
TC2101 FUMAN-TC2101 Datasheet
756Kb / 15P
   Telephone IC
logo
Fujitsu Component Limit...
MB4509 FUJITSU-MB4509 Datasheet
676Kb / 19P
   TELEPHONE IC
logo
Motorola, Inc
MC34016 MOTOROLA-MC34016 Datasheet
301Kb / 16P
   Cordless Universal Telephone Interface
logo
SHENZHEN FUMAN ELECTRON...
SC91415 FUMAN-SC91415 Datasheet
677Kb / 19P
   Telephone dialing IC
TC9102A FUMAN-TC9102A Datasheet
403Kb / 9P
   Telephone dialing IC
logo
Panasonic Semiconductor
KX-TS500MX PANASONIC-KX-TS500MX Datasheet
96Kb / 2P
   Integrated Telephone System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com