Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U4289BM Datasheet(PDF) 1 Page - ATMEL Corporation

Part # U4289BM
Description  AM/FM PLL with 1 Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U4289BM Datasheet(HTML) 1 Page - ATMEL Corporation

  U4289BM Datasheet HTML 1Page - ATMEL Corporation U4289BM Datasheet HTML 2Page - ATMEL Corporation U4289BM Datasheet HTML 3Page - ATMEL Corporation U4289BM Datasheet HTML 4Page - ATMEL Corporation U4289BM Datasheet HTML 5Page - ATMEL Corporation U4289BM Datasheet HTML 6Page - ATMEL Corporation U4289BM Datasheet HTML 7Page - ATMEL Corporation U4289BM Datasheet HTML 8Page - ATMEL Corporation U4289BM Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Rev. 4757A–AUDR–10/03
Features
Reference Oscillator up to 15 MHz
Two Programmable 16-bit Dividers Adjustable from 2 to 65535
Fine Tuning Steps
–AM
≥ 1 kHz
–FM
≥ 2 kHz
Loop-push-pull Stage for AM/FM
High Signal/Noise Ratio
Description
The U4289BM is an integrated circuit in BICMOS technology for frequency synthesiz-
ers. It performs all the functions of a PLL radio tuning system and is controlled by a
2-wire bus. The device is designed for all frequency synthesizer applications in radio
receivers, as well as for RDS (Radio Data System) applications.
Figure 1. Block Diagram
R-divider
N-divider
I2C bus
interface
Oscillator
Phase
Current
sources
AM/FM
14
15
2
3
4
6
8
OSCOUT
OSCIN
SCL
AS
FMOSC
AMOSC
SDA
5
7
1
16
SWO1
11
12
13
9
10
PDAM
PDAMO
VA
PDFMO
PDFM
GND2
GND1
DD
V
switch
Switching
output
detector
AM/FM PLL
with 1 Switch
U4289BM


Similar Part No. - U4289BM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U4289BM ETC-U4289BM Datasheet
134Kb / 10P
   AM / FM - PLL
U4289BM-AFP ETC-U4289BM-AFP Datasheet
134Kb / 10P
   AM / FM - PLL
U4289BM-AFPG3 ETC-U4289BM-AFPG3 Datasheet
134Kb / 10P
   AM / FM - PLL
More results

Similar Description - U4289BM

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U4285BM TEMIC-U4285BM Datasheet
138Kb / 10P
   AM / FM - PLL
logo
List of Unclassifed Man...
U4289BM ETC-U4289BM Datasheet
134Kb / 10P
   AM / FM - PLL
logo
TEMIC Semiconductors
U4283BM TEMIC-U4283BM Datasheet
152Kb / 9P
   AM / FM - PLL
U4280BM TEMIC-U4280BM Datasheet
172Kb / 9P
   AM / FM - PLL
U4286BM TEMIC-U4286BM Datasheet
113Kb / 9P
   AM / FM-PLL
logo
Sanyo Semicon Device
LC72130 SANYO-LC72130 Datasheet
306Kb / 22P
   AM/FM PLL Frequency Synthesizer
logo
Samsung semiconductor
S1A0903X01 SAMSUNG-S1A0903X01 Datasheet
119Kb / 10P
   AM/FM TUNER MPX PLL
logo
Sanyo Semicon Device
LC72131 SANYO-LC72131 Datasheet
406Kb / 23P
   AM/FM PLL Frequency Synthesizer
LC72132 SANYO-LC72132 Datasheet
451Kb / 23P
   AM/FM PLL Frequency Synthesizer?
logo
Siemens Semiconductor G...
SDA2121-2 SIEMENS-SDA2121-2 Datasheet
331Kb / 16P
   PLL WITH I2C BUS FOR AM/FM RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com