Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U2861B-MFPG3 Datasheet(PDF) 7 Page - TEMIC Semiconductors

Part # U2861B-MFPG3
Description  Mono FM Sound Demodulator for TV Systems
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U2861B-MFPG3 Datasheet(HTML) 7 Page - TEMIC Semiconductors

Back Button U2861B-MFPG3 Datasheet HTML 3Page - TEMIC Semiconductors U2861B-MFPG3 Datasheet HTML 4Page - TEMIC Semiconductors U2861B-MFPG3 Datasheet HTML 5Page - TEMIC Semiconductors U2861B-MFPG3 Datasheet HTML 6Page - TEMIC Semiconductors U2861B-MFPG3 Datasheet HTML 7Page - TEMIC Semiconductors U2861B-MFPG3 Datasheet HTML 8Page - TEMIC Semiconductors U2861B-MFPG3 Datasheet HTML 9Page - TEMIC Semiconductors U2861B-MFPG3 Datasheet HTML 10Page - TEMIC Semiconductors U2861B-MFPG3 Datasheet HTML 11Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
U2861B
Preliminary Information
TELEFUNKEN Semiconductors
Rev. A1, 20-May-97
7 (11)
14
13
12
11
12
3
4
U2861B
10
98
56
7
10 nF
1 µF
1 µF1 µF
Switch1
Volume
control
2.2 µF
1 µF
680 Ω
22 nF
22 µF
SIF
(intercarrier)
SFE 5.5 MC
FM mute
switch
2.2 µF
+ 5 V
AF1out
Switch2
AF2in
AF2out
AF1in
96 11835
Figure 4. Basic application circuit


Similar Part No. - U2861B-MFPG3

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2860B-B TEMIC-U2860B-B Datasheet
417Kb / 11P
   Dual-Channel FM Sound Demodulator for TV Systems
logo
ATMEL Corporation
U2860B-M ATMEL-U2860B-M Datasheet
336Kb / 14P
   Dual-Channel FM Sound Demodulator for TV Systems
U2860B-MFP ATMEL-U2860B-MFP Datasheet
336Kb / 14P
   Dual-Channel FM Sound Demodulator for TV Systems
U2860B-MFPG3 ATMEL-U2860B-MFPG3 Datasheet
336Kb / 14P
   Dual-Channel FM Sound Demodulator for TV Systems
logo
TEMIC Semiconductors
U2860BB TEMIC-U2860BB Datasheet
417Kb / 11P
   Dual-Channel FM Sound Demodulator for TV Systems
More results

Similar Description - U2861B-MFPG3

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2860BB TEMIC-U2860BB Datasheet
417Kb / 11P
   Dual-Channel FM Sound Demodulator for TV Systems
logo
ATMEL Corporation
U2860B-M ATMEL-U2860B-M Datasheet
336Kb / 14P
   Dual-Channel FM Sound Demodulator for TV Systems
logo
NXP Semiconductors
TDA9821 PHILIPS-TDA9821 Datasheet
121Kb / 16P
   Dual channel TV FM intercarrier sound demodulator
1996 Nov 20
logo
TEMIC Semiconductors
U828B TEMIC-U828B Datasheet
84Kb / 5P
   FM IF AMPLIFIER AND DEMODULATOR FOR TV SOUND APPLICATION
logo
NXP Semiconductors
TDA9820 PHILIPS-TDA9820 Datasheet
155Kb / 20P
   Multistandard/dual channel TV FM intercarrier sound demodulator
1996 Nov 20
TBA120U PHILIPS-TBA120U Datasheet
93Kb / 9P
   Sound I.F. amplifier/demodulator for TV
March 1986
logo
STMicroelectronics
STV8203 STMICROELECTRONICS-STV8203 Datasheet
192Kb / 31P
   MULTISTANDARD TV SOUND DEMODULATOR
logo
NXP Semiconductors
TDA9874H PHILIPS-TDA9874H Datasheet
254Kb / 56P
   Digital TV sound demodulator/decoder
1998 Apr 27
TDA2555 PHILIPS-TDA2555 Datasheet
65Kb / 10P
   Dual TV sound demodulator circuits
March 1986
logo
List of Unclassifed Man...
AN5825 ETC1-AN5825 Datasheet
282Kb / 4P
   TV MULTIPLEX SOUND SYSTEM DEMODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com