Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UNR1214 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # UNR1214
Description  Silicon NPN epitaxial planar type
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

UNR1214 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  UNR1214 Datasheet HTML 1Page - Panasonic Semiconductor UNR1214 Datasheet HTML 2Page - Panasonic Semiconductor UNR1214 Datasheet HTML 3Page - Panasonic Semiconductor UNR1214 Datasheet HTML 4Page - Panasonic Semiconductor UNR1214 Datasheet HTML 5Page - Panasonic Semiconductor UNR1214 Datasheet HTML 6Page - Panasonic Semiconductor UNR1214 Datasheet HTML 7Page - Panasonic Semiconductor UNR1214 Datasheet HTML 8Page - Panasonic Semiconductor UNR1214 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
UNR121x Series
SJH00003BED
■ Electrical Characteristics T
a = 25°C ± 3°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Collector-base voltage (Emitter open)
VCBO
IC = 10 µA, IE = 050
V
Collector-emitter voltage (Base open)
VCEO
IC = 2 mA, IB = 050
V
Collector-base cutoff current (Emitter open)
ICBO
VCB
= 50 V, I
E
= 0
0.1
µA
Collector-emitter cutoff current (Base open)
ICEO
VCE = 50 V, IB = 0
0.5
µA
Emitter-base
UNR1211
IEBO
VEB = 6 V, IC = 0
0.5
mA
cutoff current UNR1212/1214/121D/121E
0.2
(Collector open) UNR1213
0.1
UNR1210/1215/1216/1217
0.01
UNR121F/121K
1.0
UNR1219
1.5
UNR1218/121L
2.0
Forward current UNR1211
hFE
VCE
= 10 V, I
C
= 5 mA
35
transfer ratio
UNR1212/121E
60
UNR1213/1214
80
UNR1210 */1215 */1216 */
160
460
1217 *
UNR1219/121D/121F
30
UNR1218/121K/121L
20
Collector-emitter saturation voltage
VCE(sat)
IC = 10 mA, IB = 0.3 mA
0.25
V
Output voltage high-level
VOH
VCC
= 5 V, V
B
= 0.5 V, R
L
= 1 kΩ
4.9
V
Output voltage low-level
VOL
VCC = 5 V, VB = 2.5 V, RL = 1 kΩ
0.2
V
UNR1213/121K
VCC = 5 V, VB = 3.5 V, RL = 1 kΩ
UNR121D
VCC
= 5 V, V
B
= 10 V, R
L
= 1 kΩ
UNR121E
VCC = 5 V, VB = 6 V, RL = 1 kΩ
Transition frequency
fT
VCB = 10 V, IE = −2 mA, f = 200 MHz
80
MHz
Input resistance UNR1211/1214/1215/121K
R1
−30%
10
+30%
k
UNR1212/1217
22
UNR1210/1213/121D/121E
47
UNR1216/121F/121L
4.7
UNR1218
0.51
UNR1219
1
Resistance ratio UNR1211/1212/1213/121L
R1/R2
0.8
1.0
1.2
UNR1214
0.17
0.21
0.25
UNR1218/1219
0.08
0.1
0.12
UNR121D
4.7
UNR121E
2.14
UNR121F
0.47
UNR121K
2.13
Rank
Q
R
S
hFE
160 to 260
210 to 340
290 to 460
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors.
2. *: Rank classification (UNR1110/1115/1116/1117)


Similar Part No. - UNR1214

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UNR1210 PANASONIC-UNR1210 Datasheet
87Kb / 3P
   Silicon NPN epitaxial planer transistor
UNR1211 PANASONIC-UNR1211 Datasheet
130Kb / 5P
   Silicon NPN, PNP epitaxial planar type (Tr1,2)
More results

Similar Description - UNR1214

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
   Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
UNR2225 PANASONIC-UNR2225 Datasheet
133Kb / 5P
   Silicon NPN epitaxial planar type
2SD1707 PANASONIC-2SD1707 Datasheet
93Kb / 4P
   Silicon NPN epitaxial planar type
2SD1752 PANASONIC-2SD1752 Datasheet
57Kb / 3P
   Silicon NPN epitaxial planar type
logo
Guangdong Kexin Industr...
2SC5026 KEXIN-2SC5026 Datasheet
50Kb / 1P
   Silicon NPN Epitaxial Planar Type
2SD874 KEXIN-2SD874 Datasheet
52Kb / 2P
   Silicon NPN Epitaxial Planar Type
logo
Panasonic Semiconductor
2SC1567 PANASONIC-2SC1567 Datasheet
93Kb / 4P
   Silicon NPN epitaxial planar type
2SC1568 PANASONIC-2SC1568 Datasheet
94Kb / 4P
   Silicon NPN epitaxial planar type
2SC2590 PANASONIC-2SC2590 Datasheet
80Kb / 3P
   Silicon NPN epitaxial planar type
logo
Toshiba Semiconductor
MT3S03AS TOSHIBA-MT3S03AS Datasheet
119Kb / 2P
   SILICON NPN EPITAXIAL PLANAR TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com