Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UN9215J Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # UN9215J
Description  Silicon NPN epitaxial planer type
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

UN9215J Datasheet(HTML) 1 Page - Panasonic Semiconductor

  UN9215J Datasheet HTML 1Page - Panasonic Semiconductor UN9215J Datasheet HTML 2Page - Panasonic Semiconductor UN9215J Datasheet HTML 3Page - Panasonic Semiconductor UN9215J Datasheet HTML 4Page - Panasonic Semiconductor UN9215J Datasheet HTML 5Page - Panasonic Semiconductor UN9215J Datasheet HTML 6Page - Panasonic Semiconductor UN9215J Datasheet HTML 7Page - Panasonic Semiconductor UN9215J Datasheet HTML 8Page - Panasonic Semiconductor UN9215J Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Transistors with built-in Resistor
1
Publication date: July 2001
SJH00039AED
UNR92XXJ Series (UN92XXJ Series)
Silicon NPN epitaxial planer type
For digital circuit
I Features
• Costs can be reduced through downsizing of the equipment and
reduction of the number of parts.
• SS-mini type package, allowing automatic insertion through tape
packing.
I Resistance by Part Number
Marking symbol (R1)(R2)
• UNR9210J (UN9210J)
8L
47 k
Ω
• UNR9211J (UN9211J)
8A
10 k
10 k
• UNR9212J (UN9212J)
8B
22 k
22 k
• UNR9213J (UN9213J)
8C
47 k
47 k
• UNR9214J (UN9214J)
8D
10 k
47 k
• UNR9215J (UN9215J)
8E
10 k
Ω
• UNR9216J (UN9216J)
8F
4.7 k
Ω
• UNR9217J (UN9217J)
8H
22 k
Ω
• UNR9218J (UN9218J)
8I
0.51 k
5.1 k
• UNR9219J (UN9219J)
8K
1 k
10 k
• UNR921AJ
8X
100 k
100 k
• UNR921BJ
8Y
100 k
Ω
• UNR921CJ
8Z
47 k
• UNR921DJ (UN921DJ) 8M
47 k
10 k
• UNR921EJ (UN921EJ)
8N
47 k
22 k
• UNR921FJ (UN921FJ)
8O
4.7 k
10 k
• UNR921KJ (UN921KJ) 8P
10 k
4.7 k
• UNR921LJ (UN921LJ)
8Q
4.7 k
4.7 k
• UNR921MJ
EL
2.2 k
47 k
• UNR921NJ
EX
4.7 k
47 k
• UNR921TJ (UN921TJ)
EZ
22 k
47 k
• UNR921VJ
FD
2.2 k
2.2 k
I Absolute Maximum Ratings T
a
= 25°C
Note) The part number in the parenthesis shows conventional part number.
Parameter
Symbol
Rating
Unit
Collector to base voltage
VCBO
50
V
Collector to emitter voltage
VCEO
50
V
Collector current
IC
100
mA
Total power dissipation
PT
125
mW
Junction temperature
Tj
125
°C
Storage temperature
Tstg
−55 to +125
°C
0.27±0.02
3
12
0.12
+0.03
–0.01
5
°
1.60
+0.05
–0.03
1.00±0.05
(0.50)(0.50)
B
C
E
R1
R2
Internal Connection
Unit: mm
1: Base
2: Emitter
3: Collector
EIAJ: SC-89
SSMini3-F1 Package


Similar Part No. - UN9215J

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UN9215J PANASONIC-UN9215J Datasheet
400Kb / 19P
   Silicon NPN epitaxial planar type
More results

Similar Description - UN9215J

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD2184 PANASONIC-2SD2184 Datasheet
38Kb / 2P
   Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
2SC3313 PANASONIC-2SC3313 Datasheet
37Kb / 2P
   Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
2SC4656 PANASONIC-2SC4656 Datasheet
35Kb / 2P
   Silicon NPN epitaxial planer type
2SC1980 PANASONIC-2SC1980 Datasheet
37Kb / 2P
   Silicon NPN epitaxial planer type
2SD1820A PANASONIC-2SD1820A Datasheet
60Kb / 2P
   Silicon NPN epitaxial planer type
2SC1215 PANASONIC-2SC1215 Datasheet
62Kb / 3P
   Silicon NPN epitaxial planer type
2SD874 PANASONIC-2SD874 Datasheet
39Kb / 2P
   Silicon NPN epitaxial planer type
2SD0602A PANASONIC-2SD0602A Datasheet
60Kb / 2P
   Silicon NPN epitaxial planer type
2SD1819A PANASONIC-2SD1819A Datasheet
36Kb / 2P
   Silicon NPN epitaxial planer type
2SD1820 PANASONIC-2SD1820 Datasheet
39Kb / 2P
   Silicon NPN epitaxial planer type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com