Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UN511D Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # UN511D
Description  Silicon PNP epitaxial planar type
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

UN511D Datasheet(HTML) 2 Page - Panasonic Semiconductor

  UN511D Datasheet HTML 1Page - Panasonic Semiconductor UN511D Datasheet HTML 2Page - Panasonic Semiconductor UN511D Datasheet HTML 3Page - Panasonic Semiconductor UN511D Datasheet HTML 4Page - Panasonic Semiconductor UN511D Datasheet HTML 5Page - Panasonic Semiconductor UN511D Datasheet HTML 6Page - Panasonic Semiconductor UN511D Datasheet HTML 7Page - Panasonic Semiconductor UN511D Datasheet HTML 8Page - Panasonic Semiconductor UN511D Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
UNR511x Series
SJH00022BED
■ Electrical Characteristics T
a = 25°C ± 3°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Collector-base voltage (Emitter open)
VCBO
IC = −10 µA, IE = 0
−50
V
Collector-emitter voltage (Base open)
VCEO
IC = −2 mA, IB = 0
−50
V
Collector-base cutoff current (Emitter open)
ICBO
VCB
= −50 V, I
E
= 0
− 0.1
µA
Collector-emitter cutoff current (Base open)
ICEO
VCE = −50 V, IB = 0
− 0.5
µA
Emitter-base
UNR5110/5115/5116/5117
IEBO
VEB = −6 V, IC = 0
− 0.01
mA
cutoff current UNR5113
− 0.1
(Collector open) UNR5112/5114/511D/
− 0.2
511E/511M/511N/511T
UNR511Z
− 0.4
UNR5111
− 0.5
UNR511F/511H
−1.0
UNR5119
−1.5
UNR5118/511L/511V
−2.0
Forward current
UNR511V
hFE
VCE =
−10 V, I
C =
−5 mA
6
20
transfer ratio
UNR5118/511L
20
UNR5119/511D/511F/511H
30
UNR5111
35
UNR5112/511E
60
UNR511Z
60
200
UNR5113/5114/511M
80
UNR511N/511T
80
400
UNR5110*/5115*/5116*/5117*
160
460
Collector-emitter saturation voltage
VCE(sat)
IC
= −10 mA, I
B
= − 0.3 mA
− 0.25
V
UNR511V
IC = −10 mA, IB = −1.5 mA
Output voltage high-level
VOH
VCC = −5 V, VB = − 0.5 V, RL = 1 kΩ−4.9
V
Output voltage low-level
VOL
VCC
= −5 V, V
B
= −2.5 V, R
L
= 1 kΩ− 0.2
V
UNR5113
VCC = −5 V, VB = −3.5 V, RL = 1 kΩ
UNR511D
VCC = −5 V, VB = −10 V, RL = 1 kΩ
UNR511E
VCC
= −5 V, V
B
= −6 V, R
L
= 1 kΩ
Transition frequency
fT
VCB = −10 V, IE = 1 mA, f = 200 MHz
80
MHz
UNR5116
VCB = −10 V, IE = 2 mA, f = 200 MHz
150
Input
UNR5118
R1
−30%
0.51
+30%
k
resistance
UNR5119
1.0
UNR511H/511M/511V
2.2
UNR5116/511F/511L
4.7
511N/511Z
UNR5111/5114/5115
10
UNR5112/5117/511T
22
UNR5110/5113/511D/511E
47
Resistance
UNR511M
R1/R2
0.047
ratio
UNR511N
0.1
UNR5118/5119
0.08
0.10
0.12
UNR511Z
0.21


Similar Part No. - UN511D

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UN511D PANASONIC-UN511D Datasheet
235Kb / 17P
   Silicon PNP epitaxial planer transistor
More results

Similar Description - UN511D

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
   Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
2SB1693 PANASONIC-2SB1693 Datasheet
82Kb / 3P
   Silicon PNP epitaxial planar type
2SB1071 PANASONIC-2SB1071 Datasheet
93Kb / 4P
   Silicon PNP epitaxial planar type
2SB1172 PANASONIC-2SB1172 Datasheet
84Kb / 3P
   Silicon PNP epitaxial planar type
2SA2064 PANASONIC-2SA2064 Datasheet
78Kb / 3P
   Silicon PNP epitaxial planar type
XP06401 PANASONIC-XP06401 Datasheet
104Kb / 4P
   Silicon PNP epitaxial planar type
logo
Guangdong Kexin Industr...
2SB929A KEXIN-2SB929A Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB934 KEXIN-2SB934 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB1218 KEXIN-2SB1218 Datasheet
46Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB936 KEXIN-2SB936 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB1175 KEXIN-2SB1175 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com