Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7124 Datasheet(PDF) 4 Page - Vitesse Semiconductor Corporation

Part # VSC7124
Description  Quad Port Bypass Circuit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7124 Datasheet(HTML) 4 Page - Vitesse Semiconductor Corporation

  VSC7124 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7124 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7124 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7124 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7124 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7124 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7124 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7124 Datasheet HTML 8Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC7124
Quad Port Bypass Circuit
Page 4
G52293-0, Rev 2.3
5/7/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Absolute Maximum Ratings (1)
TTL Power Supply Voltage (VDD)...................................................................................................... 0.5V to +4V
PECL DC Input Voltage (VINP) ............................................................................................. -0.5V to VDD +0.5V
TTL DC Input Voltage, (VINT).......................................................................................................... -0.5V to 5.5V
DC Voltage Applied to Outputs for High Output State (VIN TTL) ........................................ -0.5V to VDD + 0.5V
TTL Output Current (IOUT), (DC, Output High)........................................................................................... 50mA
PECL Output Current (IOUT), (DC, Output High) .......................................................................................-50mA
Case Temperature Under Bias, (TC)............................................................................................. -55°C to +125°C
Storage Temperature (TSTG)........................................................................................................ -65°C to + 150°C
Recommended Operating Conditions(2)
Power Supply Voltage (VDD) . ......................................................................................................+3.14V to 3.47V
Ambient Operating Temperature Range (T)....................................................................... 0
°C to +85°C Ambient
NOTES: (1) CAUTION: Stresses listed under “Absolute Maximum Ratings” may be applied to devices one at a time without caus-
ing permanent damage. Functionality at or above the values listed is not implied. Exposure to these values for extended
periods may affect device reliability.
(2) Vitesse guarantees the functional and parametric operation of the part under “Recommended Operating Conditions”
except where specifically noted in the AC and DC Parametric tables.


Similar Part No. - VSC7124

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7121 VITESSE-VSC7121 Datasheet
67Kb / 12P
   Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
VSC7122 VITESSE-VSC7122 Datasheet
93Kb / 12P
   Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
VSC7122QM VITESSE-VSC7122QM Datasheet
93Kb / 12P
   Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
VSC7123 VITESSE-VSC7123 Datasheet
208Kb / 18P
   10-Bit Transceiver for Fibre Channel and Gigabit Ethernet
VSC7123QN VITESSE-VSC7123QN Datasheet
208Kb / 18P
   10-Bit Transceiver for Fibre Channel and Gigabit Ethernet
More results

Similar Description - VSC7124

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDMP-0440 HP-HDMP-0440 Datasheet
271Kb / 10P
   Quad Port Bypass Circuit for Fibre Channel Arbitrated Loops
HDMP-0450 HP-HDMP-0450 Datasheet
269Kb / 10P
   Quad Port Bypass Circuit for Fibre Channel Arbitrated Loops
HDMP-0452 HP-HDMP-0452 Datasheet
273Kb / 12P
   Quad Port Bypass Circuit with CDR for Fibre Channel Arbitrated Loops
logo
Maxim Integrated Produc...
MAX3752 MAXIM-MAX3752 Datasheet
288Kb / 13P
   2.125Gbps, 3.3V Quad-Port Bypass with Repeater
19-1701; Rev 2; 2/01
logo
List of Unclassifed Man...
HDMP-0552 ETC1-HDMP-0552 Datasheet
266Kb / 12P
   AGILENT HDMP-0552 QUAD PORT BYPASS CIRCUIT WITH CDR AND DATA VALID DETECTION
logo
Vitesse Semiconductor C...
VSC7121 VITESSE-VSC7121 Datasheet
67Kb / 12P
   Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
VSC7122 VITESSE-VSC7122 Datasheet
93Kb / 12P
   Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
logo
Silicom Ltd.
PE310G4BPI9 SILICOM-PE310G4BPI9 Datasheet
818Kb / 10P
   Quad Port Fiber 10 Gigabit Ethernet Bypass Server Adapter
logo
Microsemi Corporation
MM054 MICROSEMI-MM054 Datasheet
160Kb / 2P
   BATTERY BYPASS CIRCUIT
logo
Silicom Ltd.
PE2G4BPFI80 SILICOM-PE2G4BPFI80 Datasheet
531Kb / 8P
   Quad Port Fiber Gigabit Ethernet PCI Express Bypass Server Adapter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com