Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7127 Datasheet(PDF) 3 Page - Vitesse Semiconductor Corporation

Part # VSC7127
Description  Family of Repeater/Retimer and Port Bypass Circuits for Fibre Channel
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7127 Datasheet(HTML) 3 Page - Vitesse Semiconductor Corporation

  VSC7127 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7127 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7127 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7127 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7127 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7127 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7127 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7127 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7127 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Data Sheet
VSC7127/VSC7129
Family of Repeater/Retimer and Port
Bypass Circuits for Fibre Channel
G52298-0, Rev 4.3
Page 3
05/01/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
VITESSE
SEMICONDUCTOR CORPORATION
Functionality
Device Configurations
Four devices are specified in this datasheet: VSC7127R, VSC7127T, VSC7129R and VSC7129T. The
VSC7127 is pin-compatible to the HDMP-0451. The VSC7129 is pin compatible with the HDMP-0452. The
VSC712xR is configured as a Repeater when pin 12, MODE, is LOW, or a Retimer when HIGH. The
VSC712xT is configured as a Retimer when pin 12, MODE, is LOW, or a Repeater when HIGH.
Port Bypass Circuits
The VSC712x contains six Port Bypass Circuits (PBCs) which are 2-to-1 multiplexers used to steer serial
signals. Each PBC, PBCx has a single select line, SELx, which when HIGH, selects the external input, Ix, to
PBCx and when LOW, selects the output of the previous PBC. PCB5 does not have an external input but selects
between the output of the CRU (when SEL5 is HIGH) and the output of PBC0 (when SEL5 is LOW). These
controls allow FC-AL loops to include a functional device on the loop or exclude a non-functional device from
the loop.
FibreTimerClock Recovery Unit—Repeater Mode
The Clock Recovery Unit (CRU) is a digital PLL which extracts the clock from the incoming data and sam-
ples the data with the extracted clock. In repeater mode, the output of the CRU is synchronized to the recovered
clock and has improved signal quality due to amplification of the signal and attenuation of jitter. Latency
through the device is quite low, just a few bit times. Multiple repeaters can be cascaded without accumulation
of jitter. MODE determines whether the CRU is a Repeater or a Retimer.
FibreTimerClock Recovery Unit —Retimer Mode
MODE may configure the CRU as a retimer where the recovered data is placed into an elasticity buffer.
Data is taken out of the elasticity buffer and retransmitted synchronously to the local REFCLK. For Fibre Chan-
nel data, Fill words will be added and dropped in the elasticity buffer in order to accomodate the differences in
speed between the incoming data and the REFCLK. The retimer does not transfer jitter from the input to the
output but has longer latency, up to 4 word times, through the device.
FibreTimerClock Recovery Unit—Bypass Mode
When SEL5 is LOW, PBC5 selects the output of PBC0 and the CRU is unused. In this mode, the CRU is
powered down to reduce power dissipation. If the part will be used only in this mode, REFCLK and MODE are
ignored and can be left open. If the CRU is bypassed, the Signal Detect Unit is disabled and the output is LOW.
Signal Detection
A signal detect unit (SDU) monitors IO+/- and the output of the CRU to determine if there is a valid Fibre
Channel signal present. The SIGDET is updated every 160 bits (an “interval”) with the previous interval’s status
of three different Signal Detect Units: analog signal amplitude (ASDU), run length check (RLLSDU), Ordered
Set density (OSSDU). If the input amplitude is less than 200mV (differential), ASDU will be set LOW. If the
input amplitude is greater than 400mV, ASDU will be asserted HIGH. If a run length violation occurs (more
than 5 consecutive ones or zeros), the RLLSDU will be set LOW and stay LOW until the occurrence of a valid


Similar Part No. - VSC7127

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7121 VITESSE-VSC7121 Datasheet
67Kb / 12P
   Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
VSC7122 VITESSE-VSC7122 Datasheet
93Kb / 12P
   Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
VSC7122QM VITESSE-VSC7122QM Datasheet
93Kb / 12P
   Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
VSC7123 VITESSE-VSC7123 Datasheet
208Kb / 18P
   10-Bit Transceiver for Fibre Channel and Gigabit Ethernet
VSC7123QN VITESSE-VSC7123QN Datasheet
208Kb / 18P
   10-Bit Transceiver for Fibre Channel and Gigabit Ethernet
More results

Similar Description - VSC7127

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7142 VITESSE-VSC7142 Datasheet
93Kb / 2P
   Dual Repeater/Retimer for Fibre Channel and Gigabit Ethernet
logo
Agilent(Hewlett-Packard...
HDMP-0421 HP-HDMP-0421 Datasheet
161Kb / 12P
   Port Bypass Circuits for Fibre Channel Arbitrated Loop Standard and its Extensions
logo
Maxim Integrated Produc...
MAX3754 MAXIM-MAX3754 Datasheet
281Kb / 13P
   Dual-Rate, 1Gbps/2Gbps Fibre Channel Quad-Port Bypass ICs with Repeater
19-2098; Rev 1; 1/02
logo
Sony Corporation
CXB1595AN SONY-CXB1595AN Datasheet
157Kb / 14P
   Fibre Channel Repeater
logo
Agilent(Hewlett-Packard...
HDMP-0450 HP-HDMP-0450 Datasheet
269Kb / 10P
   Quad Port Bypass Circuit for Fibre Channel Arbitrated Loops
logo
Sony Corporation
CXB1585N SONY-CXB1585N Datasheet
180Kb / 14P
   Fibre Channel Repeater
logo
Agilent(Hewlett-Packard...
HDMP-0440 HP-HDMP-0440 Datasheet
271Kb / 10P
   Quad Port Bypass Circuit for Fibre Channel Arbitrated Loops
logo
Maxim Integrated Produc...
MAX3750 MAXIM-MAX3750 Datasheet
517Kb / 6P
   3.3V, 2.125Gbps/1.0625Gbps Fibre Channel Port Bypass ICs
Rev 2; 5/04
logo
PMC-Sierra, Inc
PM8372 PMC-PM8372 Datasheet
279Kb / 2P
   4-Port FC/GE Retimer and FC-AL Port Bypass Controller
logo
Agilent(Hewlett-Packard...
HDMP-0452 HP-HDMP-0452 Datasheet
273Kb / 12P
   Quad Port Bypass Circuit with CDR for Fibre Channel Arbitrated Loops
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com