Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VRE3021L Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # VRE3021L
Description  Low Cost Precision Reference
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VRE3021L Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  VRE3021L Datasheet HTML 1Page - List of Unclassifed Manufacturers VRE3021L Datasheet HTML 2Page - List of Unclassifed Manufacturers VRE3021L Datasheet HTML 3Page - List of Unclassifed Manufacturers VRE3021L Datasheet HTML 4Page - List of Unclassifed Manufacturers VRE3021L Datasheet HTML 5Page - List of Unclassifed Manufacturers VRE3021L Datasheet HTML 6Page - List of Unclassifed Manufacturers VRE3021L Datasheet HTML 7Page - List of Unclassifed Manufacturers VRE3021L Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
VRE3021DS REV. D JULY 2000
MECHANICAL SPECIFICATIONS
MECHANICAL SPECIFICATIONS
D1
D
1
E2 E1
E
B
B1
S
P
C1
C
G
INCHES
MILLIMETER
DIM
MIN
MAX
MIN
MAX
DIM
MIN
MAX
MIN
MAX
A
.170
.180
4.318 4.572
E
.425
.435
10.80 11.05
B
.095
.105
2.413 2.667
E1
.397
.403
10.08 10.24
B1
.016
.020
0.406 0.508
E2
.264
.270
6.71
6.86
C
.008
.011
0.203 0.279
G
.290
.310
7.36
7.87
C1
.055
.065
1.397 1.651
L
.175
.225
4.46
5.72
D
.395
.405
10.03 10.29
P
.085
.095
2.16
2.41
D1
.372
.380
9.45
9.65
S
.045
.055
1.14
1.40
INCHES
MILLIMETER
A
L


Similar Part No. - VRE3021L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VRE302 ETC-VRE302 Datasheet
2Mb / 41P
   Low Cost Precision Reference
logo
Cirrus Logic
VRE302 CIRRUS-VRE302 Datasheet
377Kb / 4P
   Precision Voltage Reference
VRE302 CIRRUS-VRE302 Datasheet
708Kb / 5P
   Precision Voltage Reference
logo
List of Unclassifed Man...
VRE302-6 ETC-VRE302-6 Datasheet
2Mb / 41P
   Low Cost Precision Reference
VRE302-6A ETC-VRE302-6A Datasheet
2Mb / 41P
   Low Cost Precision Reference
More results

Similar Description - VRE3021L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VRE3041 ETC1-VRE3041 Datasheet
187Kb / 8P
   Low Cost Precision Reference
VRE302 ETC-VRE302 Datasheet
2Mb / 41P
   Low Cost Precision Reference
VRE306 ETC-VRE306 Datasheet
320Kb / 5P
   Low Cost Precision Reference
VRE3025 ETC1-VRE3025 Datasheet
199Kb / 8P
   Low Cost Precision Reference
VRE310 ETC-VRE310 Datasheet
420Kb / 5P
   Low Cost Precision Reference
VRE304 ETC1-VRE304 Datasheet
330Kb / 5P
   Low Cost Precision Reference
VRE3050 ETC-VRE3050 Datasheet
188Kb / 8P
   VRE3050 Low Cost Precision Reference
logo
Maxim Integrated Produc...
MAX6120 MAXIM-MAX6120 Datasheet
86Kb / 6P
   Low-Cost, Micropower, Precision, 3-Terminal, 1.2V Voltage Reference
Rev 1; 9/96
logo
ON Semiconductor
MC1403 ONSEMI-MC1403 Datasheet
125Kb / 8P
   PRECISION LOW VOLTAGE REFERENCE
REV 1
logo
Analog Devices
AD680ARZ-REEL AD-AD680ARZ-REEL Datasheet
399Kb / 12P
   Low Power, Low Cost 2.5 V Reference
Rev. H
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com