Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8061 Datasheet(PDF) 3 Page - Vitesse Semiconductor Corporation

Part # VSC8061
Description  2.5Gb/s 16-Bit Multiplexer/Demultiplexer Chipset
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8061 Datasheet(HTML) 3 Page - Vitesse Semiconductor Corporation

  VSC8061 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC8061 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC8061 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC8061 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC8061 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC8061 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8061 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8061 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8061 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
G52069-0, Rev 4.3
Page 3
05/11/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Data Sheet
VSC8061/VSC8062
Multiplexer/Demultiplexer Chipset
2.5Gb/s 16-Bit
VSC8061 Multiplexer AC Characteristics (Over recommended operating range)
Figure 3: VSC8061 Multiplexer Waveforms
Table 1: VSC8061 AC Characteristics
NOTE: (1) Devices are guaranteed to operate to a maximum frequency of 2.5GHz.
Parameter
Description
Min
Typ
Max
Units
Conditions
tCLK
Clock period(1)
400
ps
tD
CLK16, DCLK period (tCLK x 16)
6.4
15.6
ns
tDSU
Parallel data set-up time with respect to CLK16
falling edge
2.0
ns
tDH
Data hold time with respect to CLK16 falling
edge
0.5
ns
tDC
CLK16 duty cycle
40
60
%
tR, tF
DCLK (DCLKN) rise and fall times
1.5
ns
10% to 90%
tR, tF
D[0:15] rise and fall times
2.0
ns
10% to 90%
tR, tF
CLK16 (CLK16N) rise and fall times
0.5
1.0
ns
10% to 90%
tR, tF
DO (DON) rise and fall times
150
165
ps
20% to 80%
VALID DATA (1)
VALID DATA (2)
D0
D1 D2
D3 D4
D5 D6 D7 D8
D9 D10 D11 D12 D13 D14 D15
High-speed differential clock input
Parallel data clock output
Parallel data inputs
Parallel data clock input
High-speed differential serial data output
CLK (CLKN)
CLK16 (CLK16N)
D[0:15]
DCLK (DCLKN)
DO (DON)
Serialized Data
tD
tD
tD
tDH
tDSU
tCLK
NOTE:
=Don’t care


Similar Part No. - VSC8061

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8021 VITESSE-VSC8021 Datasheet
214Kb / 17P
   2.5Gb/s SONET-Compatible 8-Bit MUX/DEMUX Chipset
VSC8021FC VITESSE-VSC8021FC Datasheet
214Kb / 17P
   2.5Gb/s SONET-Compatible 8-Bit MUX/DEMUX Chipset
VSC8021FI VITESSE-VSC8021FI Datasheet
214Kb / 17P
   2.5Gb/s SONET-Compatible 8-Bit MUX/DEMUX Chipset
VSC8022 VITESSE-VSC8022 Datasheet
214Kb / 17P
   2.5Gb/s SONET-Compatible 8-Bit MUX/DEMUX Chipset
VSC8022FC VITESSE-VSC8022FC Datasheet
214Kb / 17P
   2.5Gb/s SONET-Compatible 8-Bit MUX/DEMUX Chipset
More results

Similar Description - VSC8061

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8021 VITESSE-VSC8021 Datasheet
214Kb / 17P
   2.5Gb/s SONET-Compatible 8-Bit MUX/DEMUX Chipset
logo
Texas Instruments
SN74BCT2423A TI1-SN74BCT2423A Datasheet
231Kb / 14P
[Old version datasheet]   16-BIT LATCHED MULTIPLEXER/DEMULTIPLEXER BUS TRANSCEIVERS
logo
Fairchild Semiconductor
FST16233 FAIRCHILD-FST16233 Datasheet
100Kb / 6P
   16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
FSTU32160A FAIRCHILD-FSTU32160A Datasheet
96Kb / 6P
   16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
FST16233MTDX FAIRCHILD-FST16233MTDX Datasheet
101Kb / 6P
   16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
logo
ON Semiconductor
FST16233 ONSEMI-FST16233 Datasheet
203Kb / 8P
   16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch
Revised November 2000
logo
Texas Instruments
SN74CBT16233 TI-SN74CBT16233_06 Datasheet
155Kb / 9P
[Old version datasheet]   16-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBT16233 TI-SN74CBT16233 Datasheet
77Kb / 5P
[Old version datasheet]   16-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
logo
Vitesse Semiconductor C...
VSC7146 VITESSE-VSC7146 Datasheet
251Kb / 19P
   2.5Gb/s, 20-Bit Transceiver
logo
Texas Instruments
SN74CBT16390 TI-SN74CBT16390_08 Datasheet
333Kb / 11P
[Old version datasheet]   16-BIT TO 32-BIT FET MULTIPLEXER/DEMULTIPLEXER BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com