Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DEM-VSP2262Y Datasheet(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # DEM-VSP2262Y
Description  CCD SIGNAL PROCESSOR for DIGITAL CAMERAS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DEM-VSP2262Y Datasheet(HTML) 11 Page - Burr-Brown (TI)

Back Button DEM-VSP2262Y Datasheet HTML 5Page - Burr-Brown (TI) DEM-VSP2262Y Datasheet HTML 6Page - Burr-Brown (TI) DEM-VSP2262Y Datasheet HTML 7Page - Burr-Brown (TI) DEM-VSP2262Y Datasheet HTML 8Page - Burr-Brown (TI) DEM-VSP2262Y Datasheet HTML 9Page - Burr-Brown (TI) DEM-VSP2262Y Datasheet HTML 10Page - Burr-Brown (TI) DEM-VSP2262Y Datasheet HTML 11Page - Burr-Brown (TI) DEM-VSP2262Y Datasheet HTML 12Page - Burr-Brown (TI) DEM-VSP2262Y Datasheet HTML 13Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
VSP2262
11
SBMS011
TIMINGS
The CDS and the ADC are operated by SHP/SHD and their
derivative timing clocks generated by the on-chip timing
generator. The digital output data is synchronized with
ADCCK. See the VSP2262 “CDS Timing Specifications” for
the timing relationship among the CCD signal, SHP/SHD,
ADCCK and the output data. CLPOB is used to activate the
black level clamp loop during the OB pixel interval, and
CLPDM is used to activate the input clamping during the
dummy pixel interval. If the CLPDM pulse is not available in
your system, the CLPOB pulse can be used in place of
CLPDM as long as the clamping takes place during black
pixels (refer to the “Input Clamp and Dummy Pixel Clamp”
section for more detail). The clock polarities of SHP/SHD,
CLPOB and CLPDM can be independently set through the
serial interface (refer to the “Serial Interface” section for more
detail). The descriptions and the timing diagrams in this data
sheet are all based on the polarity of Active LOW (default
value). In order to keep a stable and accurate OB clamp level,
we recommend CLPOB should not be activated during PBLK
active period. Refer to the “Preblanking and Data Latency”
section for more detail. In Stand-by mode, ADCCK, SHP,
SHD, CLPOB and CLPDM are internally masked and pulled
HIGH.
POWER SUPPLY, GROUNDING AND DEVICE
DECOUPLING RECOMMENDATIONS
The VSP2262 incorporates analog circuitry and a very
high-precision, high-speed ADC that are vulnerable to any
extraneous noise from the rails or elsewhere. For this reason,
it should be treated as an analog component and all supply
pins except for DRVDD should be powered by the only
analog supply of the system. This will ensure the most
consistent results, since digital power lines often carry high
levels of wideband noise that would otherwise be coupled
into the device and degrade the achievable performance.
Proper grounding, short lead length, and the use of ground
planes are also very important for high-frequency designs.
Multi-layer PC boards are recommended for the best perfor-
mance, since they offer distinct advantages like minimizing
ground impedance, separation of signal layers by ground
layers, etc. It is highly recommended that analog and digital
ground pins of the VSP2262 be joined together at the IC and
be connected only to the analog ground of the system. The
driver stage of the digital outputs (B[11:0]) is supplied
through a dedicated supply pin (DRVDD) and it should be
separated from the other supply pins completely, or at least
with a ferrite bead.
It is also recommended to keep the capacitive loading on the
output data lines as low as possible (typically less than
15pF). Larger capacitive loads demand higher charging
current surges that can feed back into the analog portion of
the VSP2262 and affect the performance. If possible, exter-
nal buffers or latches should be used, providing the added
benefit of isolating the VSP2262 from any digital noise
activities on the data lines. In addition, resistors in series
with each data line may help minimize the surge current.
Values in the range of 100
Ω to 200Ω will limit the instan-
taneous current the output stage has to provide for recharg-
ing the parasitic capacitances as the output levels change
from LOW to HIGH, or HIGH to LOW. Due to high
operation speed, the converter also generates high-frequency
current transients and noises that are fed back into the supply
and reference lines. This requires the supply and reference
pins to be sufficiently bypassed. In most cases, 0.1
µF ce-
ramic chip capacitors are adequate to decouple the reference
pins. Supply pins should be decoupled to the ground plane
with a parallel combination of tantalum (1
µF to 22µF) and
ceramic (0.1
µF) capacitors. The effectiveness of the decou-
pling largely depends on the proximity to the individual pin.
DRVDD should be decoupled to the proximity of DRVGND.
Special attention must be paid to the bypassing of COB,
BYPP2 and BYPM, since these capacitor values determine
important analog performances of the device.


Similar Part No. - DEM-VSP2262Y

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DEM-VSP2232Y TI-DEM-VSP2232Y Datasheet
248Kb / 19P
[Old version datasheet]   CCD SIGNAL PROCESSOR FOR DIGITAL CAMERAS
More results

Similar Description - DEM-VSP2262Y

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
VSP2000 BURR-BROWN-VSP2000 Datasheet
291Kb / 12P
   CCD SIGNAL PROCESSOR FOR DIGITAL CAMERAS
VSP2210 BURR-BROWN-VSP2210 Datasheet
123Kb / 11P
   CCD SIGNAL PROCESSOR For Digital Cameras
logo
Texas Instruments
VSP2230 TI1-VSP2230_14 Datasheet
1Mb / 4P
[Old version datasheet]   CCD SIGNAL PROCESSOR For Digital Cameras
VSP2232 TI1-VSP2232_16 Datasheet
497Kb / 4P
[Old version datasheet]   CCD SIGNAL PROCESSOR For Digital Cameras
logo
Burr-Brown (TI)
VSP2260 BURR-BROWN-VSP2260 Datasheet
221Kb / 13P
   CCD SIGNAL PROCESSOR for DIGITAL CAMERAS
VSP2212 BURR-BROWN-VSP2212 Datasheet
125Kb / 11P
   CCD SIGNAL PROCESSOR For Digital Cameras
logo
Texas Instruments
VSP2270 TI-VSP2270 Datasheet
258Kb / 19P
[Old version datasheet]   CCD SIGNAL PROCESSOR FOR DIGITAL CAMERAS
VSP2232 TI-VSP2232 Datasheet
248Kb / 19P
[Old version datasheet]   CCD SIGNAL PROCESSOR FOR DIGITAL CAMERAS
VSP2272 TI-VSP2272 Datasheet
282Kb / 10P
[Old version datasheet]   CCD SIGNAL PROCESSOR FOR DIGITAL CAMERAS
logo
Burr-Brown (TI)
VSP2101 BURR-BROWN-VSP2101 Datasheet
184Kb / 12P
   CCD SIGNAL PROCESSOR For Digital Cameras
logo
Texas Instruments
VSP2212 TI1-VSP2212_16 Datasheet
529Kb / 4P
[Old version datasheet]   CCD SIGNAL PROCESSOR For Digital Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com