Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UNR921NJ Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # UNR921NJ
Description  Silicon NPN epitaxial planer type
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

UNR921NJ Datasheet(HTML) 3 Page - Panasonic Semiconductor

  UNR921NJ Datasheet HTML 1Page - Panasonic Semiconductor UNR921NJ Datasheet HTML 2Page - Panasonic Semiconductor UNR921NJ Datasheet HTML 3Page - Panasonic Semiconductor UNR921NJ Datasheet HTML 4Page - Panasonic Semiconductor UNR921NJ Datasheet HTML 5Page - Panasonic Semiconductor UNR921NJ Datasheet HTML 6Page - Panasonic Semiconductor UNR921NJ Datasheet HTML 7Page - Panasonic Semiconductor UNR921NJ Datasheet HTML 8Page - Panasonic Semiconductor UNR921NJ Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
UNR92XXJ Series
3
SJH00039AED
I Electrical Characteristics (continued) T
a = 25°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Resis-
UNR9211J/9212J/9213J/921LJ
R1/R2
0.8
1.0
1.2
tance
UNR9214J
0.17
0.21
0.25
ratio
UNR9218J/9219J
0.08
0.1
0.12
UNR921DJ
3.7
4.7
5.7
UNR921EJ
1.7
2.14
2.6
UNR921FJ
0.37
0.47
0.57
UNR921KJ
1.7
2.13
2.6
UNR921MJ
0.047
UNR921NJ
0.1
UNR921TJ
0.47
UNR921AJ/921VJ
1.0
Resistance between emitter to base UNR921CJ
R2
−30%
47
+30%
k
Characteristics chart of UNR9210J
IC  VCE
VCE(sat)  IC
hFE  IC
Common characteristics chart
PT  Ta
0
0
160
20
60
100
140
40
120
80
150
125
100
75
50
25
Ambient temperature T
a (°C)
012
210
48
6
0
60
50
40
30
20
10
Collector to emitter voltage V
CE (V)
Ta
= 25°C
IB
= 1.0 mA
0.1 mA
0.3 mA
0.4 mA
0.5 mA
0.6 mA
0.7 mA
0.8 mA
0.9 mA
0.01
0.03
0.1
0.3
0.1
0.3
1
3
10
30
100
1
3
10
30
100
IC / IB
= 10
Ta
= 75°C
25
°C
−25°C
Collector current I
C (mA)
0
13
100
200
300
400
350
250
150
50
10
30
100
300
1 000
VCE
= 10 V
Ta
= 75°C
25
°C
−25°C
Collector current I
C (mA)


Similar Part No. - UNR921NJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UNR921NJ PANASONIC-UNR921NJ Datasheet
400Kb / 19P
   Silicon NPN epitaxial planar type
More results

Similar Description - UNR921NJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD2184 PANASONIC-2SD2184 Datasheet
38Kb / 2P
   Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
2SC3313 PANASONIC-2SC3313 Datasheet
37Kb / 2P
   Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
2SC4656 PANASONIC-2SC4656 Datasheet
35Kb / 2P
   Silicon NPN epitaxial planer type
2SC1980 PANASONIC-2SC1980 Datasheet
37Kb / 2P
   Silicon NPN epitaxial planer type
2SD1820A PANASONIC-2SD1820A Datasheet
60Kb / 2P
   Silicon NPN epitaxial planer type
2SC1215 PANASONIC-2SC1215 Datasheet
62Kb / 3P
   Silicon NPN epitaxial planer type
2SD874 PANASONIC-2SD874 Datasheet
39Kb / 2P
   Silicon NPN epitaxial planer type
2SD0602A PANASONIC-2SD0602A Datasheet
60Kb / 2P
   Silicon NPN epitaxial planer type
2SD1819A PANASONIC-2SD1819A Datasheet
36Kb / 2P
   Silicon NPN epitaxial planer type
2SD1820 PANASONIC-2SD1820 Datasheet
39Kb / 2P
   Silicon NPN epitaxial planer type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com