Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS512K32-15G1 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # WS512K32-15G1
Description  512K X 32 SRAM MODULE SMD 5962-94611
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WS512K32-15G1 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  WS512K32-15G1 Datasheet HTML 1Page - List of Unclassifed Manufacturers WS512K32-15G1 Datasheet HTML 2Page - List of Unclassifed Manufacturers WS512K32-15G1 Datasheet HTML 3Page - List of Unclassifed Manufacturers WS512K32-15G1 Datasheet HTML 4Page - List of Unclassifed Manufacturers WS512K32-15G1 Datasheet HTML 5Page - List of Unclassifed Manufacturers WS512K32-15G1 Datasheet HTML 6Page - List of Unclassifed Manufacturers WS512K32-15G1 Datasheet HTML 7Page - List of Unclassifed Manufacturers WS512K32-15G1 Datasheet HTML 8Page - List of Unclassifed Manufacturers WS512K32-15G1 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
WS512K32-XXX
White Electronic Designs Corporation • (602) 437-1520 • www.whiteedc.com
AC CHARACTERISTICS
(VCC= 5.0V, VSS = 0V, TA= -55°C to +125°C)
FIG. 4
AC TEST CIRCUIT
NOTES:
VZ is programmable from -2V to +7V.
IOL & IOH programmable from 0 to 16mA.
Tester Impedance Z0 = 75 ý.
VZ is typically the midpoint of VOH and VOL.
IOL & IOH are adjusted to simulate a typical resistive load circuit.
ATE tester includes jig capacitance.
AC CHARACTERISTICS
(VCC= 5.0V, VSS = 0V, TA= -55°C to +125°C)
AC TEST CONDITIONS
Parameter
Typ
Unit
Input Pulse Levels
VIL = 0, VIH = 3.0 V
Input Rise and Fall
5
ns
Input and Output Reference Level
1.5
V
Output Timing Reference Level
1.5
V
Parameter
Symbol
-15*
-17
-20
-25
-35
-45
-55
Units
Write Cycle
Min Max Min Max
Min Max
Min Max Min
Max
Min
Max Min Max
Write Cycle Time
tWC
15
17
20
25
35
45
55
n s
Chip Select to End of Write
tCW
13
15
15
17
25
35
50
n s
Address Valid to End of Write
tAW
13
15
15
17
25
35
50
n s
Data Valid to End of Write
tDW
10
11
12
13
20
25
25
n s
Write Pulse Width
tWP
13
15
15
17
25
35
40
n s
Address Setup Time
tAS
2
222
2
2
2
n s
Address Hold Time
tAH
0
000
0
5
5
n s
Output Active from End of Write
tOW1
2
234
4
5
5
n s
Write Enable to Output in High Z
tWHZ1
8
9
11
13
15
20
20
n s
Data Hold Time
tDH
0
000
0
0
0
n s
* 15ns Access Time available only in Commercial and Industrial Temperature. This speed is not fully characterized and is subject to change without notice.
1. This parameter is guaranteed by design but not tested.
2 . The Address Setup Time of minimum 2ns is for the G2T, G1U and H1 packages. tAS minimum for the G4T package is 0ns.
Parameter
Symbol
-15*
-17
-20
-25
-35
-45
-55
Units
Read Cycle
Min Max Min Max
Min Max
Min Max
Min
Max Min Max
Min Max
Read Cycle Time
tRC
15
17
20
25
35
45
55
n s
Address Access Time
tAA
15
17
20
25
35
45
55
n s
Output Hold from Address Change
tOH
0
0
0000
0
n s
Chip Select Access Time
tACS
15
17
20
25
35
45
55
n s
Output Enable to Output Valid
tOE
8
9
10
12
25
25
25
n s
Chip Select to Output in Low Z
tCLZ1
2
2
2244
4
n s
Output Enable to Output in Low Z
tOLZ1
0
0
0000
0
n s
Chip Disable to Output in High Z
tCHZ1
12
12
12
12
15
20
20
n s
Output Disable to Output in High Z
tOHZ1
12
12
12
12
15
20
20
n s
* 15ns Access Time available only in Commercial and Industrial Temperature. This speed is not fully characterized and is subject to change without notice.
1. This parameter is guaranteed by design but not tested.


Similar Part No. - WS512K32-15G1

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WS512K32-100G2TC WEDC-WS512K32-100G2TC Datasheet
266Kb / 6P
   512Kx32 SRAM MODULE, SMD 5962-94611
WS512K32-100G2TCA WEDC-WS512K32-100G2TCA Datasheet
266Kb / 6P
   512Kx32 SRAM MODULE, SMD 5962-94611
WS512K32-100G2TI WEDC-WS512K32-100G2TI Datasheet
266Kb / 6P
   512Kx32 SRAM MODULE, SMD 5962-94611
WS512K32-100G2TIA WEDC-WS512K32-100G2TIA Datasheet
266Kb / 6P
   512Kx32 SRAM MODULE, SMD 5962-94611
WS512K32-100G2TM WEDC-WS512K32-100G2TM Datasheet
266Kb / 6P
   512Kx32 SRAM MODULE, SMD 5962-94611
More results

Similar Description - WS512K32-15G1

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WS512K32-XXX WEDC-WS512K32-XXX Datasheet
266Kb / 6P
   512Kx32 SRAM MODULE, SMD 5962-94611
logo
Microsemi Corporation
WS128K32-XXX MICROSEMI-WS128K32-XXX Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
logo
List of Unclassifed Man...
WSF128K16 ETC-WSF128K16 Datasheet
541Kb / 15P
   128K X 16 SRAM /FLASH MODULE SMD 5962-96900
WS512K8-20 ETC-WS512K8-20 Datasheet
157Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
logo
Hanbit Electronics Co.,...
HMS51232M4V HANBIT-HMS51232M4V Datasheet
172Kb / 7P
   SRAM MODULE 2Mbyte (512K x 32-Bit), 3.3V
logo
White Electronic Design...
WS128K32XXX WEDC-WS128K32XXX Datasheet
379Kb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187
WS512K8-XCX WEDC-WS512K8-XCX Datasheet
156Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
logo
Austin Semiconductor
AS8S512K32 AUSTIN-AS8S512K32_05 Datasheet
204Kb / 14P
   512K x 32 SRAM SRAM MEMORY ARRAY
AS8S512K32 AUSTIN-AS8S512K32_03 Datasheet
187Kb / 13P
   512K x 32 SRAM SRAM MEMORY ARRAY
logo
White Electronic Design...
WSF512K16-XXX WEDC-WSF512K16-XXX Datasheet
577Kb / 15P
   512KX16 SRAM/FLASH MODULE, SMD 5962-96901
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com