Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT75R03D Datasheet(PDF) 1 Page - Exar Corporation

Part # XRT75R03D
Description  THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCRONIZER
Download  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75R03D Datasheet(HTML) 1 Page - Exar Corporation

  XRT75R03D Datasheet HTML 1Page - Exar Corporation XRT75R03D Datasheet HTML 2Page - Exar Corporation XRT75R03D Datasheet HTML 3Page - Exar Corporation XRT75R03D Datasheet HTML 4Page - Exar Corporation XRT75R03D Datasheet HTML 5Page - Exar Corporation XRT75R03D Datasheet HTML 6Page - Exar Corporation XRT75R03D Datasheet HTML 7Page - Exar Corporation XRT75R03D Datasheet HTML 8Page - Exar Corporation XRT75R03D Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 134 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 (510) 668-7000 FAX (510) 668-7017 www.exar.com
XRT75R03D
THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCRONIZER
DECEMBER 2003
REV. 1.0.2
GENERAL DESCRIPTION
The XRT75R03D is a three-channel fully integrated
Line Interface Unit (LIU) featuring EXAR’s R3
Technology (Reconfigurable, Relayless Redundancy)
with Jitter Attenuator for E3/DS3/STS-1 applications.
It
incorporates
3
independent
Receivers,
Transmitters and Jitter Attenuators in a single 128 pin
LQFP package.
Each
channel
of
the
XRT75R03D
can
be
independently configured to operate in the data rate,
E3 (34.368 MHz), DS3 (44.736 MHz) or STS-1 (51.84
MHz). Each transmitter can be turned off and tri-
stated for redundancy support or for conserving
power.
The XRT75R03D’s differential receiver provides high
noise interference margin and is able to receive the
data over 1000 feet of cable or with up to 12 dB of
cable attenuation.
The XRT75R03D incorporates an advanced crystal-
less jitter attenuator per channel that can be selected
either in the transmit or receive path. The jitter
attenuator performance meets the ETSI TBR-24 and
Bellcore GR-499 specifications.
The
XRT75R03D
provides
both
Serial
Microprocessor Interface as well as Hardware mode
for programming and control.
The XRT75R03D supports local, remote and digital
loop-backs. The device also has a built-in Pseudo
Random Binary Sequence (PRBS) generator and
detector with the ability to insert and detect single bit
error for diagnostic purposes.
FEATURES
RECEIVER:
R3
Technology
(Reconfigurable,
Relayless
Redundancy)
On chip Clock and Data Recovery circuit for high
input jitter tolerance
Meets E3/DS3/STS-1 Jitter Tolerance Requirement
Detects and Clears LOS as per G.775
Receiver Monitor mode handles up to 20 dB flat
loss with 6 dB cable attenuation
On chip B3ZS/HDB3 encoder and decoder that can
be either enabled or disabled
On-chip clock synthesizer provides the appropriate
rate clock from a single 12.288 MHz Clock
Provides low jitter output clock
TRANSMITTER:
R3
Technology
(Reconfigurable,
Relayless
Redundancy)
Compliant with Bellcore GR-499, GR-253 and ANSI
T1.102 Specification for transmit pulse
Tri-state Transmit output capability for redundancy
applications
Each Transmitter can be independently turned on
or off
Transmitters provide Voltage Output Drive
JITTER ATTENUATOR:
On chip advanced crystal-less Jitter Attenuator for
each channel
Jitter Attenuator can be selected in Receive or
Transmit paths
Meets ETSI TBR 24 Jitter Transfer Requirements
Compliant with jitter transfer template outlined in
ITU G.751, G.752, G.755 and GR-499-CORE,1995
standards
Jitter Attenuator can be disabled
CONTROL AND DIAGNOSTICS:
5 wire Serial Microprocessor Interface for control
and configuration
Supports optional internal Transmit driver
monitoring
Hardware Mode for control and configuration
Each channel supports Local, Remote and Digital
Loop-backs
Single 3.3 V ± 5% power supply
5 V Tolerant I/O
Available in 128 pin LQFP
- 40°C to 85°C Industrial Temperature Range
APPLICATIONS
E3/DS3 Access Equipment
STS1-SPE to DS3 De-Synchronizing
DSLAMs
Digital Cross Connect Systems
CSU/DSU Equipment
Routers
Fiber Optic Terminals


Similar Part No. - XRT75R03D

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT75R03D EXAR-XRT75R03D Datasheet
850Kb / 135P
   EXAR DATA SHEET FORMAT TEMPLATES
XRT75R03DIV EXAR-XRT75R03DIV Datasheet
850Kb / 135P
   EXAR DATA SHEET FORMAT TEMPLATES
XRT75R03D EXAR-XRT75R03D_06 Datasheet
850Kb / 135P
   EXAR DATA SHEET FORMAT TEMPLATES
More results

Similar Description - XRT75R03D

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT75VL00D EXAR-XRT75VL00D_08 Datasheet
842Kb / 92P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
XRT75L03D EXAR-XRT75L03D Datasheet
1Mb / 134P
   THREE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75R12D EXAR-XRT75R12D_07 Datasheet
856Kb / 133P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
XRT75L00D EXAR-XRT75L00D Datasheet
894Kb / 92P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75R12D EXAR-XRT75R12D_06 Datasheet
2Mb / 134P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
XRT75VL00D EXAR-XRT75VL00D Datasheet
836Kb / 92P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75R06D EXAR-XRT75R06D Datasheet
1Mb / 105P
   SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75L04D EXAR-XRT75L04D Datasheet
935Kb / 98P
   FOUR CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75R12D EXAR-XRT75R12D Datasheet
1Mb / 131P
   TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
XRT75L06D EXAR-XRT75L06D Datasheet
1Mb / 103P
   SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET DESYNCHRONIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com