Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR88C92CP Datasheet(PDF) 6 Page - Exar Corporation

Part # XR88C92CP
Description  DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR88C92CP Datasheet(HTML) 6 Page - Exar Corporation

Back Button XR88C92CP Datasheet HTML 2Page - Exar Corporation XR88C92CP Datasheet HTML 3Page - Exar Corporation XR88C92CP Datasheet HTML 4Page - Exar Corporation XR88C92CP Datasheet HTML 5Page - Exar Corporation XR88C92CP Datasheet HTML 6Page - Exar Corporation XR88C92CP Datasheet HTML 7Page - Exar Corporation XR88C92CP Datasheet HTML 8Page - Exar Corporation XR88C92CP Datasheet HTML 9Page - Exar Corporation XR88C92CP Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
XR88C92/192
6
Rev. 1.31
SYMBOL DESCRIPTION (* 44 pin TQFP)
IP3
3
2
41
I
Multi-purpose input or Channel A transmit external clock port
input. The transmit data is clocked on the falling edge of the
clock.
IP4
43
39
37
I
Multi-purpose input or Channel A receive external clock input.
The transmit data is clocked on the rising edge of the clock.
IP5
42
38
36
I
Multi-purpose input or Channel B Transmit external clock
input. The transmit data is clocked on the falling edge of the
clock.
IP6
41
37
35
I
Multi-purpose input or Channel B receive external clock input.
The transmit data is clocked on the rising edge of the clock.
-CS
39
35
33
I
Chip select (active low). A low at this pin enables the serial
port / CPU data transfer operation.
D0-D7
28,18
25,16
22,12
Bi-directional data bus. Eight bit, three state data bus to
27,19
24,17
21,13
I/O
transfer information to or from the CPU. D0 is the least
26,20
23,18
20,14
significant bit of the data bus and the first serial data bit to be
25,21
22,19
19,15
received or transmitted.
-IOW
9
8
3
I
Write strobe (active low). A low on this pin will transfer the
contents of the CPU data bus to the addressed register.
-IOR
10
9
4
I
Read strobe (active low). A low on this pin will transfer the
contents of the XR88C92/192 register to CPU data bus.
VCC
44
40
38,39
Pwr
Power supply input, 2.97V to 5.5V.
N.C.
1,12
11,23
No Connection.
23,34
Symbol
Pin
Signal
Pin Description
44
40
44*
type


Similar Part No. - XR88C92CP

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR88C92CJ EXAR-XR88C92CJ Datasheet
180Kb / 32P
   DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
XR88C92CV EXAR-XR88C92CV Datasheet
180Kb / 32P
   DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
More results

Similar Description - XR88C92CP

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR88C192IV-F EXAR-XR88C192IV-F Datasheet
185Kb / 32P
   DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
XR68C192 EXAR-XR68C192 Datasheet
282Kb / 32P
   DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
XR68C92 EXAR-XR68C92_05 Datasheet
188Kb / 33P
   DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
XR88C92 EXAR-XR88C92_05 Datasheet
180Kb / 32P
   DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
logo
NXP Semiconductors
SC28L202 PHILIPS-SC28L202 Datasheet
531Kb / 77P
   Dual universal asynchronous receiver/transmitter DUART
2000 Feb 10
SC26C92 PHILIPS-SC26C92 Datasheet
203Kb / 31P
   Dual universal asynchronous receiver/transmitter DUART
2000 Jan 31
logo
List of Unclassifed Man...
H8250 ETC-H8250 Datasheet
49Kb / 7P
   Universal Asynchronous Receiver/Transmitter
logo
Altera Corporation
A6402 ALTERA-A6402 Datasheet
228Kb / 8P
   Universal Asynchronous Receiver/Transmitter
logo
Winbond
W86C450 WINBOND-W86C450 Datasheet
1Mb / 28P
   UNIVERSAL ASYNCHRONOUS RECEIVER /TRANSMITTER
logo
TelCom Semiconductor, I...
AY-3-1013A TELCOM-AY-3-1013A Datasheet
775Kb / 13P
   UNIVERSAL ASYNCHRONOUS RECEIVER / TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com