Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT3591B Datasheet(PDF) 5 Page - Exar Corporation

Part # XRT3591B
Description  SINGLECHIP V. 35 TRANSCEIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT3591B Datasheet(HTML) 5 Page - Exar Corporation

  XRT3591B Datasheet HTML 1Page - Exar Corporation XRT3591B Datasheet HTML 2Page - Exar Corporation XRT3591B Datasheet HTML 3Page - Exar Corporation XRT3591B Datasheet HTML 4Page - Exar Corporation XRT3591B Datasheet HTML 5Page - Exar Corporation XRT3591B Datasheet HTML 6Page - Exar Corporation XRT3591B Datasheet HTML 7Page - Exar Corporation XRT3591B Datasheet HTML 8Page - Exar Corporation XRT3591B Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
XRT3591B
  
AC ELECTRICAL CHARACTERISTICS
 #D  . +5.0v ? E .-5.0V ? E  . 25C # #   +# . 0
1#
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
$
%   $ %
30

5.
-9:
% 2.  5.. -)
 ,/
!
40

5.
-:9
% 2.  5.. -)
 ,/
!
40

5.
5"<
% 5..  5..
30

5.
-9:
 2.  5.. -)
 ,/ &'
50

5.
-:9
 2.  5.. -)
 ,/ &1'
50

5.
2"<
,11  30
&-9: A-:9'
!

5.
;9
 +  5.. 90


;:
 +  5.. :

9;
 ,+  5.. 90

:;
 ,+  5.. :

Notes
1 All currents flowing into the device pins are marked positive. All current flowing out of the device pins are marked negative.
Bold face parameters are covered by production test and guaranteed over operating temperature range.
Specifications are subject to change without notice
ABSOLUTE MAXIMUM RATINGS
 %.
)(  ?
5 %.
)  ?
./ 



Similar Part No. - XRT3591B

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT16C854 EXAR-XRT16C854 Datasheet
1Mb / 54P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XRT16L2552 EXAR-XRT16L2552 Datasheet
749Kb / 47P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
XRT4000 EXAR-XRT4000 Datasheet
378Kb / 46P
   Universal Multiprotocol Serial Interface
XRT4000CV EXAR-XRT4000CV Datasheet
378Kb / 46P
   Universal Multiprotocol Serial Interface
XRT4500 EXAR-XRT4500 Datasheet
1Mb / 99P
   MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
More results

Similar Description - XRT3591B

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP322 SIPEX-SP322 Datasheet
438Kb / 13P
   Programmable V.11/V.35 Transceiver
SP322 SIPEX-SP322_05 Datasheet
352Kb / 13P
   Programmable V.11/V.35 Transceiver
SP322 SIPEX-SP322 Datasheet
318Kb / 14P
   Programmable V.11/V.35 Transceiver
logo
Linear Technology
LTC1345 LINER-LTC1345 Datasheet
203Kb / 12P
   Single Supply V.35 Transceiver
logo
Exar Corporation
XR-T3590 EXAR-XR-T3590 Datasheet
689Kb / 16P
   SINGLE CHIP V.35 TRANSCEIVER
logo
Linear Technology
LTC1345 LINER-LTC1345_15 Datasheet
218Kb / 12P
   Single Supply V.35 Transceiver
logo
Exar Corporation
XR-T3591 EXAR-XR-T3591 Datasheet
690Kb / 16P
   SINGLE CHIP V.35 TRANSCEIVER
logo
Linear Technology
LTC1346A LINER-LTC1346A Datasheet
316Kb / 12P
   10Mbps DCE/DTE V.35 Transceiver
LTC1346A LINER-LTC1346A_15 Datasheet
234Kb / 12P
   10Mbps DCE/DTE V.35 Transceiver
logo
Toshiba Semiconductor
TC9307AF-010 TOSHIBA-TC9307AF-010 Datasheet
599Kb / 16P
   SINGLECHIP DTS MICRO CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com