Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT3591B Datasheet(PDF) 7 Page - Exar Corporation

Part # XRT3591B
Description  SINGLECHIP V. 35 TRANSCEIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT3591B Datasheet(HTML) 7 Page - Exar Corporation

Back Button XRT3591B Datasheet HTML 3Page - Exar Corporation XRT3591B Datasheet HTML 4Page - Exar Corporation XRT3591B Datasheet HTML 5Page - Exar Corporation XRT3591B Datasheet HTML 6Page - Exar Corporation XRT3591B Datasheet HTML 7Page - Exar Corporation XRT3591B Datasheet HTML 8Page - Exar Corporation XRT3591B Datasheet HTML 9Page - Exar Corporation XRT3591B Datasheet HTML 10Page - Exar Corporation XRT3591B Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
XRT3591B
  

-:9

1.4:>D H. D 1H. 
-9:
2


A
&5 ?' A &5 A'
5 A
5 ?
5,
E
E
E
,2$$. &5?' A &5A'

C!5,
E
E
$
E
5"<
5"<
-:9

1.4:>D H. D 1H. 
-9:

2*-8
2

A2
&2?' A &2A'
A
5

58-8

Figure 3. V.35 Transmitter Propagation Delays
Figure 4. V.35 Receiver Propagation Delays


Similar Part No. - XRT3591B

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT16C854 EXAR-XRT16C854 Datasheet
1Mb / 54P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XRT16L2552 EXAR-XRT16L2552 Datasheet
749Kb / 47P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
XRT4000 EXAR-XRT4000 Datasheet
378Kb / 46P
   Universal Multiprotocol Serial Interface
XRT4000CV EXAR-XRT4000CV Datasheet
378Kb / 46P
   Universal Multiprotocol Serial Interface
XRT4500 EXAR-XRT4500 Datasheet
1Mb / 99P
   MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
More results

Similar Description - XRT3591B

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP322 SIPEX-SP322 Datasheet
438Kb / 13P
   Programmable V.11/V.35 Transceiver
SP322 SIPEX-SP322_05 Datasheet
352Kb / 13P
   Programmable V.11/V.35 Transceiver
SP322 SIPEX-SP322 Datasheet
318Kb / 14P
   Programmable V.11/V.35 Transceiver
logo
Linear Technology
LTC1345 LINER-LTC1345 Datasheet
203Kb / 12P
   Single Supply V.35 Transceiver
logo
Exar Corporation
XR-T3590 EXAR-XR-T3590 Datasheet
689Kb / 16P
   SINGLE CHIP V.35 TRANSCEIVER
logo
Linear Technology
LTC1345 LINER-LTC1345_15 Datasheet
218Kb / 12P
   Single Supply V.35 Transceiver
logo
Exar Corporation
XR-T3591 EXAR-XR-T3591 Datasheet
690Kb / 16P
   SINGLE CHIP V.35 TRANSCEIVER
logo
Linear Technology
LTC1346A LINER-LTC1346A Datasheet
316Kb / 12P
   10Mbps DCE/DTE V.35 Transceiver
LTC1346A LINER-LTC1346A_15 Datasheet
234Kb / 12P
   10Mbps DCE/DTE V.35 Transceiver
logo
Toshiba Semiconductor
TC9307AF-010 TOSHIBA-TC9307AF-010 Datasheet
599Kb / 16P
   SINGLECHIP DTS MICRO CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com