Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT3591BIP Datasheet(PDF) 6 Page - Exar Corporation

Part # XRT3591BIP
Description  SINGLECHIP V. 35 TRANSCEIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT3591BIP Datasheet(HTML) 6 Page - Exar Corporation

Back Button XRT3591BIP Datasheet HTML 2Page - Exar Corporation XRT3591BIP Datasheet HTML 3Page - Exar Corporation XRT3591BIP Datasheet HTML 4Page - Exar Corporation XRT3591BIP Datasheet HTML 5Page - Exar Corporation XRT3591BIP Datasheet HTML 6Page - Exar Corporation XRT3591BIP Datasheet HTML 7Page - Exar Corporation XRT3591BIP Datasheet HTML 8Page - Exar Corporation XRT3591BIP Datasheet HTML 9Page - Exar Corporation XRT3591BIP Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
XRT3591B
(
  
SEL2
SEL1
SEL0
Drivers
On
Receivers
On
Description



)
 !
  



)
)
 11



 !
 !
, %#



 !
 !
, %# 0 %# +3



 !
 !
, %#



 !
 !
, %# 0 %# +3



 !
 !
 



 !
)
 # 
Note: The driver and receiver outputs which are not on, are placed in Hi-Z state.
Table 1. Function Table


58
42*25*

2*-8
42*25*
5


!
2
$., 
!
5?
5)
5,
5
2?
2)
5.&5??5)'C!

Figure 2. XRT3591B Test Circuit


Similar Part No. - XRT3591BIP

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT16C854 EXAR-XRT16C854 Datasheet
1Mb / 54P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XRT16L2552 EXAR-XRT16L2552 Datasheet
749Kb / 47P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
XRT4000 EXAR-XRT4000 Datasheet
378Kb / 46P
   Universal Multiprotocol Serial Interface
XRT4000CV EXAR-XRT4000CV Datasheet
378Kb / 46P
   Universal Multiprotocol Serial Interface
XRT4500 EXAR-XRT4500 Datasheet
1Mb / 99P
   MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
More results

Similar Description - XRT3591BIP

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP322 SIPEX-SP322 Datasheet
438Kb / 13P
   Programmable V.11/V.35 Transceiver
SP322 SIPEX-SP322_05 Datasheet
352Kb / 13P
   Programmable V.11/V.35 Transceiver
SP322 SIPEX-SP322 Datasheet
318Kb / 14P
   Programmable V.11/V.35 Transceiver
logo
Linear Technology
LTC1345 LINER-LTC1345 Datasheet
203Kb / 12P
   Single Supply V.35 Transceiver
logo
Exar Corporation
XR-T3590 EXAR-XR-T3590 Datasheet
689Kb / 16P
   SINGLE CHIP V.35 TRANSCEIVER
logo
Linear Technology
LTC1345 LINER-LTC1345_15 Datasheet
218Kb / 12P
   Single Supply V.35 Transceiver
logo
Exar Corporation
XR-T3591 EXAR-XR-T3591 Datasheet
690Kb / 16P
   SINGLE CHIP V.35 TRANSCEIVER
logo
Linear Technology
LTC1346A LINER-LTC1346A Datasheet
316Kb / 12P
   10Mbps DCE/DTE V.35 Transceiver
LTC1346A LINER-LTC1346A_15 Datasheet
234Kb / 12P
   10Mbps DCE/DTE V.35 Transceiver
logo
Toshiba Semiconductor
TC9307AF-010 TOSHIBA-TC9307AF-010 Datasheet
599Kb / 16P
   SINGLECHIP DTS MICRO CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com