Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT3591BID Datasheet(PDF) 1 Page - Exar Corporation

Part # XRT3591BID
Description  SINGLECHIP V. 35 TRANSCEIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT3591BID Datasheet(HTML) 1 Page - Exar Corporation

  XRT3591BID Datasheet HTML 1Page - Exar Corporation XRT3591BID Datasheet HTML 2Page - Exar Corporation XRT3591BID Datasheet HTML 3Page - Exar Corporation XRT3591BID Datasheet HTML 4Page - Exar Corporation XRT3591BID Datasheet HTML 5Page - Exar Corporation XRT3591BID Datasheet HTML 6Page - Exar Corporation XRT3591BID Datasheet HTML 7Page - Exar Corporation XRT3591BID Datasheet HTML 8Page - Exar Corporation XRT3591BID Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
XRT3591B
 

  

   ! " # $%     &' (()   $ &' (() 
*%+ )
FEATURES
  , -#   # )
% $./ % 0  1
1 21 & ,11 2. 
 %'
 .  3 # ,   ,
# , 4# 1 5
 %   . -#
 .  46%.% ,  51  47- 8 
 4
 $. % 0 2 1
 . 4# , 9+3  ,
# , 4# 1 5
 0 ,+     ,  
 # ,
 ,.  ,+ 4#  5..  # 
:); 
 46%.% -0 , %< & 
4#'
 46%.% -0 .% (%< & ,
9##'
 . .% ,. . ,0 4# 
  
APPLICATIONS
 7# # .
 4#%
 ,  8 &,8'
 4.6
 :,9 # ,9 =.%
 2 4.6
 <3
GENERAL DESCRIPTION
 7     # 0  
 # %  # +/ 1 
.11  %%   # # 3 
=.# 1  1 $  #3
  )! !   /
 # . %. %# 1 
.# , # , , +3 
.# +   , # , %#

%%# #  + #  %#
+3  %%# 7 3 # #  
# +3 #.  # %#  1.
 + 3# +/ /    9
 & Table 1.' $ 0 %% 16+/
 1  # #   + #   .
#0 %# $  0 /  
=.#   #  + #+# #  
,. #+ %#  .. #  #  :);

 #11 .. # 1  # 
%%# .  . %# / # 
%%>  .%+ 1 6  =.# ,.
 0  0 =.#   . %# 1
  %   / 1 .
 #  %%>#  % # 
0.# =.  6  03  1
 1 %  # #  =. /
   ##  0  $ #. 
##   0 . 2 #  #. 
.%+ 1 6 %  03  +
.#  > +  # #  %
ORDERING INFORMATION
Part No.
Package
Operating
Temperature Range
 72-
! 9# ( 4 -,2-
)  ?
 72,
! 9#  4 @, 52
)  ?


Similar Part No. - XRT3591BID

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT16C854 EXAR-XRT16C854 Datasheet
1Mb / 54P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XRT16L2552 EXAR-XRT16L2552 Datasheet
749Kb / 47P
   2.25V TO 5.5V DUART WITH 16-BYTE FIFO
XRT4000 EXAR-XRT4000 Datasheet
378Kb / 46P
   Universal Multiprotocol Serial Interface
XRT4000CV EXAR-XRT4000CV Datasheet
378Kb / 46P
   Universal Multiprotocol Serial Interface
XRT4500 EXAR-XRT4500 Datasheet
1Mb / 99P
   MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
More results

Similar Description - XRT3591BID

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP322 SIPEX-SP322 Datasheet
438Kb / 13P
   Programmable V.11/V.35 Transceiver
SP322 SIPEX-SP322_05 Datasheet
352Kb / 13P
   Programmable V.11/V.35 Transceiver
SP322 SIPEX-SP322 Datasheet
318Kb / 14P
   Programmable V.11/V.35 Transceiver
logo
Linear Technology
LTC1345 LINER-LTC1345 Datasheet
203Kb / 12P
   Single Supply V.35 Transceiver
logo
Exar Corporation
XR-T3590 EXAR-XR-T3590 Datasheet
689Kb / 16P
   SINGLE CHIP V.35 TRANSCEIVER
logo
Linear Technology
LTC1345 LINER-LTC1345_15 Datasheet
218Kb / 12P
   Single Supply V.35 Transceiver
logo
Exar Corporation
XR-T3591 EXAR-XR-T3591 Datasheet
690Kb / 16P
   SINGLE CHIP V.35 TRANSCEIVER
logo
Linear Technology
LTC1346A LINER-LTC1346A Datasheet
316Kb / 12P
   10Mbps DCE/DTE V.35 Transceiver
LTC1346A LINER-LTC1346A_15 Datasheet
234Kb / 12P
   10Mbps DCE/DTE V.35 Transceiver
logo
Toshiba Semiconductor
TC9307AF-010 TOSHIBA-TC9307AF-010 Datasheet
599Kb / 16P
   SINGLECHIP DTS MICRO CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com