Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX90314 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MLX90314
Description  Programmable Sensor Interface
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MLX90314 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MLX90314 Datasheet HTML 1Page - List of Unclassifed Manufacturers MLX90314 Datasheet HTML 2Page - List of Unclassifed Manufacturers MLX90314 Datasheet HTML 3Page - List of Unclassifed Manufacturers MLX90314 Datasheet HTML 4Page - List of Unclassifed Manufacturers MLX90314 Datasheet HTML 5Page - List of Unclassifed Manufacturers MLX90314 Datasheet HTML 6Page - List of Unclassifed Manufacturers MLX90314 Datasheet HTML 7Page - List of Unclassifed Manufacturers MLX90314 Datasheet HTML 8Page - List of Unclassifed Manufacturers MLX90314 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
MLX902xx Name of Sensor
Rev Y.X
22/Aug/98
Page 1
MLX90314AB
Programmable Sensor Interface
MLX90314AB Programmable Sensor Interface
Page 1
Rev 2.2
23/Oct/01
Features and Benefits
Microprocessor-controlled signal conditioning for bridge-type sensors
Suited for low-cost sensors: reduction of non-linearity by programmable coefficients
External or internal temperature sensor for compensating temperature errors
Versatile output signal ranges: 4, 5, 10, or 11VDC; 4 to 20 mA loop
Mass calibration easy with 2400 or 9600 baud UART
Power supply from 6 to 35VDC
Applications
Pressure transducers
Accelerometers
Temperature sensor assemblies
Linear position sensors
Ordering Information
art No.
Temperature Suffix
Package
Option
Temperature Range
MLX90314AB
L
LW
-40C to 140C
MLX90314AB
L
UD*
-40C to 140C
*UD denotes unpackaged die
Description
The MLX90314AB is a dedicated microcontroller which performs signal conditioning for sensors wired in
bridge or differential configurations. Sensors that can be used include thermistors, strain gauges, load cells,
pressure sensors, accelerometers, etc. The signal conditioning includes gain adjustment, offset control, high
order temperature and linearity compensation. Compensation values are stored in EEPROM and are re-
programmable. Programming is accomplished by using a PC, with an interface circuit (level shifting and glue
logic), and provided software.
The application circuits can provide an
output of an absolute voltage, relative
voltage, or current. The output can be
range limited with defined outputs when
the signal is beyond the programmed
limits.
Other
features
include
alarm
outputs and level steering. The robust
electrical design allows the MLX90314AB
to be used where most signal conditioning
and sensor interface circuits cannot be
used.
Voltage
regulation
control
is
provided for absolute voltage and current
modes (external FET required).
The
standard
package
is
a
plastic
SO16W. The device is static-sensitive and
requires ESD precautions.


Similar Part No. - MLX90314

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90314 MELEXIS-MLX90314 Datasheet
3Mb / 28P
   Programmable Sensor Interface
MLX90314 MELEXIS-MLX90314 Datasheet
996Kb / 28P
   Programmable Sensor Interface
MLX90314 MELEXIS-MLX90314 Datasheet
1Mb / 33P
   Programmable Sensor Interface
MLX90314LDF MELEXIS-MLX90314LDF Datasheet
3Mb / 28P
   Programmable Sensor Interface
MLX90314LDFBAA-000RE MELEXIS-MLX90314LDFBAA-000RE Datasheet
996Kb / 28P
   Programmable Sensor Interface
More results

Similar Description - MLX90314

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLX90308CAB ETC1-MLX90308CAB Datasheet
522Kb / 26P
   Programmable Sensor Interface
logo
Micro Electronics
MLX90308CCC MICRO-ELECTRONICS-MLX90308CCC Datasheet
494Kb / 26P
   Programmable Sensor Interface
logo
Melexis Microelectronic...
MLX90314 MELEXIS-MLX90314 Datasheet
3Mb / 28P
   Programmable Sensor Interface
MLX90314 MELEXIS-MLX90314_17 Datasheet
1Mb / 33P
   Programmable Sensor Interface
MLX90308 MELEXIS-MLX90308 Datasheet
824Kb / 28P
   Programmable Sensor Interface
MLX90314 MELEXIS-MLX90314_12 Datasheet
996Kb / 28P
   Programmable Sensor Interface
MLX90308 MELEXIS-MLX90308_12 Datasheet
1Mb / 28P
   Programmable Sensor Interface
logo
List of Unclassifed Man...
MLX90313 ETC-MLX90313 Datasheet
562Kb / 35P
   Programmable IR Sensor Interface
logo
Mixed Signal Integratio...
MSSPSI MSI-MSSPSI Datasheet
93Kb / 16P
   Smart Programmable Sensor Interface
MSCPSI MSI-MSCPSI Datasheet
123Kb / 17P
   Controller Programmable Sensor Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com