Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM54C48J Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM54C48J
Description  BCD-to-7 Segment Decoder
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54C48J Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MM54C48J Datasheet HTML 1Page - National Semiconductor (TI) MM54C48J Datasheet HTML 2Page - National Semiconductor (TI) MM54C48J Datasheet HTML 3Page - National Semiconductor (TI) MM54C48J Datasheet HTML 4Page - National Semiconductor (TI) MM54C48J Datasheet HTML 5Page - National Semiconductor (TI) MM54C48J Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF5883
March 1988
MM54C48MM74C48
BCD-to-7 Segment Decoder
General Description
The MM54C48MM74C48 BCD-to-7 segment decoder is a
monolithic complementary MOS (CMOS) integrated circuit
constructed with N- and P-channel enhancement transis-
tors Seven NAND gates and one driver are connected in
pairs to make binary-coded decimal (BCD) data and its com-
plement available to the seven decoding AND-OR-INVERT
gates The remaining NAND gate and three input buffers
provide test-blanking inputripple-blanking output and rip-
ple-blanking inputs
Features
Y
Wide supply voltage range
30V to 15V
Y
Guaranteed noise margin
10V
Y
High noise immunity
045 VCC (typ)
Y
Low power
fan out of 2
TTL compatibility
driving 74L
Y
High current sourcing output (up to 50 mA)
Y
Ripple blanking for leading or trailing zeros (optional)
Y
Lamp test provision
Connection Diagram
Dual-In-Line Package
TLF5883 – 1
Top View
Order Number MM54C48 or MM74C48
Segment Identification
TLF5883 – 2
Numerical Designations
and Resultant Displays
TLF5883 – 3
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - MM54C48J

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54C42 NSC-MM54C42 Datasheet
107Kb / 4P
   BCD-to-Decimal Decoder
MM54C42J NSC-MM54C42J Datasheet
107Kb / 4P
   BCD-to-Decimal Decoder
MM54C42N NSC-MM54C42N Datasheet
107Kb / 4P
   BCD-to-Decimal Decoder
More results

Similar Description - MM54C48J

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74C48 FAIRCHILD-MM74C48 Datasheet
57Kb / 6P
   BCD-to-7 Segment Decoder
logo
National Semiconductor ...
74LS48 NSC-74LS48 Datasheet
116Kb / 6P
   BCD to 7-Segment Decoder
54LS48 NSC-54LS48 Datasheet
95Kb / 4P
   BCD TO 7-SEGMENT DECODER
LS248 NSC-LS248 Datasheet
67Kb / 3P
   BCD TO 7-SEGMENT DECODER
DM74LS48 NSC-DM74LS48 Datasheet
119Kb / 6P
   BCD to 7-Segment Decoder
January 1992
logo
Motorola, Inc
SN54LS48 MOTOROLA-SN54LS48 Datasheet
100Kb / 3P
   BCD TO 7-SEGMENT DECODER
logo
Fairchild Semiconductor
54LS347 FAIRCHILD-54LS347 Datasheet
51Kb / 1P
   BCD TO 7-SEGMENT DECODER/DRIVER
logo
ON Semiconductor
SN74LS47 ONSEMI-SN74LS47 Datasheet
132Kb / 8P
   BCD to 7-Segment Decoder/Driver
December, 1999 ??Rev. 6
logo
National Semiconductor ...
54LS447 NSC-54LS447 Datasheet
67Kb / 3P
   BCD to 7-Segment Decoder/Driver
54LS347 NSC-54LS347 Datasheet
57Kb / 2P
   BCD TO 7-SEGMENT DECODER / DRIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com