Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT8981D Datasheet(PDF) 8 Page - Zarlink Semiconductor Inc

Part # MT8981D
Description  ISO-CMOS ST-BUS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT8981D Datasheet(HTML) 8 Page - Zarlink Semiconductor Inc

Back Button MT8981D Datasheet HTML 4Page - Zarlink Semiconductor Inc MT8981D Datasheet HTML 5Page - Zarlink Semiconductor Inc MT8981D Datasheet HTML 6Page - Zarlink Semiconductor Inc MT8981D Datasheet HTML 7Page - Zarlink Semiconductor Inc MT8981D Datasheet HTML 8Page - Zarlink Semiconductor Inc MT8981D Datasheet HTML 9Page - Zarlink Semiconductor Inc MT8981D Datasheet HTML 10Page - Zarlink Semiconductor Inc MT8981D Datasheet HTML 11Page - Zarlink Semiconductor Inc MT8981D Datasheet HTML 12Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
MT8981D
Data Sheet
8
Zarlink Semiconductor Inc.
If bit 6 of the Control Register is 0, then bits 2 and 0 of each Connection Memory High location function normally
(see Fig. 5). If bit 2 is 1, the associated ST-BUS output channel is in Message Mode; i.e., the byte in the
corresponding Connection Memory Low location is transmitted on the stream at that channel. Otherwise, one of the
bytes received on the serial inputs is transmitted and the contents of the Connection Memory Low define the ST-
BUS input stream and channel where the byte is to be found (see Fig. 6).
If the ODE pin is low, then all serial outputs are high-impedance. If it is high and bit 6 in the Control Register is 1,
then all outputs are active. If the ODE pin is high and bit 6 in the Control Register is 0, then the bit 0 in the
Connection Memory High location enables the output drivers for the corresponding individual ST-BUS output
stream and channel. Bit 0=1 enables the driver and bit 0=0 disables it (see Fig. 5).
Applications
Use in a Simple Digital Switching System
Fig. 7 and 8 show how MT8981s can be used with MT8964s to form a simple digital switching system. Fig. 7 shows
the interface between the MT8981s and the filter/codecs. Fig. 8 shows the position of these components in an
example architecture.
The MT8964 filter/codec in Fig. 7 receives and transmits digitized voice signals on the ST-BUS input DR, and ST-
BUS output DX, respectively. These signals are routed to the ST-BUS inputs and outputs on the top MT8981, which
is used as a digital speech switch.
Figure 7 - Example of Typical Interface between 8981s and 8964s for Simple Digital Switching
System
The MT8964 is controlled by the ST-BUS input DC originating from the bottom MT8981, which generates the
appropriate signals from an output channel in Message Mode. This architecture optimizes the messaging capability
of the line circuit by building signalling logic, e.g., for on-off hook detection, which communicates on an ST-BUS
output. This signalling ST-BUS output is monitored by a microprocessor (not shown) through an ST-BUS input on
the bottom MT8981.
8981 used
as
speech
switch
MT8981
STo0
STi0
STo0
STi0
MT8981
8981 used
in message
mode for
control and
signalling
DX
DR
DC
MT8964
Filter/Codec
Signalling
Logic
Line Driver
and
2- to 4-
Wire
Converter
Line Interface Circuit with 8964 Filter/Codec


Similar Part No. - MT8981D

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8981D MITEL-MT8981D Datasheet
179Kb / 14P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
logo
Zarlink Semiconductor I...
MT8981D ZARLINK-MT8981D Datasheet
561Kb / 17P
   Digital Switch
logo
Mitel Networks Corporat...
MT8981D-1 MITEL-MT8981D-1 Datasheet
120Kb / 18P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
MT8981DC MITEL-MT8981DC Datasheet
179Kb / 14P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
MT8981DE MITEL-MT8981DE Datasheet
120Kb / 18P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
More results

Similar Description - MT8981D

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8920B MITEL-MT8920B Datasheet
534Kb / 24P
   ISO-CMOS ST-BUS??FAMILY ST-BUS Parallel Access Circuit
MT8920B-1 MITEL-MT8920B-1 Datasheet
215Kb / 29P
   ISO-CMOS ST-BUS??FAMILY ST-BUS Parallel Access Circuit
MT8980D MITEL-MT8980D Datasheet
238Kb / 14P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
MT8950 MITEL-MT8950 Datasheet
223Kb / 16P
   ISO-CMOS ST-BUS??FAMILY Data Codec
MT8981D MITEL-MT8981D Datasheet
179Kb / 14P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
MT8980D-1 MITEL-MT8980D-1 Datasheet
121Kb / 18P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
MT8981D-1 MITEL-MT8981D-1 Datasheet
120Kb / 18P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
logo
Zarlink Semiconductor I...
MT8980D ZARLINK-MT8980D Datasheet
483Kb / 20P
   ISO-CMOS ST-BUS Family Digital Switch
logo
Mitel Networks Corporat...
MT8952B-1 MITEL-MT8952B-1 Datasheet
170Kb / 27P
   ISO-CMOS ST-BUS??FAMILY HDLC Protocol Controller
MT8952B MITEL-MT8952B Datasheet
397Kb / 22P
   ISO-CMOS ST-BUS??FAMILY HDLC Protocol Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com