Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT933TP1N Datasheet(PDF) 10 Page - Zarlink Semiconductor Inc

Part # MT933TP1N
Description  3.3V 10/100 Fast Ethernet Transceiver to MII
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT933TP1N Datasheet(HTML) 10 Page - Zarlink Semiconductor Inc

Back Button MT933TP1N Datasheet HTML 6Page - Zarlink Semiconductor Inc MT933TP1N Datasheet HTML 7Page - Zarlink Semiconductor Inc MT933TP1N Datasheet HTML 8Page - Zarlink Semiconductor Inc MT933TP1N Datasheet HTML 9Page - Zarlink Semiconductor Inc MT933TP1N Datasheet HTML 10Page - Zarlink Semiconductor Inc MT933TP1N Datasheet HTML 11Page - Zarlink Semiconductor Inc MT933TP1N Datasheet HTML 12Page - Zarlink Semiconductor Inc MT933TP1N Datasheet HTML 13Page - Zarlink Semiconductor Inc MT933TP1N Datasheet HTML 14Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
9
MT933
General
The following is the register set that is implemented in the MT933 device:
The interface to these registers is via the MDC and MDIO signals. The address of the MT933 is specified by
the PA<4:0> static inputs The MD command is issued by the controller and can be read or write:
command
preamble
start data
op code
phy address
reg number
TA
Data
READ
32 bits of 1
01
10
5 bits
5 bits
Z0
16 bit from phy
WRITE
32 bits of 1
01
01
5 bits
5 bits
10
16 bit from MAC
SC = Self clear
RO = read only
RW = read or write
LL = latch low until register read
LH = latch high until register read
Register Set
reg 0 - control register
Bit
Bit name
Description
Default
R/W
0.15
Reset
1 = PHY reset
0
RW
0 = Normal operation
SC
0.14
Loopback
1 = Loopback mode active
0
RW
0 = Normal operation
0.13
Speed
1 = 100 Mbps
1
RW
selection
0 = 10 Mbps
0.12
ANEG
1 = Enable ANEG process
1
RW
enable
0 = Disable ANEG process
0.11
Power down
1 = Power down active
0
RW
0 = Normal operation
0.10
Isolation
1 = isolation in process
0
RW
0 = Normal operation
0.9
Restart
1 = Restart the ANEG process
0
RW
ANEG
0 = Normal operation
SC
0.8
Duplex
1= Full Duplex mode
1
RW
selection
0 = Half duplex mode
0.7
Collision
1 = Collision test active
0
RW
test
0 = Normal operation
0.6:0
Reserved
Write as 0 ignore on read.


Similar Part No. - MT933TP1N

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
MT933 PULSE-MT933 Datasheet
253Kb / 12P
   LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
More results

Similar Description - MT933TP1N

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
NWK933 MITEL-NWK933 Datasheet
141Kb / 18P
   3.3V 10/100 Fast Ethernet Transceiver to MII
logo
STMicroelectronics
STE101P STMICROELECTRONICS-STE101P Datasheet
103Kb / 5P
   10/100 Fast ethernet 3.3V transceiver
STE100P STMICROELECTRONICS-STE100P_06 Datasheet
348Kb / 31P
   10/100 FAST ETHERNET 3.3V TRANSCEIVER
STE100P STMICROELECTRONICS-STE100P Datasheet
193Kb / 29P
   10/100 FAST ETHERNET 3.3V TRANSCEIVER
logo
Intel Corporation
LXT9763 INTEL-LXT9763 Datasheet
1Mb / 74P
   Fast Ethernet 10/100 Hex Transceiver with Full MII
LXT9762 INTEL-LXT9762 Datasheet
1Mb / 78P
   Fast Ethernet 10/100 Multi-Port Transceiver with Serial MII
logo
List of Unclassifed Man...
IP101GRI ETC-IP101GRI Datasheet
3Mb / 65P
   Single Port 10/100 MII/RMII/TP/Fiber Fast Ethernet Transceiver
January 14, 2014
logo
SMSC Corporation
LAN83C180 SMSC-LAN83C180 Datasheet
181Kb / 10P
   10/100 FAST ETHERNET PHY TRANSCEIVER
LAN83C180 SMSC-LAN83C180_01 Datasheet
163Kb / 22P
   10/100 Fast Ethernet PHY Transceiver
logo
Microchip Technology
LAN88730 MICROCHIP-LAN88730 Datasheet
918Kb / 82P
   Small Footprint MII/RMII 10/100 Ethernet Transceiver for Automotive Applications
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com