Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT90823AB1 Datasheet(PDF) 2 Page - Zarlink Semiconductor Inc

Part # MT90823AB1
Description  3V Large Digital Switch
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT90823AB1 Datasheet(HTML) 2 Page - Zarlink Semiconductor Inc

  MT90823AB1 Datasheet HTML 1Page - Zarlink Semiconductor Inc MT90823AB1 Datasheet HTML 2Page - Zarlink Semiconductor Inc MT90823AB1 Datasheet HTML 3Page - Zarlink Semiconductor Inc MT90823AB1 Datasheet HTML 4Page - Zarlink Semiconductor Inc MT90823AB1 Datasheet HTML 5Page - Zarlink Semiconductor Inc MT90823AB1 Datasheet HTML 6Page - Zarlink Semiconductor Inc MT90823AB1 Datasheet HTML 7Page - Zarlink Semiconductor Inc MT90823AB1 Datasheet HTML 8Page - Zarlink Semiconductor Inc MT90823AB1 Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
MT90823
Data Sheet
2
Zarlink Semiconductor Inc.
Description
The MT90823 Large Digital Switch has a non-blocking switch capacity of: 2,048 x 2,048 channels at a serial bit rate
of 8.192 Mb/s; 1,024 x 1,024 channels at 4.096 Mb/s; and 512 x 512 channels at 2.048 Mb/s. The device has many
features that are programmable on a per stream or per channel basis, including message mode, input offset delay
and high impedance output control.
Per stream input delay control is particularly useful for managing large multi-chip switches that transport both voice
channel and concatenated data channels.
In addition, the input stream can be individually calibrated for input frame offset using a dedicated pin.


Similar Part No. - MT90823AB1

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT90823AB MITEL-MT90823AB Datasheet
150Kb / 34P
   3V Large Digital Switch
More results

Similar Description - MT90823AB1

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT90823 MITEL-MT90823 Datasheet
150Kb / 34P
   3V Large Digital Switch
logo
Zarlink Semiconductor I...
MT90820 ZARLINK-MT90820 Datasheet
573Kb / 37P
   Large Digital Switch
logo
Mitel Networks Corporat...
MT90863 MITEL-MT90863 Datasheet
154Kb / 35P
   3V Rate Conversion Digital Switch
MT90820 MITEL-MT90820 Datasheet
69Kb / 10P
   CMOS ST-BUS??FAMILY Large Digital Switch (LDX)
logo
Maxim Integrated Produc...
DS1869 MAXIM-DS1869 Datasheet
136Kb / 8P
   3V DallastatTM Electronic Digital Rheostat
112099
logo
Dallas Semiconductor
DS1869 DALLAS-DS1869 Datasheet
131Kb / 8P
   3V Dallastat Electronic Digital Rheostat
logo
Analog Devices
AD9218 AD-AD9218_17 Datasheet
872Kb / 29P
   3V Dual Analog-to-Digital Converter
logo
Siemens Semiconductor G...
PEB2047 SIEMENS-PEB2047 Datasheet
297Kb / 50P
   Memory Time Switch Large MTSL
logo
Advanced Analogic Techn...
AAT4650 ANALOGICTECH-AAT4650 Datasheet
428Kb / 12P
   5V/3V PC Card Power Switch
AAT4650 ANALOGICTECH-AAT4650_06 Datasheet
333Kb / 14P
   5V/3V PC Card Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com