Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NBSG86A Datasheet(PDF) 11 Page - ON Semiconductor

Part # NBSG86A
Description  Evaluation Board Manual
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBSG86A Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NBSG86A Datasheet HTML 7Page - ON Semiconductor NBSG86A Datasheet HTML 8Page - ON Semiconductor NBSG86A Datasheet HTML 9Page - ON Semiconductor NBSG86A Datasheet HTML 10Page - ON Semiconductor NBSG86A Datasheet HTML 11Page - ON Semiconductor NBSG86A Datasheet HTML 12Page - ON Semiconductor NBSG86A Datasheet HTML 13Page - ON Semiconductor NBSG86A Datasheet HTML 14Page - ON Semiconductor NBSG86A Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
NBSG86ABAEVB
http://onsemi.com
11
Setup Test Configurations For Differential Operation
Small Signal Setup
Step 2:
Input Setup
2a: Calibrate VNA from 1.0 GHz to 12 GHz.
2b: Set input level to –35 dBm at the output of the 180
° Hybrid coupler (input of the DUT).
Step 3:
Output Setup
3a: Set display to measure S21 and record data.
Large Signal Setup
Step 2:
Input Setup
2a: Calibrate VNA from 1 0 GHz to 12 GHz
2a: Calibrate VNA from 1.0 GHz to 12 GHz.
2b: Set input levels to -2.0 dBm (500 mV) at the input of DUT.
Step 3:
Output Setup
3a: Set display to measure S21 and record data.
SEL
SEL
VCC = 2.0 V
VCC
VEE
Q
Q
VEE = -1.3 V (3.3 V op)
VTT = 0 V
VTT = 0 V
D1
D0
D0
D1
Rohde & Schwartz
Vector Network Analyzer
Figure 6. NBSG86A Board Setup - Frequency Domain (Differential 2:1 MUX Function - D1 Selected)
50
W
180
5 Hybrid
Coupler
GND
GND
50
W
Bias T
50
W
GND
PORT 2
PORT 1
VCC = 2.0 V
VTT = 0 V
VCC = 2.0 V
GND
OLS*
*See NBSG86A data sheet pg 2.
OLS


Similar Part No. - NBSG86A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBSG86A ONSEMI-NBSG86A Datasheet
113Kb / 14P
   2.5V/3.3V SiGe Differential Smart Gate with Output Level Select
May, 2004 ??Rev. 8
NBSG86A ONSEMI-NBSG86A Datasheet
143Kb / 14P
   2.5V/3.3V SiGe Differential Smart Gate with Output Level Select
July, 2006 ??Rev. 10
NBSG86A ONSEMI-NBSG86A Datasheet
137Kb / 17P
   2.5V/3.3V SiGe Differential Smart Gate with Output Level Select
June, 2014 ??Rev. 19
NBSG86A ONSEMI-NBSG86A Datasheet
137Kb / 17P
   SiGe Differential Smart Gate with Output Level Select
January, 2018 ??Rev. 20
NBSG86ABA ONSEMI-NBSG86ABA Datasheet
113Kb / 14P
   2.5V/3.3V SiGe Differential Smart Gate with Output Level Select
May, 2004 ??Rev. 8
More results

Similar Description - NBSG86A

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6660EB SIPEX-SP6660EB Datasheet
35Kb / 6P
   Evaluation Board Manual
SP6661EB SIPEX-SP6661EB Datasheet
51Kb / 5P
   Evaluation Board Manual
SP504EB SIPEX-SP504EB Datasheet
132Kb / 18P
   Evaluation Board Manual
logo
Motorola, Inc
MC145192EVK MOTOROLA-MC145192EVK Datasheet
282Kb / 48P
   Evaluation Board Manual
logo
Sipex Corporation
SP6126 SIPEX-SP6126_1 Datasheet
375Kb / 8P
   Evaluation Board Manual
SP6652LED SIPEX-SP6652LED Datasheet
505Kb / 4P
   Evaluation Board Manual
SP6654EB SIPEX-SP6654EB Datasheet
185Kb / 4P
   Evaluation Board Manual
SP6687 SIPEX-SP6687_06 Datasheet
61Kb / 4P
   Evaluation Board Manual
SP7615 SIPEX-SP7615_1 Datasheet
84Kb / 4P
   Evaluation Board Manual
SP7618 SIPEX-SP7618_06 Datasheet
87Kb / 6P
   Evaluation Board Manual
SP7619 SIPEX-SP7619_06 Datasheet
61Kb / 4P
   Evaluation Board Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com