Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX10C8054PC Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # MX10C8054PC
Description  SINGLE-CHIP 8-BIT MICROCONTROLLER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MX10C8054PC Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button MX10C8054PC Datasheet HTML 3Page - List of Unclassifed Manufacturers MX10C8054PC Datasheet HTML 4Page - List of Unclassifed Manufacturers MX10C8054PC Datasheet HTML 5Page - List of Unclassifed Manufacturers MX10C8054PC Datasheet HTML 6Page - List of Unclassifed Manufacturers MX10C8054PC Datasheet HTML 7Page - List of Unclassifed Manufacturers MX10C8054PC Datasheet HTML 8Page - List of Unclassifed Manufacturers MX10C8054PC Datasheet HTML 9Page - List of Unclassifed Manufacturers MX10C8054PC Datasheet HTML 10Page - List of Unclassifed Manufacturers MX10C8054PC Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
P/N:PM0591
REV. 0.3, APR. 09, 1999
MX10C805X
60.0
50.0
40.0
30.0
20.0
10.0
0.0
0.0
4.0
8.0
12.0
16.0
20.0
Freq at XTAL1 (MHz)
ICC (mA)
24.0
28.0
36.0
MAX
ACTIVE MODE
TYP
ACTIVE MODE
MAX
IDLE MODE
MAX
IDLE MODE
32.0
NOTE:
ICC Max at 33 MHz is at 5V is + 10% VCC, while
ICC Max at 24 MHz and below is at 5V + 20% VCC
Figure 5. 80C52/54/58 ICC vs Frequwncy
MX10C805X
RST
(NC)
CLOCK
SIGNAL
XTAL2
XTAL1
VSS
VCC
VCC
VCC
ICC
VCC
Figure 6. ICC Test Condition, Active Mode
All other pins disconnected
TCLCH = TCHCL = 5ns
P0
EA
MX10C805X
RST
(NC)
CLOCK
SIGNAL
XTAL2
XTAL1
VSS
VCC
VCC
VCC
ICC
Figure 7. ICC Test Condition Idle Mode
All other pins disconnected
TCLCH = TCHCL = 5ns
P0
EA


Similar Part No. - MX10C8054PC

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX10C805X MCNIX-MX10C805X Datasheet
96Kb / 14P
   SINGLE-CHIP 8-BIT MICROCONTROLLER
More results

Similar Description - MX10C8054PC

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com