Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT90823AL1 Datasheet(PDF) 6 Page - Zarlink Semiconductor Inc

Part # MT90823AL1
Description  3V Large Digital Switch
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT90823AL1 Datasheet(HTML) 6 Page - Zarlink Semiconductor Inc

Back Button MT90823AL1 Datasheet HTML 2Page - Zarlink Semiconductor Inc MT90823AL1 Datasheet HTML 3Page - Zarlink Semiconductor Inc MT90823AL1 Datasheet HTML 4Page - Zarlink Semiconductor Inc MT90823AL1 Datasheet HTML 5Page - Zarlink Semiconductor Inc MT90823AL1 Datasheet HTML 6Page - Zarlink Semiconductor Inc MT90823AL1 Datasheet HTML 7Page - Zarlink Semiconductor Inc MT90823AL1 Datasheet HTML 8Page - Zarlink Semiconductor Inc MT90823AL1 Datasheet HTML 9Page - Zarlink Semiconductor Inc MT90823AL1 Datasheet HTML 10Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
MT90823
Data Sheet
6
Zarlink Semiconductor Inc.
35
8
5
N3
TDO
Test Serial Data Out (3.3 V Output): JTAG serial data
is output on this pin on the falling edge of TCK. This pin
is held in high impedance state when JTAG scan is not
enabled.
36
9
6
M4
TCK
Test Clock (5 V Tolerant Input): Provides the clock to
the JTAG test logic.
37
10
7
N4
TRST
Test Reset (3.3 V Input with internal pull-up):
Asynchronously initializes the JTAG TAP controller by
putting it in the Test-Logic-Reset state. This pin should
be pulsed low on power-up, or held low, to ensure that
the MT90823 is in the normal functional mode.
38
11
8
M5
IC
Internal Connection (3.3 V Input with internal pull-
down): Connect to VSS for normal operation. This pin
must be low for the MT90823 to function normally and
to comply with IEEE 1149 (JTAG) boundary scan
requirements.
39
12
9
N5
RESET
Device Reset (5 V Tolerant Input): This input (active
LOW) puts the MT90823 in its reset state to clear the
device internal counters, registers and bring STo0 - 15
and microport data outputs to a high impedance state.
The time constant for a power up reset circuit must be a
minimum of five times the rise time of the power supply.
In normal operation, the RESET pin must be held low
for a minimum of 100 nsec to reset the device.
40
13
10
M6
WFPS
Wide Frame Pulse Select (5 V Tolerant Input): When
1, enables the wide frame pulse (WFP) Frame
Alignment interface. When 0, the device operates in
ST-BUS/GCI mode.
41 -
48
14-21
11 -
18
N6,M7,N7,N8,
M8,N9,M9,N10
A0 - A7
Address 0 - 7 (5 V Tolerant Input): When non-
multiplexed CPU bus operation is selected, these lines
provide the A0 - A7 address lines to the internal
memories.
49
22
19
N11
DS/RD
Data Strobe / Read (5 V Tolerant Input): For Motorola
multiplexed bus operation, this input is DS. This active
high DS input works in conjunction with CS to enable
the read and write operations.
For Motorola non-multiplexed CPU bus operation, this
input is DS. This active low input works in conjunction
with CS to enable the read and write operations.
For multiplexed bus operation, this input is RD. This
active low input sets the data bus lines (AD0-AD7, D8-
D15) as outputs.
Pin Description (continued)
Pin #
Name
Description
84
PLCC
100
MQFP
100
LQFP
120
BGA


Similar Part No. - MT90823AL1

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT90823AL MITEL-MT90823AL Datasheet
150Kb / 34P
   3V Large Digital Switch
More results

Similar Description - MT90823AL1

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT90823 MITEL-MT90823 Datasheet
150Kb / 34P
   3V Large Digital Switch
logo
Zarlink Semiconductor I...
MT90820 ZARLINK-MT90820 Datasheet
573Kb / 37P
   Large Digital Switch
logo
Mitel Networks Corporat...
MT90863 MITEL-MT90863 Datasheet
154Kb / 35P
   3V Rate Conversion Digital Switch
MT90820 MITEL-MT90820 Datasheet
69Kb / 10P
   CMOS ST-BUS??FAMILY Large Digital Switch (LDX)
logo
Maxim Integrated Produc...
DS1869 MAXIM-DS1869 Datasheet
136Kb / 8P
   3V DallastatTM Electronic Digital Rheostat
112099
logo
Dallas Semiconductor
DS1869 DALLAS-DS1869 Datasheet
131Kb / 8P
   3V Dallastat Electronic Digital Rheostat
logo
Analog Devices
AD9218 AD-AD9218_17 Datasheet
872Kb / 29P
   3V Dual Analog-to-Digital Converter
logo
Siemens Semiconductor G...
PEB2047 SIEMENS-PEB2047 Datasheet
297Kb / 50P
   Memory Time Switch Large MTSL
logo
Advanced Analogic Techn...
AAT4650 ANALOGICTECH-AAT4650 Datasheet
428Kb / 12P
   5V/3V PC Card Power Switch
AAT4650 ANALOGICTECH-AAT4650_06 Datasheet
333Kb / 14P
   5V/3V PC Card Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com