Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALS574AN Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74ALS574AN
Description  Latch flip-flop
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALS574AN Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74ALS574AN Datasheet HTML 4Page - NXP Semiconductors 74ALS574AN Datasheet HTML 5Page - NXP Semiconductors 74ALS574AN Datasheet HTML 6Page - NXP Semiconductors 74ALS574AN Datasheet HTML 7Page - NXP Semiconductors 74ALS574AN Datasheet HTML 8Page - NXP Semiconductors 74ALS574AN Datasheet HTML 9Page - NXP Semiconductors 74ALS574AN Datasheet HTML 10Page - NXP Semiconductors 74ALS574AN Datasheet HTML 11Page - NXP Semiconductors 74ALS574AN Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Philips Semiconductors
Product specification
74ALS573B/74ALS574A
Latch/flip-flop
1991 Feb 08
8
AC WAVEFORMS
For all waveforms, VM = 1.3V.
The shaded areas indicate when the input is permitted to change for predictable output performance.
CP VM
VM
VM
tw(H)
1/fmax
VM
VM
tPHL
tw(L)
tPLH
Qn
SF00258
Waveform 1.
Propagation Delay for Clock Input to Output,
Clock Pulse Widths, and Maximum Clock Frequency
tPHL
EVM
VM
VM
tw(H)
VM
VM
Qn
tPLH
SF00259
Waveform 2.
Propagation Delay for Enable to Output and
Enable Pulse Width
Dn
VM
VM
VM
VM
tPHL
tPLH
Qn
SF00260
Waveform 3.
Propagation Delay for Data to Output
VM
VM
VM
VM
VM
VM
tsu(L)
th(L)
tsu(H)
th(H)
E
Dn
SF00261
Waveform 4.
Data Setup Time and Hold Times
VM
VM
VM
VM
VM
VM
tsu(L)
th(L)
tsu(H)
th(H)
CP
Dn
SF00262
Waveform 5.
Data Setup Time and Hold Times
VM
VM
VM
tPHZ
tPZH
OE
Qn
VOH -0.3V
0V
SC00099
Waveform 6.
3-State Output Enable Time to High Level and
Output Disable Time from High Level
VM
VM
VM
tPLZ
tPZL
OE
Qn
VOL +0.3V
SC00100
3.5V
Waveform 7.
3-State Output Enable Time to Low Level and
Output Disable Time from Low Level


Similar Part No. - 74ALS574AN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALS574AN PHILIPS-74ALS574AN Datasheet
143Kb / 13P
   Latch flip-flop
1991 Feb 08
More results

Similar Description - 74ALS574AN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALS573B PHILIPS-74ALS573B Datasheet
143Kb / 13P
   Latch flip-flop
1991 Feb 08
74F534 PHILIPS-74F534 Datasheet
97Kb / 12P
   Latch/flip-flop
1999 Jan 08
74ALS373 PHILIPS-74ALS373 Datasheet
144Kb / 13P
   Latch/flip-flop
1991 Feb 08
74ALS563A PHILIPS-74ALS563A Datasheet
134Kb / 12P
   Latch flip/flop
1996 Jul 01
logo
Nexperia B.V. All right...
74F373 NEXPERIA-74F373 Datasheet
268Kb / 14P
   Latch/flip-flop
2002 Nov 20
logo
Microsemi Corporation
TSC370 MICROSEMI-TSC370 Datasheet
828Kb / 2P
   Flip-Flop
logo
National Semiconductor ...
MM54C373 NSC-MM54C373 Datasheet
170Kb / 8P
   Octal D-Type Latch Octal D-Type Flip-Flop
logo
Micrel Semiconductor
SY10EL35 MICREL-SY10EL35_06 Datasheet
50Kb / 4P
   JK FLIP-FLOP
SY55852U MICREL-SY55852U Datasheet
54Kb / 7P
   D FLIP-FLOP
logo
ON Semiconductor
MC10EP35 ONSEMI-MC10EP35 Datasheet
81Kb / 8P
   JK Flip Flop
Sep, 1999 ??Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com