Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP630AD2TR4 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP630AD2TR4
Description  3.0 A Fast Linear Voltage Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP630AD2TR4 Datasheet(HTML) 1 Page - ON Semiconductor

  NCP630AD2TR4 Datasheet HTML 1Page - ON Semiconductor NCP630AD2TR4 Datasheet HTML 2Page - ON Semiconductor NCP630AD2TR4 Datasheet HTML 3Page - ON Semiconductor NCP630AD2TR4 Datasheet HTML 4Page - ON Semiconductor NCP630AD2TR4 Datasheet HTML 5Page - ON Semiconductor NCP630AD2TR4 Datasheet HTML 6Page - ON Semiconductor NCP630AD2TR4 Datasheet HTML 7Page - ON Semiconductor NCP630AD2TR4 Datasheet HTML 8Page - ON Semiconductor NCP630AD2TR4 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2003
January, 2003 - Rev. 3
1
Publication Order Number:
NCP630/D
NCP630
3.0 A Fast Linear Voltage
Regulators
The NCP630 is a low dropout positive voltage regulator that is
capable of providing a guaranteed output current of 3.0 A with a
maximum dropout voltage of 1.25 V at 3.0 A over temperature. The
fast turn on time allows step changes in loads commonly found in low
voltage microprocessor applications. The NCP630 is currently offered
as an adjustable output version that can be programmed down to 1.2 V
with two external resistors and as a fixed output version at 3.47 V. On
chip trimming adjusts the reference/output voltage to within
"1.5%
accuracy. Internal protection features consist of output current limiting
and thermal shutdown. NCP630 is available in D2PAK package.
Features
Output Current of 3.0 A
1.25 V Maximum Dropout Voltage at 3.0 A Over Temperature
Voltage on Shutdown Pin is TTL Compatible
Reference/Output Voltage Trimmed to "1.5%
Current Limit Protection
Thermal Shutdown Protection
-40 °C to 125°C Junction Temperature Range
Applications
Microprocessor Power Supplies
DSP Power Supplies
SMPS Post Regulation
Battery Chargers
Figure 1. Typical Application Circuit for NCP630A
INPUT
Vin
Vout
NCP630A
ADJ
GND
Vout
@ 3 A
+
Co
33
mF
R2
R1
10 k
W
Shutdown
+
Cin
68
mF -
R2
+ R1
Vout
1.216
* 1
Figure 2. Typical Application Circuit for NCP630G
INPUT
Vin
Vout
NCP630G
SENSE
GND
Vout
@ 3 A
+
Co
33
mF
Shutdown
+
Cin
68
mF -
D2PAK
D2T SUFFIX
CASE 936A
1
5
MARKING
DIAGRAM
xx
AWLYWW
Tab = Ground
Pin 1. Shutdown
2. Vin
3. Ground
4. Vout
5. Adj
xx
= Specific Device Code
A
= Assembly Location
WL = Wafer Lot
Y
= Year
WW = Work Week
See detailed ordering and shipping information in the package
dimensions section on page 9 of this data sheet.
ORDERING INFORMATION
http://onsemi.com
Tab = Ground
Pin 1. Shutdown
2. Vin
3. Ground
4. Vout
5. Sense
NCP630A
NCP630G


Similar Part No. - NCP630AD2TR4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP630AD2TR4 ONSEMI-NCP630AD2TR4 Datasheet
132Kb / 10P
   3.0 A Fast Linear Voltage Regulators
June, 2005 ??Rev. 5
NCP630AD2TR4G ONSEMI-NCP630AD2TR4G Datasheet
132Kb / 10P
   3.0 A Fast Linear Voltage Regulators
June, 2005 ??Rev. 5
More results

Similar Description - NCP630AD2TR4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP630 ONSEMI-NCP630_05 Datasheet
132Kb / 10P
   3.0 A Fast Linear Voltage Regulators
June, 2005 ??Rev. 5
LM323 ONSEMI-LM323_02 Datasheet
78Kb / 8P
   3.0 A Positive Voltage Regulators
January, 2002 ??Rev. 2
MC78T00 ONSEMI-MC78T00_04 Datasheet
112Kb / 12P
   3.0 A Positive Voltage Regulators
March, 2004 ??Rev. 4
logo
Texas Instruments
LP3872 TI1-LP3872_16 Datasheet
2Mb / 28P
[Old version datasheet]   1.5-A Fast Ultra-Low-Dropout Linear Regulators
logo
ON Semiconductor
NCP5663 ONSEMI-NCP5663_V01 Datasheet
483Kb / 13P
   Linear Regulator - Low Output Voltage, Ultra-Fast Low Dropout, Enable 3.0 A
October, 2019 - Rev. 6
logo
Texas Instruments
TPS76715 TI-TPS76715 Datasheet
403Kb / 22P
[Old version datasheet]   FAST TRANSIENT RESPONSE 1-A LOW DROPOUT LINEAR REGULATORS
LP3852 TI-LP3852_15 Datasheet
2Mb / 32P
[Old version datasheet]   1.5-A Fast Response Ultra-Low Dropout Linear Regulators
LP3871 TI-LP3871_15 Datasheet
1Mb / 26P
[Old version datasheet]   LP387x 0.8-A Fast Ultra-Low-Dropout Linear Regulators
TPS76715Q TI-TPS76715Q_07 Datasheet
487Kb / 24P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT LINEAR REGULATORS
TPS767 TI1-TPS767_16 Datasheet
1Mb / 33P
[Old version datasheet]   Fast-Transient-Response 1-A Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com