Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NIF62514 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NIF62514
Description  Self-protected FET with Temperature and Current Limit
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NIF62514 Datasheet(HTML) 3 Page - ON Semiconductor

  NIF62514 Datasheet HTML 1Page - ON Semiconductor NIF62514 Datasheet HTML 2Page - ON Semiconductor NIF62514 Datasheet HTML 3Page - ON Semiconductor NIF62514 Datasheet HTML 4Page - ON Semiconductor NIF62514 Datasheet HTML 5Page - ON Semiconductor NIF62514 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NIF62514
http://onsemi.com
3
TYPICAL ELECTRICAL CHARACTERISTICS
3 V
7 V
3 V
0
4
6
1
4
2
0
8
2
3
5
13
5
0
8
6
2
4
2
0
VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
Figure 1. Output Characteristics
Figure 2. Output Characteristics
0
10
8
6
4
2
1.5
1
2
12
0
0.5
2.5
3
3.5
Figure 3. Output Characteristics
VGS, GATE-T O-SOURCE VOLTAGE (VOLTS)
Figure 4. Transfer Characteristics
Figure 5. Drain-to-Source Resistance versus
Junction Temperature
Figure 6. Drain-to-Source Resistance versus
Junction Temperature
12
VGS = 10 V
VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
4
6
10
13
5
5 V
TJ = 25°C
TJ = 150°C
4
4.5
5
4 V
0
8
6
2
4
2
0
14
4
6
10
13
5
VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
TJ = -40°C
VGS = 10 V
125
TJ, JUNCTION TEMPERATURE (°C)
-50
50
75
25
0
100
-25
125
50
150
25
100
0
175
250
75
150
VGS = 10 V
ID = 1.4 A
Maximum
Typical
VDS = 5 V
TJ = 25°C
TJ = -40°C
6 V
7 V
TJ = 150°C
VGS = 10 V
5 V
4 V
6 V
6
7
12
3 V
5 V
4 V
6 V
7 V
200
225
125
TJ, JUNCTION TEMPERATURE (°C)
-50
50
75
25
0
100
-25
125
50
150
25
100
0
175
250
75
150
VGS = 5 V
ID = 1.4 A
Maximum
Typical
200
225


Similar Part No. - NIF62514

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NIF62514 ONSEMI-NIF62514 Datasheet
75Kb / 6P
   Self?뭦rotected FET with Temperature and Current Limit
April, 2006 ??Rev. 5
NIF62514T1 ONSEMI-NIF62514T1 Datasheet
75Kb / 6P
   Self?뭦rotected FET with Temperature and Current Limit
April, 2006 ??Rev. 5
NIF62514T1G ONSEMI-NIF62514T1G Datasheet
75Kb / 6P
   Self?뭦rotected FET with Temperature and Current Limit
April, 2006 ??Rev. 5
logo
VBsemi Electronics Co.,...
NIF62514T1G VBSEMI-NIF62514T1G Datasheet
1Mb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
ON Semiconductor
NIF62514T3G ONSEMI-NIF62514T3G Datasheet
75Kb / 6P
   Self?뭦rotected FET with Temperature and Current Limit
April, 2006 ??Rev. 5
More results

Similar Description - NIF62514

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NID5001N ONSEMI-NID5001N Datasheet
53Kb / 6P
   Self-protected FET with Temperature and Current Limit
January, 2004 ??Rev. 6
NIF5002N ONSEMI-NIF5002N Datasheet
58Kb / 6P
   Self-Protected FET with Temperature and Current Limit
January, 2004 ??Rev. 5
NID5003NT4G ONSEMI-NID5003NT4G Datasheet
112Kb / 5P
   Self-Protected FET with Temperature and Current Limit
September, 2008??Rev. 6
NID5003N ONSEMI-NID5003N_06 Datasheet
124Kb / 6P
   Self?뭁rotected FET with Temperature and Current Limit
March, 2006??Rev. 3
NIF5003N ONSEMI-NIF5003N Datasheet
68Kb / 5P
   Self?뭁rotected FET with Temperature and Current Limit
April, 2006 ??Rev. 2
NID5001N ONSEMI-NID5001N_06 Datasheet
66Kb / 5P
   Self?뭁rotected FET with Temperature and Current Limit
April, 2006 ??Rev. 8
NIF5002N ONSEMI-NIF5002N_06 Datasheet
74Kb / 5P
   Self?뭁rotected FET with Temperature and Current Limit
April, 2006 ??Rev. 7
NID5004N ONSEMI-NID5004N Datasheet
114Kb / 6P
   Self?뭁rotected FET with Temperature and Current Limit
April, 2006 ??Rev. 1
NIF62514 ONSEMI-NIF62514_06 Datasheet
75Kb / 6P
   Self?뭦rotected FET with Temperature and Current Limit
April, 2006 ??Rev. 5
NID6002N ONSEMI-NID6002N Datasheet
67Kb / 6P
   Self?뭁rotected FET with Temperature and Current Limit
January, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com