Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE57606CD Datasheet(PDF) 6 Page - NXP Semiconductors

Part # NE57606CD
Description  2 to 4 cell redundant Lithium-ion overcharge monitor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE57606CD Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button NE57606CD Datasheet HTML 2Page - NXP Semiconductors NE57606CD Datasheet HTML 3Page - NXP Semiconductors NE57606CD Datasheet HTML 4Page - NXP Semiconductors NE57606CD Datasheet HTML 5Page - NXP Semiconductors NE57606CD Datasheet HTML 6Page - NXP Semiconductors NE57606CD Datasheet HTML 7Page - NXP Semiconductors NE57606CD Datasheet HTML 8Page - NXP Semiconductors NE57606CD Datasheet HTML 9Page - NXP Semiconductors NE57606CD Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Philips Semiconductors
Product data
NE57606
2 to 4 cell redundant Lithium-ion overcharge monitor
2002 Oct 10
6
APPLICATION INFORMATION
The NE57606 can be used within 2, 3, or 4-cell battery packs. This
can be done by electrically creating a short-circuit across the pins
that would have been connected to the ends of the cells. For a 3-cell
pack pin VC1 should be connected to ground (pins 3 to 4). All of the
combinations are shown in Table 1.
Table 1.
Cells
VC1
VC2
VC3
VC4
4-cell
VC1
VC2
VC3
VC4
3-cell
VC1
VC1
VC2
VC3
2-cell
VC1
VC1
VC1
VC2
The schematics for a 3-cell and a 4-cell monitoring circuit are shown
in Figures 1 and 2 respectively.
C3
C2
C1
OVERVOLTAGE
FAULT (OPEN
COLLECTOR)
SL01560
VCC
NE57606
CDLY
0.1
µF
1 k
0.1
µF
10 k
0.1
µF
10 k
VC4
VC3
VC2
VC1
100
V+
V–
0.1
µF
OUT
GND
1
23
4
5
6
7
8
0.22
µF
Figure 1. 3-cell monitoring circuit
SL01561
C4
C3
C2
OVERVOLTAGE
FAULT (OPEN
COLLECTOR)
VCC
CDLY
0.1
µF
1 K
0.1
µF
10 K
0.1
µF
10 K
VC4
VC3
VC2
VC1
100
V+
V–
0.1
µF
OUT
GND
1
23
5
6
7
8
0.22
µF
C1
0.1
µF
10 K
4
NE57606
Figure 2. 4-cell monitoring circuit


Similar Part No. - NE57606CD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE57600 PHILIPS-NE57600 Datasheet
111Kb / 12P
   One-cell Lithium-ion battery protection with over/undercharge and overcurrent protection
2001 Oct 03
NE57600BD PHILIPS-NE57600BD Datasheet
111Kb / 12P
   One-cell Lithium-ion battery protection with over/undercharge and overcurrent protection
2001 Oct 03
NE57600CD PHILIPS-NE57600CD Datasheet
111Kb / 12P
   One-cell Lithium-ion battery protection with over/undercharge and overcurrent protection
2001 Oct 03
NE57600DD PHILIPS-NE57600DD Datasheet
111Kb / 12P
   One-cell Lithium-ion battery protection with over/undercharge and overcurrent protection
2001 Oct 03
NE57600ED PHILIPS-NE57600ED Datasheet
111Kb / 12P
   One-cell Lithium-ion battery protection with over/undercharge and overcurrent protection
2001 Oct 03
More results

Similar Description - NE57606CD

ManufacturerPart #DatasheetDescription
logo
HYCON Technology Corpor...
HY2120 HYCON-HY2120 Datasheet
1,011Kb / 22P
   2-Cell Lithium-ion/Lithium Polymer
logo
Texas Instruments
BQ76PL536A TI1-BQ76PL536A_16 Datasheet
1Mb / 74P
[Old version datasheet]   Cell Lithium-Ion Battery Monitor and Secondary Protection IC
BQ29312A TI1-BQ29312A_15 Datasheet
1Mb / 39P
[Old version datasheet]   FOUR-CELL LITHIUM-ION
logo
List of Unclassifed Man...
26650 ETC1-26650 Datasheet
586Kb / 2P
   Lithium Ion Power Cell
logo
Samsung semiconductor
ICR18650-26J SAMSUNG-ICR18650-26J Datasheet
822Kb / 23P
   Lithium-ion Rechargeable Cell
2016/07/01
logo
Texas Instruments
BQ29311 TI1-BQ29311_15 Datasheet
1Mb / 24P
[Old version datasheet]   FOUR-CELL LITHIUM-ION
BQ29312 TI1-BQ29312_15 Datasheet
807Kb / 39P
[Old version datasheet]   FOUR CELL LITHIUM-ION
logo
HYCON Technology Corpor...
HY2111 HYCON-HY2111 Datasheet
665Kb / 20P
   1-Cell Lithium-ion/Lithium Polymer
HY2110 HYCON-HY2110 Datasheet
709Kb / 19P
   1-Cell Lithium-ion/Lithium Polymer
logo
Texas Instruments
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com