Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX10C8052FC Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # MX10C8052FC
Description  SINGLE-CHIP 8-BIT MICROCONTROLLER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MX10C8052FC Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  MX10C8052FC Datasheet HTML 1Page - List of Unclassifed Manufacturers MX10C8052FC Datasheet HTML 2Page - List of Unclassifed Manufacturers MX10C8052FC Datasheet HTML 3Page - List of Unclassifed Manufacturers MX10C8052FC Datasheet HTML 4Page - List of Unclassifed Manufacturers MX10C8052FC Datasheet HTML 5Page - List of Unclassifed Manufacturers MX10C8052FC Datasheet HTML 6Page - List of Unclassifed Manufacturers MX10C8052FC Datasheet HTML 7Page - List of Unclassifed Manufacturers MX10C8052FC Datasheet HTML 8Page - List of Unclassifed Manufacturers MX10C8052FC Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
P/N:PM0591
REV. 0.3, APR. 09, 1999
MX10C805X
Table 2. Status of the External Pins during Idle and Power Down
Mode
Program Memory
ALE
PSEN
PORT0
PORT1
PORT2
PORT3
Idle
Internal
1
1
Data
Data
Data
Data
Idle
External
1
1
Float
Data
Address
Data
Power Down
Internal
0
0
Data
Data
Data
Data
Power Down
External
0
0
Float
Data
Data
Data
POWER DOWN MODE
To save even more power, a Power Down mode can be
invoked by software. If this mode, the oscillator is stopped
and the instruction that invoked Power Down is the last
instruction executed. The on-chip RAM and Special
Function Registers retain their values until the Power
Down mode is terminated.
On the MX10C805X either a hardware reset or an ex-
ternal interrupt can cause an exit from Power Down. Re-
set redefines all the SFRs but does not change the on-
chip RAM. An external interrupt allows both the SFRs
and on-chip RAM to retain their values.
ABSOLUTE MAXIMUM RATING*
Ambient Temperature Under Bias
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Voltage on Any Other Pin to VSS
-0.5V to +6.5V
IOL Per I/O Pin
15mA
Power Dissipation
1.5W
(Based on PACKAGE heat transfer limitations, not de-
vice consumption)
IDLE MODE
The user's software can invoke the Idle Mode. When
the microcontroller is in this mode, power consumption
is reduced. The Special Function Registers and the
onboard RAM retain their values during Idle, but the pro-
cessor stops executing instructions. Idle Mode will be
exited if the chip is reset or if an enabled interrupt oc-
curs.
OPERATING CONDITIONS
Symbol
Description
Min
Max
Units
TA
Ambient Temperature Under Bias
Commerical
0
+70
°
C
Industrial
-40
+85
°
C
VCC
4.5
5.5
V
fOSC
Oscillator Frequency
3.5
40
MHz
To properly terminate Power Down, the reset or exter-
nal interrupt should not be executed before VCC is re-
stored to its normal operating level, and must be held
active long enough for the oscillator to restart and stabi-
lize (normally less than 10 ms).
With an external interrupt, INT0 and INT1 must be en-
abled and configured as level-sensitive. Holding the pin
low restarts the oscillator but bringing the pin back high
completes the exit. Once the interrupt is serviced, the
next instruction to be executed after RETI will be the
one following the instruction that put the device into Power
Down.


Similar Part No. - MX10C8052FC

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX10C805X MCNIX-MX10C805X Datasheet
96Kb / 14P
   SINGLE-CHIP 8-BIT MICROCONTROLLER
More results

Similar Description - MX10C8052FC

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com