Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJU3426 Datasheet(PDF) 5 Page - New Japan Radio

Part # NJU3426
Description  16-SEGMENT X 15-Digit VFD CONTROLLER / DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU3426 Datasheet(HTML) 5 Page - New Japan Radio

  NJU3426 Datasheet HTML 1Page - New Japan Radio NJU3426 Datasheet HTML 2Page - New Japan Radio NJU3426 Datasheet HTML 3Page - New Japan Radio NJU3426 Datasheet HTML 4Page - New Japan Radio NJU3426 Datasheet HTML 5Page - New Japan Radio NJU3426 Datasheet HTML 6Page - New Japan Radio NJU3426 Datasheet HTML 7Page - New Japan Radio NJU3426 Datasheet HTML 8Page - New Japan Radio NJU3426 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
-5 -
NJU3426
(4) DISPLAY SHIFT OPERATION
The display shift operation can be performed by changing the “Initial character address” of the “Command register 2”.
And, the number of digits for the display shift in the loop is determined by the “Shifting display digits” of the
“Command register 1”.
In other words, shifting display area ranges from the “Initial character address” specified by the
“Command register 2” to the last address designated by the “Command register 1”.
The default value of the “Initial character address” is C1 (0,0,0,1), as shown in the table of “Display data RAM”.
In
addition, supposing that the value of the “Shifting display digits” is “N”, the “Initial character address” must be set in the
range between C0 and CN in order not to exceed the digit “N”.
Because the display shift operation doesn’t apply to the
addresses beyond the range of the digit “N”, the display images, initially set, appear on these addresses.
Just for
reference, one character of display image is composed of 16 segments.
HOW TO SET LEFT DISPLAY SHIFT
The left display shift is carried out by incrementing the “Initial character address” gradually like C2, C3, C4, ---
CN.
To the contrary, decrementing the address performs right display shift.
The following description
provides the example on how to set the left display shift, using alphanumeric display images such as “0”, “1”,
“2”, ---, “9”, “A”, “B”, ---, and “E”.
STEP1) Setting display images in the display data RAM
Display RAM data
Character address
C0
C1
C2
C3
C4
C5
C6
C7
C8
C9 C10 C11 C12 C13 C14
Display image
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
SETP2) Setting the “Initial character address” to C2 and the “Shifting display digits N” to 12 (T11).
is not shifted.
In this setting, the display images of "2", "3”,- - - appear on the T0, T1, T2, - - - T10 pins respectively, and the
image “0” is on the T11 pin, which is assigned to the 12
th character address. The display images “D” and “E”
don’t shift but remain on the T12 and T13 pins, assigned to the 13
th and 14th characters respectively, because their
character addresses are outside of the digit “N”.
STEP3) Changing the “Initial character address” to C3, and leaving the “Shifting display digits N” as 12 (T11).
is not shifted.
Shifting display digits
C1
C2
C3
C0
C13
C14
T0
T1
T10
T11
T12
T13
C12
Character
address
Timing output
terminals
Character
Display image
1
2
11
12
13
14
Shifting display digits
C2
C3
C4
C1
C13
C14
T0
T1
T10
T11
T12
T13
C0
Character
address
Timing output
terminals
Character
Display image
1
2
11
12
13
14


Similar Part No. - NJU3426

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU3421A NJRC-NJU3421A Datasheet
399Kb / 13P
   VFD CONTROLLER DRIVER
NJU3421AF NJRC-NJU3421AF Datasheet
399Kb / 13P
   VFD CONTROLLER DRIVER
NJU3421AL NJRC-NJU3421AL Datasheet
399Kb / 13P
   VFD CONTROLLER DRIVER
NJU3422 NJRC-NJU3422 Datasheet
279Kb / 9P
   VFD CONTROLLER DRIVER
NJU3422L NJRC-NJU3422L Datasheet
279Kb / 9P
   VFD CONTROLLER DRIVER
More results

Similar Description - NJU3426

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66004SP MITSUBISHI-M66004SP Datasheet
182Kb / 14P
   16-DIGIT 5x7-SEGMENT VFD CONTROLLER
logo
Renesas Technology Corp
M66004SP RENESAS-M66004SP Datasheet
2Mb / 15P
   16-DIGIT 5*7-SEGMENT VFD CONTROLLER
logo
OKI electronic componet...
MSC1937-01 OKI-MSC1937-01 Datasheet
132Kb / 16P
   14/16-Segment x 16-Digit Display Controller/Driver
MSC7110-01 OKI-MSC7110-01 Datasheet
203Kb / 18P
   12-Segment x 16-Digit or 16-Segment x12-Digit Display Controller/Driver
logo
LDT Co., Ltd
LD1970 LDT-LD1970 Datasheet
709Kb / 26P
   16 SEGMENT X 12 GRID VFD DRIVER
logo
OKI electronic componet...
MSC1951-01 OKI-MSC1951-01 Datasheet
138Kb / 17P
   7-Segment x 16-Digit or 16-Segment x 6-Bargraph display Controller/Driver
logo
List of Unclassifed Man...
ML9270-01 ETC2-ML9270-01 Datasheet
232Kb / 13P
   33-Segment VFD Driver
logo
Silan Microelectronics ...
SC16315 SILAN-SC16315 Datasheet
556Kb / 11P
   VFD CONTROLLER/DRIVER
logo
OKI electronic componet...
MSM5267B-15 OKI-MSM5267B-15 Datasheet
128Kb / 9P
   33-BIT VFD SEGMENT DRIVER
logo
SamHop Microelectronics...
SM6311 SAMHOP-SM6311 Datasheet
116Kb / 11P
   VFD CONTROLLER / DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com