Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX10C8052PI Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MX10C8052PI
Description  SINGLE-CHIP 8-BIT MICROCONTROLLER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MX10C8052PI Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MX10C8052PI Datasheet HTML 1Page - List of Unclassifed Manufacturers MX10C8052PI Datasheet HTML 2Page - List of Unclassifed Manufacturers MX10C8052PI Datasheet HTML 3Page - List of Unclassifed Manufacturers MX10C8052PI Datasheet HTML 4Page - List of Unclassifed Manufacturers MX10C8052PI Datasheet HTML 5Page - List of Unclassifed Manufacturers MX10C8052PI Datasheet HTML 6Page - List of Unclassifed Manufacturers MX10C8052PI Datasheet HTML 7Page - List of Unclassifed Manufacturers MX10C8052PI Datasheet HTML 8Page - List of Unclassifed Manufacturers MX10C8052PI Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
P/N:PM0591
REV. 0.3, APR. 09, 1999
MX10C805X
SINGLE-CHIP 8-BIT MICROCONTROLLER
ADVANCED INFORMATION
FEATURE
• High performance CMOS ROM CPU
• Operation Voltage 5V
• Up to 40MHz operation (3.5MHz to 40MHz)
• Three 16-bit timer/counters
• 256 Bytes of on-chip data RAM
• 4/8/16/32/64 Kbytes on-chip Program memory
• 32 Programmable I/O lines
• On-chip Watch-Dog-Timer (WDT)
• 6 interrupt Sources
• ROM Code protection
• Two priority levels
• Power saving Idle and power down modes
• 64 K external program memory space
• 64 K external data memory space
• Available in PLCC, PQFP, and PDIP package
• Four 8-bit I/O ports
• Full-duplex enhanced UART compatible with the stan-
dard 80C51 and the 80C52
• Extended Temperature Range (-40°C to +85° C)
GENERAL DESCRIPTION
The single-chip 8-bit microcontroller is manufactured in
MXIC's advanced CMOS process. This device uses the
same powerful instruction set, has the same architec-
ture, and is pin-to-pin compatible with the existing 80C51.
The added features make it an even more powerful
microcontroller for applications that require clock out-
put, and up/down counting capabilities such as motor
control. It also has a more versatile serial channel that
facilitates multi-processor communications.
PIN CONFIGURATIONS
40 PDIP
44 PLCC
44 PQFP
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
(T2) P1.0
(T2EX) P1.1
P1.2
P1.3
P1.4
P1.5
P1.6
P1.7
RESET
(RXD) P3.0
(TXD)P3.1
(INT0) P3.2
(INT1) P3.3
(T0) P3.4
(T1) P3.5
(WR) P3.6
(RD) P3.7
XTAL2
XTAL1
VSS
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
VCC
P0.0 (AD0)
P0.1 (AD1)
P0.2 (AD2)
P0.3 (AD3)
P0.4 (AD4)
P0.5 (AD5)
P0.6 (AD6)
P0.7 (AD7)
EA
ALE
PSEN
P2.7 (A15)
P2.6 (A14)
P2.5 (A13)
P2.4 (A12)
P2.3 (A11)
P2.2 (A10)
P2.1 (A9)
P2.0 (A8)
MX10C805X
P1.5
P1.6
P1.7
RST
P3.0
N.C.
P3.1
P3.2
P3.3
P3.4
P3.5
P0.4
P0.5
P0.6
P0.7
EA
N.C.
ALE
PSEN
P2.7
P2.6
P2.5
644
40
39
34
29
7
12
17
18
23
28
1
1
11
12
22
23
33
34
44
P0.4
P0.5
P0.6
P0.7
EA
N.C.
ALE
PSEN
P2.7
P2.6
P2.5
P1.5
P1.6
P1.7
RST
P3.0
N.C.
P3.1
P3.2
P3.3
P3.4
P3.5
MX10C805X


Similar Part No. - MX10C8052PI

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX10C805X MCNIX-MX10C805X Datasheet
96Kb / 14P
   SINGLE-CHIP 8-BIT MICROCONTROLLER
More results

Similar Description - MX10C8052PI

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com