Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT3882 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # NT3882
Description  Dot Matrix LCD 40-Channel Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NT3882 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  NT3882 Datasheet HTML 1Page - List of Unclassifed Manufacturers NT3882 Datasheet HTML 2Page - List of Unclassifed Manufacturers NT3882 Datasheet HTML 3Page - List of Unclassifed Manufacturers NT3882 Datasheet HTML 4Page - List of Unclassifed Manufacturers NT3882 Datasheet HTML 5Page - List of Unclassifed Manufacturers NT3882 Datasheet HTML 6Page - List of Unclassifed Manufacturers NT3882 Datasheet HTML 7Page - List of Unclassifed Manufacturers NT3882 Datasheet HTML 8Page - List of Unclassifed Manufacturers NT3882 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
NT3882
5
AC Characteristics (VDD = 5.0V, GND = 0V, VEE = 0V, TA = 25
GC)
Symbol
Parameter
Terminal
Min.
Typ.
Max.
Unit
fCL2
Data Shift Frequency
CL2
-
-
400
KHz
tCWH
Clock Width
High
CL1, CL2
800
-
-
ns
tCWL
Low
CL2
800
-
-
ns
tDH
Data Hold Time
DL1, DL2
300
-
-
ns
tSUD
Data Set-up Time
DL1, DL2
300
-
-
ns
tSUC1
Clock Set-up Time (CL2
o CL1)
CL1, CL2
500
-
-
ns
tSUC2
Clock Set-up Time (CL1
o CL2)
CL1, CL2
500
-
-
ns
tCL
Clock Rise/Fall Time
CL1, CL2
-
-
200
ns
tPD
Data Delay Time
-
75
-
500
ns
Timing Waveforms
tCL
V IH
V IL
tCL
tCWH
tCWL
tCL
tDH
tSUD
tSUC1
tPD
tSUC2
tSUC2
tCWH
tCL
V OH
V OL
CL2
DL1,DL2
DR1,DR2
CL1


Similar Part No. - NT3882

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT3881D ETC-NT3881D Datasheet
207Kb / 29P
   Dot Matrix LCD Controller and Driver
NT3881DF-01 ETC-NT3881DF-01 Datasheet
207Kb / 29P
   Dot Matrix LCD Controller and Driver
NT3881DF-02 ETC-NT3881DF-02 Datasheet
207Kb / 29P
   Dot Matrix LCD Controller and Driver
NT3881DH-01 ETC-NT3881DH-01 Datasheet
207Kb / 29P
   Dot Matrix LCD Controller and Driver
NT3881DH-02 ETC-NT3881DH-02 Datasheet
207Kb / 29P
   Dot Matrix LCD Controller and Driver
More results

Similar Description - NT3882

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5839B1111 OKI-MSM5839B1111 Datasheet
134Kb / 7P
   DOT MATRIX LCD 40 DOT SEGMENT DRIVER
logo
Holtek Semiconductor In...
HT1602 HOLTEK-HT1602 Datasheet
215Kb / 6P
   40 Dot Matrix LCD Segment Driver
HT1602L HOLTEK-HT1602L Datasheet
106Kb / 7P
   40 Dot Matrix LCD Segment Driver
logo
New Japan Radio
NJU6407C NJRC-NJU6407C Datasheet
310Kb / 10P
   DOT MATRIX LCD 40-OUT SEGMENT DRIVER
logo
Integral Corp.
IZ0065 INTEGRAL-IZ0065 Datasheet
145Kb / 6P
   40 Channel Segment / Common Driver For Dot Matrix LCD
logo
Neotec Semiconductor Lt...
NT7065B NEOTEC-NT7065B Datasheet
457Kb / 16P
   40-Channel Segment / Common Driver For Dot Matrix LCD
Rev1.4 20130222
logo
Anpec Electronics Corop...
APU0065 ANPEC-APU0065 Datasheet
136Kb / 11P
   40 CH Driver for Dot Matrix LCD
logo
New Japan Radio
NJU6407CR NJRC-NJU6407CR Datasheet
315Kb / 10P
   DOT MATRIX LCD 40-OUT SEGMENT DRIVER?
logo
KODENSHI_AUK CORP.
KK0065 KODENSHI-KK0065 Datasheet
198Kb / 6P
   40 Channel Segment / Common Driver For Dot Matrix LCD
logo
List of Unclassifed Man...
NT3883 ETC1-NT3883 Datasheet
288Kb / 12P
   Dot Matrix LCD 80-Channel Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com