Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX10C8050FI Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MX10C8050FI
Description  SINGLE-CHIP 8-BIT MICROCONTROLLER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MX10C8050FI Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MX10C8050FI Datasheet HTML 1Page - List of Unclassifed Manufacturers MX10C8050FI Datasheet HTML 2Page - List of Unclassifed Manufacturers MX10C8050FI Datasheet HTML 3Page - List of Unclassifed Manufacturers MX10C8050FI Datasheet HTML 4Page - List of Unclassifed Manufacturers MX10C8050FI Datasheet HTML 5Page - List of Unclassifed Manufacturers MX10C8050FI Datasheet HTML 6Page - List of Unclassifed Manufacturers MX10C8050FI Datasheet HTML 7Page - List of Unclassifed Manufacturers MX10C8050FI Datasheet HTML 8Page - List of Unclassifed Manufacturers MX10C8050FI Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
P/N:PM0591
REV. 0.3, APR. 09, 1999
MX10C805X
PIN DESCRIPTIONS
VCC : Supply voltage.
VSS : Circuit ground.
Port 0 : Port 0 is an 8-bit, open drain, bidirectional I/O
port. As an output port each pin can sink several LS
TTL inputs. Port 0 pins that have 1's written to them
float, and in that state can be used as high-impedance
inputs.
Port 0 is also the multiplexed low-order address and data
bus during accesses to external Program and Data
Memory. In this application it uses strong internal pullups
when emitting 1's, and can source and sink serveral LS
TTL inputs.
Port 1 : Port 1 is an 8-bit bidirectional I/O port with inter-
nal pullups. The port 1 output buffers can drive LS TTL
inputs. Port 1 pins that have 1's written to them are
pulled high by the internal pullups, and in that state can
be used as inputs. As inputs, Port 1 pins that are exter-
nally pulled low will source current (IIL, on the data sheet)
because of the internal pullups.
In additional, Port 1 serves the functions of the following
special features of the MX10C805X :
Port Pin
Alternate Function
P1.0
T2 (External Count Input to Timer/
Counter 2), Clock-Out
P1.1
T2EX (Timer/Counter 2 Capture/Reload
Trigger and Direction Control)
Port 2 : Port 2 is an 8-bit bidirectional I/O port with inter-
nal pullups. The port 2 output buffers can drive LS TTL
inputs. Port 2 pins that have 1's written to them are
pulled high by the internal pullups, and in that state can
be used as inputs. As inputs, Port 2 pins that are exter-
nally pulled low will source current (IIL, on the data sheet)
because of the internal pullups.
Port 2 emits the high-order address byte during fetches
from external Program Memory and during accesses to
external Data Memory that use 16-bit addresses (MOVX
@DPTR). In this application it uses strong internal
pullups when emitting 1's. During accesses to external
Data Memory that use 8-bit addresses (MOVX @Ri),
Port 2 emits the contents of the P2 Special Function
Register.
Port 3 : Port 3 is an 8-bit bidirectional I/O port with inter-
nal pullups. The port 3 output buffers can drive LS TTL
inputs. Port 3 pins that have 1's written to them are
pulled high by the internal pullups, and in that state can
be used as inputs. As inputs, Port 3 pins that are exter-
nally pulled low will source current (IIL, on the data sheet)
because of the internal pullups.
Port 3 also serves the function of various special fea-
tures of the 8051 Family, as listed below :
Port Pin
Alternate Function
P3.0
RXD (serial input port)
P3.1
TXD (serial output port)
P3.2
INT0 (external interrupt 0)
P3.3
INT1 (external interrupt 1)
P3.4
T0 (Timer 0 external input)
P3.5
T1 (Timer 1 external input)
P3.6
WR (external data memory write sttobe)
P3.7
RD (external data memory read strobe)
PROCESS INFORMATION
This device is manufactured on a MXIC CMOS process.
PACKAGES
MX10C805
1
P
C
Temperature
C=0°C to 70°C
I=-40°C to 85°C
Package
P=PDIP
Q=PLCC
F=PQFP
ROM Size
0=64K Bytes
1=4K Bytes
2=8K Bytes
4=16K Bytes
8=32K Bytes


Similar Part No. - MX10C8050FI

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX10C805X MCNIX-MX10C805X Datasheet
96Kb / 14P
   SINGLE-CHIP 8-BIT MICROCONTROLLER
More results

Similar Description - MX10C8050FI

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com