Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC755CVGHU366LE Datasheet(PDF) 4 Page - ATMEL Corporation

Part # PC755CVGHU366LE
Description  PowerPC 755/745 RISC Microprocessor
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC755CVGHU366LE Datasheet(HTML) 4 Page - ATMEL Corporation

  PC755CVGHU366LE Datasheet HTML 1Page - ATMEL Corporation PC755CVGHU366LE Datasheet HTML 2Page - ATMEL Corporation PC755CVGHU366LE Datasheet HTML 3Page - ATMEL Corporation PC755CVGHU366LE Datasheet HTML 4Page - ATMEL Corporation PC755CVGHU366LE Datasheet HTML 5Page - ATMEL Corporation PC755CVGHU366LE Datasheet HTML 6Page - ATMEL Corporation PC755CVGHU366LE Datasheet HTML 7Page - ATMEL Corporation PC755CVGHU366LE Datasheet HTML 8Page - ATMEL Corporation PC755CVGHU366LE Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
4
PC755/745
2138D–HIREL–06/03
Single-cycle arithmetic, shifts, rotates, logical
Multiply and divide support (multi-cycle)
Early out multiply
Floating-point Unit and a 32-entry FPR File
Support for IEEE-754 standard single and double precision floating point
arithmetic
Hardware support for divide
Hardware support for denormalized numbers
Single-entry reservation station
Supports non-IEEE mode for time-critical operations
System Unit
Executes CR logical instructions and miscellaneous system instructions
Special register transfer instructions
Load/Store Unit
One cycle load or store cache access (byte, half-word, word, double-word)
Effective address generation
Hits under misses (one outstanding miss)
Single-cycle unaligned access within double word boundary
Alignment, zero padding, sign extend for integer register file
Floating point internal format conversion (alignment, normalization)
Sequencing for load/store multiples and string operations
Store gathering
Cache and TLB instructions
Big and Little-endian byte addressing supported
Misaligned Little-endian supported
Level 1 Cache structure
32K, 32 bytes line, 8-way set associative instruction cache (iL1)
32K, 32 bytes line, 8-way set associative data cache (dL1)
Cache locking for both instruction and data caches, selectable by group of
ways
Single-cycle cache access
Pseudo least-recently used (PLRU) replacement
Copy-back or Write Through data cache (on a page per page basis)
Supports all PowerPC memory coherency modes
Non-Blocking instruction and data cache (one outstanding miss under hits)
No snooping of instruction cache
Level 2 (L2) Cache Interface (not implemented on PC745)
Internal L2 cache controller and tags; external data SRAMs
256K, 512K, and 1-Mbyte 2-way set associative L2 cache support
Copyback or write-through data cache (on a page basis, or for all L2)
Instruction-only mode and data-only mode.
64 bytes (256K/512K) or 128 bytes (1M) sectored line size


Similar Part No. - PC755CVGHU366LE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PC70 VISHAY-PC70 Datasheet
122Kb / 3P
   Plate Capacitors with Contoured Rim - Class 1 Ceramic
Revision: 20-Nov-01
logo
Sharp Corporation
PC702V SHARP-PC702V Datasheet
67Kb / 4P
   High Collector-emitter Voltage Type Photocoupler
PC702V0NSZX SHARP-PC702V0NSZX Datasheet
69Kb / 5P
   High Collector-emitter Voltage Type Photocoupler
PC702V0YSZX SHARP-PC702V0YSZX Datasheet
69Kb / 5P
   High Collector-emitter Voltage Type Photocoupler
PC702V1NSZX SHARP-PC702V1NSZX Datasheet
69Kb / 5P
   High Collector-emitter Voltage Type Photocoupler
More results

Similar Description - PC755CVGHU366LE

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
PC7447A ATMEL-PC7447A Datasheet
595Kb / 44P
   PowerPC RISC microprocessor
logo
Motorola, Inc
MPC603E7TEC MOTOROLA-MPC603E7TEC Datasheet
551Kb / 36P
   PowerPC 603e RISC Microprocessor
MPC603E MOTOROLA-MPC603E Datasheet
132Kb / 31P
   PowerPC 603e RISC Microprocessor
logo
ATMEL Corporation
PC7457 ATMEL-PC7457 Datasheet
522Kb / 66P
   PowerPC 7457 RISC Microprocessor
logo
List of Unclassifed Man...
PC7410 ETC2-PC7410 Datasheet
1Mb / 57P
   PowerPC 7410 RISC Microprocessor
logo
ATMEL Corporation
PC7410 ATMEL-PC7410 Datasheet
692Kb / 54P
   PowerPC 7410 RISC Microprocessor Product Specification
logo
NXP Semiconductors
MPC604E NXP-MPC604E Datasheet
481Kb / 34P
   PowerPC 604eTM RISC Microprocessor Technical Summary
REV 1
MPC602EC NXP-MPC602EC Datasheet
440Kb / 26P
   PowerPC 602TM RISC Microprocessor Hardware Specification
5/96
MPC601 NXP-MPC601 Datasheet
556Kb / 32P
   PowerPC™ 601 RISC Microprocessor Technical Summary
REV 1
MPC603 NXP-MPC603 Datasheet
523Kb / 28P
   PowerPC™ 603 RISC Microprocessor Technical Summary
REV 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com