Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMWD15UN Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PMWD15UN
Description  Dual N-channel mTrenchMOS ultra low level FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMWD15UN Datasheet(HTML) 3 Page - NXP Semiconductors

  PMWD15UN Datasheet HTML 1Page - NXP Semiconductors PMWD15UN Datasheet HTML 2Page - NXP Semiconductors PMWD15UN Datasheet HTML 3Page - NXP Semiconductors PMWD15UN Datasheet HTML 4Page - NXP Semiconductors PMWD15UN Datasheet HTML 5Page - NXP Semiconductors PMWD15UN Datasheet HTML 6Page - NXP Semiconductors PMWD15UN Datasheet HTML 7Page - NXP Semiconductors PMWD15UN Datasheet HTML 8Page - NXP Semiconductors PMWD15UN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
9397 750 14713
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 04 — 5 April 2005
3 of 12
Philips Semiconductors
PMWD15UN
Dual N-channel
µTrenchMOS™ ultra low level FET
VGS ≥ 4.5 V
Fig 1.
Normalized total power dissipation as a
function of solder point temperature
Fig 2.
Normalized continuous drain current as a
function of solder point temperature
Tsp =25 °C; IDM is single pulse
Fig 3.
Safe operating area; continuous and peak drain currents as a function of drain-source voltage
03aa17
0
40
80
120
0
50
100
150
200
Tsp (
°C)
Pder
(%)
03aa25
0
40
80
120
0
50
100
150
200
Tsp (
°C)
Ider
(%)
P
der
P
tot
P
tot 25 C
°
()
------------------------
100 %
×
=
I
der
I
D
I
D25 C
°
()
---------------------
100 %
×
=
003aaa250
10
-2
10
-1
1
10
10
2
10
-1
1
10
10
2
VDS (V)
ID
(A)
DC
100 ms
10 ms
Limit RDSon = VDS / ID
1 ms
tp = 100 µ s
1 s


Similar Part No. - PMWD15UN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMWD16UN PHILIPS-PMWD16UN Datasheet
94Kb / 12P
   Dual N-channel uTrenchMOS ultra low level FET
Rev. 02-24 March 2005
PMWD18UN PHILIPS-PMWD18UN Datasheet
92Kb / 12P
   Dual N-channel mTrenchMOS ultra low level FET
Rev. 02-23 February 2004
PMWD19UN PHILIPS-PMWD19UN Datasheet
224Kb / 12P
   DUAL uTRENCHMOS ULTRA LOW LEVEL FET
Rev. 01-20 December 2002
More results

Similar Description - PMWD15UN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMGD280UN PHILIPS-PMGD280UN Datasheet
94Kb / 12P
   Dual N-channel mTrenchMOS ultra low level FET
Rev. 01-10 February 2004
PMWD18UN PHILIPS-PMWD18UN Datasheet
92Kb / 12P
   Dual N-channel mTrenchMOS ultra low level FET
Rev. 02-23 February 2004
PMGD400UN PHILIPS-PMGD400UN Datasheet
93Kb / 12P
   Dual N-channel mTrenchMOS??ultra low level FET
Rev. 01-3 March 2004
PMR400UN PHILIPS-PMR400UN Datasheet
90Kb / 12P
   N-channel mTrenchMOS ultra low level FET
Rev. 01-3 March 2004
logo
Nexperia B.V. All right...
PMGD400UN NEXPERIA-PMGD400UN Datasheet
213Kb / 13P
   Dual N-channel mTrenchMOS™ ultra low level FET
Rev. 01 - 3 March 2004
logo
NXP Semiconductors
PMR280UN PHILIPS-PMR280UN Datasheet
89Kb / 12P
   N-channel mTrenchMOS ultra low level FET
Rev. 01-5 March 2004
logo
Nexperia B.V. All right...
PMGD280UN NEXPERIA-PMGD280UN Datasheet
212Kb / 13P
   Dual N-channel mTrenchMOS™ ultra low level FET
Rev. 01 - 10 February 2004
logo
NXP Semiconductors
PMF400UN PHILIPS-PMF400UN Datasheet
91Kb / 12P
   N-channel mTrenchMOS ultra low level FET
Rev. 01-11 February 2004
logo
Nexperia B.V. All right...
PMF400UN NEXPERIA-PMF400UN Datasheet
209Kb / 13P
   N-channel mTrenchMOS™ ultra low level FET
Rev. 01 - 11 February 2004
logo
NXP Semiconductors
PMGD290XN PHILIPS-PMGD290XN Datasheet
96Kb / 12P
   Dual N-channel mTrenchMOS extremely low level FET
Rev. 01-26 February 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com