Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PNX8510 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PNX8510
Description  Analog companion chip
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PNX8510 Datasheet(HTML) 1 Page - NXP Semiconductors

  PNX8510 Datasheet HTML 1Page - NXP Semiconductors PNX8510 Datasheet HTML 2Page - NXP Semiconductors PNX8510 Datasheet HTML 3Page - NXP Semiconductors PNX8510 Datasheet HTML 4Page - NXP Semiconductors PNX8510 Datasheet HTML 5Page - NXP Semiconductors PNX8510 Datasheet HTML 6Page - NXP Semiconductors PNX8510 Datasheet HTML 7Page - NXP Semiconductors PNX8510 Datasheet HTML 8Page - NXP Semiconductors PNX8510 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 92 page
background image
PNX8510; PNX8511
Analog companion chip
Rev. 04 – 12 January 2004
Product data
1.
General description
The PNX8510; PNX8511 is an analog backend companion chip to digital ICs
processing video and audio signals.
The primary difference between the PNX8510 and the PNX8511 is:
PNX8510 includes the Macrovision™ pay-per-view copy protection system
PNX8511 does not include Macrovision™
PNX8510/11 provides two video encoders through two standardized D1 interfaces.
The encoders can be bypassed to get direct access to the video DACs for higher
resolution displays. PNX8510/11 also contains a sophisticated sync raster engine
which can be utilized to generate various synchronization patterns for interlaced and
non-interlaced image formats. The sync raster engine together with an up-sampling
filter and a sync insertion unit compose a complete HDTV-capable data path
including tri-level sync generation.
PNX8510/11
also provides two independent pairs of stereo audio DACs with two
corresponding I2S-bus interfaces.
Figure 1 shows the PNX8510/11 with a typical source decoder.
2.
Features
2.1 PNX8510
Six 10-bit video DACs running at up to 135 MHz 1LSB DNL
Four audio DACs arranged as two stereo pairs
Two built-in digital video encoders
PAL B/G, NTSC-M and SECAM encoding
Two 10-bit D1 inputs with embedded VBI data
Two I2S-bus independent audio input ports
I2C-bus programmable (slave interface)
Support for high resolution video out up to 81 MHz interface clock rate
Support for input modes 2xD1, RGB, 1x 2D1 muxed, 24/30-bit RGB, DD1
Programmable generation of embedded analog and external digital sync signals
compliant to VESA and SMPTE 274 standards
VBI encoding for standard definition video out


Similar Part No. - PNX8510

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PNX8526 PHILIPS-PNX8526 Datasheet
3Mb / 59P
   Programmable source decoder with integrated peripherals
Rev. 01-6 October 2003
PNX8526EH PHILIPS-PNX8526EH Datasheet
3Mb / 59P
   Programmable source decoder with integrated peripherals
Rev. 01-6 October 2003
More results

Similar Description - PNX8510

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD12S016 TI1-TPD12S016_15 Datasheet
1Mb / 32P
[Old version datasheet]   HDMI Companion Chip
logo
EPCOS
S1D13A05B00B200 EPCOS-S1D13A05B00B200 Datasheet
1Mb / 184P
   LCD/USB Companion Chip
logo
IC-Haus GmbH
IC-TW14 ICHAUS-IC-TW14 Datasheet
684Kb / 33P
   IC-PMX Companion Chip
logo
NEC
UPD31172 NEC-UPD31172 Datasheet
278Kb / 9P
   VRC4172TM COMPANION CHIP FOR VR4121TM
logo
Melexis Microelectronic...
MLX75123 MELEXIS-MLX75123 Datasheet
2Mb / 48P
   Time-of-Flight Companion Chip
logo
List of Unclassifed Man...
ES3207 ETC-ES3207 Datasheet
72Kb / 4P
   Video CD/DVD Companion Chip
logo
Epson Company
S1D13A04 EPSON-S1D13A04 Datasheet
152Kb / 3P
   S1D13A04 LCD/USB Companion Chip
logo
List of Unclassifed Man...
ES3883 ETC-ES3883 Datasheet
38Kb / 4P
   Video CD Companion Chip Product Brief
logo
Intel Corporation
GW80314GSSL7NK INTEL-GW80314GSSL7NK Datasheet
1Mb / 88P
   Intel짰 GW80314 I/O Companion Chip
logo
NXP Semiconductors
UJA1169L NXP-UJA1169L Datasheet
526Kb / 74P
   Mini high-speed CAN companion system basis chip
Rev. 1 ??15 February 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com