Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS7141L-1B-E4 Datasheet(PDF) 4 Page - NEC

Part # PS7141L-1B-E4
Description  6 AND 8 PIN DIP 400 V BREAKDOWN VOLTAGE NORMALLY CLOSED TYPE 1-CH, 2-CH OPTICAL COUPLED MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS7141L-1B-E4 Datasheet(HTML) 4 Page - NEC

  PS7141L-1B-E4 Datasheet HTML 1Page - NEC PS7141L-1B-E4 Datasheet HTML 2Page - NEC PS7141L-1B-E4 Datasheet HTML 3Page - NEC PS7141L-1B-E4 Datasheet HTML 4Page - NEC PS7141L-1B-E4 Datasheet HTML 5Page - NEC PS7141L-1B-E4 Datasheet HTML 6Page - NEC PS7141L-1B-E4 Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MAX FORWARD CURRENT
vs. AMBIENT TEMPERATURE
Ambient Temperature, TA (
°C)
Ambient Temperature, TA (
°C)
NORMALIZED ON-STATE RESISTANCE
vs. AMBIENT TEMPERATURE
Ambient Temperature, TA (
°C)
MAX LOAD CURRENT
vs. AMBIENT TEMPERATURE
On-state Resistance, RON (
Ω)
ON-STATE RESISTANCE DISTRIBUTION
Supply Voltage, VCC (V)
Ambient Temperature, TA (
°C)
OUTPUT CAPACITANCE
vs. SUPPLY VOLTAGE
FORWARD VOLTAGE vs.
AMBIENT TEMPERATURE
TYPICAL PERFORMANCE CURVES (TA = 25 °C)
PS7141-1B,-2B, PS7141L-1B,-2B
100
80
60
40
20
0
025
-25
50
75
80
100
300
200
100
0
025
-25
50
75
80
100
200
150
100
50
0
20
40
60
80
100
120
f = 1 MHz
1.6
1.4
1.2
1.0
0.8
025
-25
50
75
100
IF = 50 mA
30 mA
20 mA
10 mA
5 mA
1 mA
Normalized to 1.0
at TA = 25
°C
IF = 0 mA
IL = 10 mA
3.0
2.5
2.0
1.5
1.0
0.5
0.0
-25
025
50
75
100
30
25
15
20
10
5
0
18
22
n = 50 pcs
IF = 0 mA
IL = 10 mA


Similar Part No. - PS7141L-1B-E4

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7141L-1B-E4 CEL-PS7141L-1B-E4 Datasheet
384Kb / 11P
   6, 8-PIN DIP, 400 V BREAK DOWN VOLTAGE, NORMALLY CLOSE TYPE 1-ch, 2-ch Optical Coupled MOS FET
PS7141L-1B-E4-A CEL-PS7141L-1B-E4-A Datasheet
384Kb / 11P
   6, 8-PIN DIP, 400 V BREAK DOWN VOLTAGE, NORMALLY CLOSE TYPE 1-ch, 2-ch Optical Coupled MOS FET
More results

Similar Description - PS7141L-1B-E4

ManufacturerPart #DatasheetDescription
logo
NEC
PS7141-2A NEC-PS7141-2A Datasheet
46Kb / 6P
   8 PIN DIP 400 V BREAKDOWN VOLTAGE 2-CH OPTICAL COUPLED MOSFET
PS7122A-1B NEC-PS7122A-1B Datasheet
76Kb / 7P
   6, 8 PIN DIP 250 V BREAK DOWN VOLTAGE NORMALLY CLOSED TYPE 1-CH, 2-CH OPTICAL COUPLED MOSFET
logo
California Eastern Labs
PS7142-1C CEL-PS7142-1C Datasheet
54Kb / 7P
   8 PIN DIP 400 V BREAKDOWN VOLTAGE, TRANSFER TYPE 2-CH OPTICAL COUPLED MOSFET
PS7142-1B CEL-PS7142-1B Datasheet
389Kb / 11P
   6, 8-PIN DIP, 400 V BREAK DOWN VOLTAGE, NORMALLY CLOSE TYPE 1-ch, 2-ch Optical Coupled MOS FET
PS7141-1B CEL-PS7141-1B Datasheet
384Kb / 11P
   6, 8-PIN DIP, 400 V BREAK DOWN VOLTAGE, NORMALLY CLOSE TYPE 1-ch, 2-ch Optical Coupled MOS FET
PS71421B CEL-PS71421B Datasheet
391Kb / 15P
   6, 8-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch, 2-ch Optical Coupled MOS FET
logo
NEC
PS7241-1C NEC-PS7241-1C Datasheet
65Kb / 7P
   8 PIN SOP 400 V BREAKDOWN VOLTAGE TRANSFER TYPE 2-CH OPTICAL COUPLED MOSFET
logo
California Eastern Labs
PS7522-1A CEL-PS7522-1A Datasheet
67Kb / 7P
   6, 8 PIN DIP SLOW SWITCHING TYPE 1-CH, 2-CH OPTICAL COUPLED MOSFET
PS71221 CEL-PS71221 Datasheet
72Kb / 7P
   6 AND 8 PIN DIP, 200 V BREAK DOWN VOLTAGE 1-CH, 2-CH OPTICAL COUPLED MOSFET
PS7122A-1B CEL-PS7122A-1B Datasheet
381Kb / 15P
   6, 8-PIN DIP, 250 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch, 2-ch Optical Coupled MOS FET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com