Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSMN006-20K Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PSMN006-20K
Description  TrenchMOS ultra low level FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSMN006-20K Datasheet(HTML) 5 Page - NXP Semiconductors

  PSMN006-20K Datasheet HTML 1Page - NXP Semiconductors PSMN006-20K Datasheet HTML 2Page - NXP Semiconductors PSMN006-20K Datasheet HTML 3Page - NXP Semiconductors PSMN006-20K Datasheet HTML 4Page - NXP Semiconductors PSMN006-20K Datasheet HTML 5Page - NXP Semiconductors PSMN006-20K Datasheet HTML 6Page - NXP Semiconductors PSMN006-20K Datasheet HTML 7Page - NXP Semiconductors PSMN006-20K Datasheet HTML 8Page - NXP Semiconductors PSMN006-20K Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Philips Semiconductors
PSMN006-20K
TrenchMOS™ ultra low level FET
Product data
Rev. 01 — 30 May 2002
5 of 12
9397 750 09631
© Koninklijke Philips Electronics N.V. 2002. All rights reserved.
8.
Characteristics
Table 5:
Characteristics
Tj =25 °C unless otherwise specified
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
V(BR)DSS drain-source breakdown voltage
ID = 250 µA; VGS = 0 V
20
--V
VGS(th)
gate-source threshold voltage
ID = 1 mA; VDS =VGS; Figure 9
Tj =25 °C
0.4
0.7
-
V
Tj = 150 °C
0.15
-
-
V
IDSS
drain-source leakage current
VDS =20V; VGS =0V
Tj =25 °C
-
0.05
1
µA
Tj = 150 °C
-
-
0.5
mA
IGSS
gate-source leakage current
VGS = ±8 V; VDS = 0 V
-
10
100
nA
RDSon
drain-source on-state resistance
VGS = 4.5 V; ID =5A; Figure 7 and 8
-
4.2
5
m
VGS = 2.5 V; ID =5A; Figure 7 and 8
-
4.8
5.7
m
VGS = 1.8 V; ID =5A; Figure 8
-
5.7
8.2
m
Dynamic characteristics
gfs
forward transconductance
VDS =15V; ID =10A
-
25
-
S
Qg(tot)
total gate charge
ID = 30 A; VDD =10V; VGS = 2.5 V; Figure 13
-32
-
nC
Qgs
gate-source charge
-
10
-
nC
Qgd
gate-drain (Miller) charge
-
13.2
-
nC
Ciss
input capacitance
VGS =0V; VDS = 20 V; f = 1 MHz; Figure 11
-4350 -pF
Coss
output capacitance
-
825
-
pF
Crss
reverse transfer capacitance
-
550
-
pF
td(on)
turn-on delay time
VDD =10V; RL =10 Ω; VGS = 4.5 V; RG =6 Ω
-65
-
ns
tr
rise time
-32
-
ns
td(off)
turn-off delay time
-
190
-
ns
tf
fall time
-90
-
ns
Source-drain diode
VSD
source-drain (diode forward) voltage IS = 3 A; VGS =0V; Figure 12
-
0.75
1.3
V
trr
reverse recovery time
IS = 10 A; dIS/dt = −70 A/µs; VGS = 0 V
-
47
-
ns
Qr
recovery charge
-
17
-
nC


Similar Part No. - PSMN006-20K

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN006-20K NXP-PSMN006-20K Datasheet
191Kb / 12P
   N-channel TrenchMOS SiliconMAX ultra low level FET
Rev. 01-17 November 2009
logo
Nexperia B.V. All right...
PSMN006-20K NEXPERIA-PSMN006-20K Datasheet
691Kb / 12P
   N-channel TrenchMOS SiliconMAX ultra low level FET
Rev. 01 - 17 November 2009
logo
NXP Semiconductors
PSMN006-20K518 NXP-PSMN006-20K518 Datasheet
261Kb / 12P
   Very low on-state resistance
Rev. 01-30 May 2002
More results

Similar Description - PSMN006-20K

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
PMV40UN ZPSEMI-PMV40UN Datasheet
186Kb / 3P
   TrenchMOS??ultra low level FET
logo
NXP Semiconductors
PMN27UN PHILIPS-PMN27UN Datasheet
237Kb / 12P
   TrenchMOS ultra low level FET
Rev. 01-27 September 2002
PMN34UN PHILIPS-PMN34UN Datasheet
234Kb / 12P
   TrenchMOS ultra low level FET
Rev. 01-26 February 2003
PMV40UN PHILIPS-PMV40UN Datasheet
241Kb / 12P
   TrenchMOS ultra low level FET
Rev. 01-05 August 2003
PMN28UN PHILIPS-PMN28UN Datasheet
237Kb / 12P
   TrenchMOS??ultra low level FET
Rev. 01-27 September 2002
logo
Nexperia B.V. All right...
PMN28UN NEXPERIA-PMN28UN Datasheet
341Kb / 13P
   TrenchMOS™ ultra low level FET
Rev. 01 - 27 September 2002
PMN27UN NEXPERIA-PMN27UN Datasheet
342Kb / 13P
   TrenchMOS™ ultra low level FET
Rev. 01 - 27 September 2002
PMV40UN NEXPERIA-PMV40UN Datasheet
345Kb / 13P
   TrenchMOS™ ultra low level FET
Rev. 01 - 05 August 2003
PMV30UN NEXPERIA-PMV30UN Datasheet
342Kb / 13P
   TrenchMOS™ ultra low level FET
Rev. 01 - 25 June 2003
PH2520U NEXPERIA-PH2520U Datasheet
699Kb / 12P
   N-channel TrenchMOS ultra low level FET
Rev. 03 - 2 March 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com