Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18LFXX39T Datasheet(PDF) 9 Page - Microchip Technology

Part # PIC18LFXX39T
Description  Enhanced FLASH Microcontrollers with Single Phase Induction Motor Control Kernel
Download  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LFXX39T Datasheet(HTML) 9 Page - Microchip Technology

Back Button PIC18LFXX39T Datasheet HTML 5Page - Microchip Technology PIC18LFXX39T Datasheet HTML 6Page - Microchip Technology PIC18LFXX39T Datasheet HTML 7Page - Microchip Technology PIC18LFXX39T Datasheet HTML 8Page - Microchip Technology PIC18LFXX39T Datasheet HTML 9Page - Microchip Technology PIC18LFXX39T Datasheet HTML 10Page - Microchip Technology PIC18LFXX39T Datasheet HTML 11Page - Microchip Technology PIC18LFXX39T Datasheet HTML 12Page - Microchip Technology PIC18LFXX39T Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 322 page
background image
 2002 Microchip Technology Inc.
Preliminary
DS30485A-page 7
PIC18FXX39
1.0
DEVICE OVERVIEW
This document contains device specific information for
the following devices:
This family offers the advantages of all PIC18 micro-
controllers - namely, high computational performance
at an economical price - with the addition of high-endur-
ance Enhanced FLASH program memory. The
PIC18FXX39 family also provides an off-the-shelf solu-
tion for simple motor control applications, allowing
users to create speed control solutions with small part
counts and short development times.
1.1
Key Features
1.1.1
PROGRAMMABLE MOTOR
PROCESSOR TECHNOLOGY
(ProMPT™) MOTOR CONTROL
The integrated motor control kernel uses on-chip Pulse
Width Modulation (PWM) to provide speed control for
single phase induction motors. Through a convenient
set of Application Program Interfaces (APIs) and vari-
able frequency technology for open loop control, users
can develop applications with little or no previous expe-
rience in motor control techniques. ProMPT motor con-
trol provides modulated output over a range of 0 to
127 Hz, and has a pre-defined V/F curve that can be
reprogrammed to suit the application.
1.1.2
OTHER PIC18FXX39 FEATURES
• Memory Endurance: The Enhanced FLASH cells
for both program memory and data EEPROM are
rated to last for many thousands of erase/write
cycles - up to 100,000 for program memory, and
1,000,000 for EEPROM. Data retention without
refresh is conservatively estimated to be greater
than 100 years at 25°C.
• Self-programmability: These devices can write to
their own program memory spaces under internal
software control. By using a bootloader routine
located in the protected Boot Block at the top of pro-
gram memory, it becomes possible to create an
application that can update itself in the field.
• Addressable USART: This serial communication
module is capable of standard RS-232 operation
using the internal oscillator block, removing the
need for an external crystal (and its accompanying
power requirement) in applications that talk to the
outside world.
• 10-bit A/D Converter: This module offers up to
8 conversion channels for flexibility in sensor
monitoring and control, as well as the ability to do
conversions while the device is in SLEEP mode.
1.2
Details on Individual Family
Members
Devices in the PIC18FXX39 family are available in
28-pin (PIC18F2X39) and 40/44-pin (PIC18F4X39)
packages. Block diagrams for the two groups are
shown in Figure 1-1 and Figure 1-2.
The devices are differentiated from each other in four
ways:
1.
FLASH program memory and data RAM
(12 Kbytes and 640 bytes for PIC18FX439
devices,
24 Kbytes
and
1408 bytes
for
PIC18FX539)
2.
A/D channels (5 for PIC18F2X39 devices, 8 for
PIC18F4X39)
3.
I/O ports (3 ports on PIC18F2X39, 5 ports on
PIC18F4X39 devices)
4.
Parallel
Slave
Port
(present
only
on
PIC18F4X39 devices)
All other features for devices in this family are identical.
These are summarized in Table 1-1.
The pinouts for all devices are listed in Table 1-2 and
Table 1-3.
• PIC18F2439
• PIC18F4439
• PIC18F2539
• PIC18F4539


Similar Part No. - PIC18LFXX39T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18LFXX2-E/L MICROCHIP-PIC18LFXX2-E/L Datasheet
5Mb / 332P
   High-Performance, Enhanced Flash Microcontrollers with 10-Bit A/D
08/29/06
PIC18LFXX2-E/P MICROCHIP-PIC18LFXX2-E/P Datasheet
5Mb / 332P
   High-Performance, Enhanced Flash Microcontrollers with 10-Bit A/D
08/29/06
PIC18LFXX2-E/PT MICROCHIP-PIC18LFXX2-E/PT Datasheet
5Mb / 332P
   High-Performance, Enhanced Flash Microcontrollers with 10-Bit A/D
08/29/06
PIC18LFXX2-E/SO MICROCHIP-PIC18LFXX2-E/SO Datasheet
5Mb / 332P
   High-Performance, Enhanced Flash Microcontrollers with 10-Bit A/D
08/29/06
PIC18LFXX2-E/SP MICROCHIP-PIC18LFXX2-E/SP Datasheet
5Mb / 332P
   High-Performance, Enhanced Flash Microcontrollers with 10-Bit A/D
08/29/06
More results

Similar Description - PIC18LFXX39T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18FXX39 MICROCHIP-PIC18FXX39 Datasheet
2Mb / 322P
   Enhanced FLASH Microcontrollers with Single Phase Induction Motor Control Kernel
11/29/12 2002-2013
PIC18F2439 MICROCHIP-PIC18F2439 Datasheet
6Mb / 322P
   Enhanced FLASH Microcontrollers with Single Phase Induction
2002
logo
Freescale Semiconductor...
56F8300 FREESCALE-56F8300 Datasheet
563Kb / 16P
   3-Phase AC Induction Motor V/Hz Control
logo
Microchip Technology
PIC16F819-E MICROCHIP-PIC16F819-E Datasheet
1Mb / 176P
   Enhanced Flash Microcontrollers
09/27/04
logo
STMicroelectronics
AN1904 STMICROELECTRONICS-AN1904 Datasheet
1Mb / 102P
   ST7MC three-phase AC induction motor control software library
logo
Microchip Technology
PIC16LF819-I MICROCHIP-PIC16LF819-I Datasheet
1Mb / 176P
   Enhanced Flash Microcontrollers with nanoWatt Technology
09/27/04
PIC16F819-I MICROCHIP-PIC16F819-I Datasheet
1Mb / 176P
   Enhanced Flash Microcontrollers with nanoWatt Technology
09/27/04
logo
Texas Instruments
MDL-ACIM TI-MDL-ACIM Datasheet
220Kb / 5P
[Old version datasheet]   AC Induction Motor (ACIM) Control Board
logo
ATMEL Corporation
ATAVRMC200 ATMEL-ATAVRMC200 Datasheet
147Kb / 2P
   AC Induction Motor Control Evaluation Kit
logo
STMicroelectronics
AN2991 STMICROELECTRONICS-AN2991 Datasheet
262Kb / 14P
   Single-phase induction motor drive for refrigerator compressor application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com