Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1A0901X01-A0B0 Datasheet(PDF) 3 Page - Samsung semiconductor

Part # S1A0901X01-A0B0
Description  AM/FM TUNER MPX
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1A0901X01-A0B0 Datasheet(HTML) 3 Page - Samsung semiconductor

  S1A0901X01-A0B0 Datasheet HTML 1Page - Samsung semiconductor S1A0901X01-A0B0 Datasheet HTML 2Page - Samsung semiconductor S1A0901X01-A0B0 Datasheet HTML 3Page - Samsung semiconductor S1A0901X01-A0B0 Datasheet HTML 4Page - Samsung semiconductor S1A0901X01-A0B0 Datasheet HTML 5Page - Samsung semiconductor S1A0901X01-A0B0 Datasheet HTML 6Page - Samsung semiconductor S1A0901X01-A0B0 Datasheet HTML 7Page - Samsung semiconductor S1A0901X01-A0B0 Datasheet HTML 8Page - Samsung semiconductor S1A0901X01-A0B0 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AM/FM TUNER + MPX
S1A0901X01/A01
3
ELECTRICAL CHARACTERISTICS
(Ta = 25
°C, V
CC = 3 V, unless otherwise specified)
FM F/E: f = 98MHz, fm = 1kHz,
∆f = 22.5kHz AM: f = 1MHz, fm = 1kHz, 30 % Mod
FM IF: f = 10.7MHz, fm = 1kHz,
∆f = 22.5kHz MPX: f = 1kHz, L + R = 90%, P = 10%, V
I = 150mV
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Test Circuit
Quiescent Circuit Current
ICCQ1
FM, VI = 0
10
14
18
mA
1
ICCQ2
AM, VI = 0
3.5
6.0
9
mA
1
F/E
-3 dB Limiting Sensitivity
VI (LIM)1
VO = −3dB
10
14
18
dB
µ
1
Oscillation Voltage
VOSC
fOSC = 98MHz
70
105
140
mV
2
FM
IF
-3 dB Limiting Sensitivity
VI(LIM)2
VO = −3dB
39
44
49
dB
µ
1
Detector Output Voltage
VO (DET)1
VI = 80dBµ
55
80
110
mV
1
Signal to Noise Ratio
S/N1
VI = 80dBµ
60
70
dB
1
Total Harmonic Distortion
THD1
VI = 80dBµ
0.4
1
%
1
AM Rejection Ratio
AMR
VI = 80dBµ
40
50
dB
1
Tuning Indication Voltage
VLI
ILED = 1mA
39
44
49
dB
µ
1
AM
IF
Voltage Gain
GV1
VI = 23dBµ
20
40
80
mV
1
Detector Output Voltage
VO(DET)2
VI = 60dBµ
50
60
100
mV
1
Signal to Noise Ratio
S/N2
VI = 60dBµ
34
44
dB
1
Total Harmonic Distortion
THD2
VI = 60dBµ
1
2
%
1
Tuning Indication Voltage
VL2
ILED = 1mA
19
24
30
dB
µ
1


Similar Part No. - S1A0901X01-A0B0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1A0900X01 SAMSUNG-S1A0900X01 Datasheet
197Kb / 10P
   AM/FM TUNER MPX
S1A0900X01-A0B0 SAMSUNG-S1A0900X01-A0B0 Datasheet
197Kb / 10P
   AM/FM TUNER MPX
S1A0900X01-S0B0 SAMSUNG-S1A0900X01-S0B0 Datasheet
197Kb / 10P
   AM/FM TUNER MPX
S1A0902X01 SAMSUNG-S1A0902X01 Datasheet
263Kb / 20P
   AM/FM TUNER MPX
S1A0902X01-A0B0 SAMSUNG-S1A0902X01-A0B0 Datasheet
263Kb / 20P
   AM/FM TUNER MPX
More results

Similar Description - S1A0901X01-A0B0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA22900-D SAMSUNG-KA22900-D Datasheet
242Kb / 10P
   AM/FM TUNER MPX
S1A0902X01 SAMSUNG-S1A0902X01 Datasheet
263Kb / 20P
   AM/FM TUNER MPX
KA22901 SAMSUNG-KA22901 Datasheet
212Kb / 10P
   AM/FM TUNER MPX
KA2295-Q SAMSUNG-KA2295-Q Datasheet
247Kb / 8P
   AM/FM TUNER MPX
KB22902 SAMSUNG-KB22902 Datasheet
122Kb / 6P
   AM/FM TUNER MPX
S1A0900X01 SAMSUNG-S1A0900X01 Datasheet
197Kb / 10P
   AM/FM TUNER MPX
S1A2298A01 SAMSUNG-S1A2298A01 Datasheet
172Kb / 10P
   AM/FM TUNER MPX
logo
Panasonic Semiconductor
AN7025K PANASONIC-AN7025K Datasheet
386Kb / 6P
   AM Tuner/FM-IF FM MPX
logo
Samsung semiconductor
S1A0903X01 SAMSUNG-S1A0903X01 Datasheet
119Kb / 10P
   AM/FM TUNER MPX PLL
logo
Sanyo Semicon Device
LA1826 SANYO-LA1826 Datasheet
331Kb / 16P
   AM/FM Tuner with MPX Stereo Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com